Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2931M Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LM2931M
Description  100mA Low Dropout Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LM2931M Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LM2931M Datasheet HTML 1Page - List of Unclassifed Manufacturers LM2931M Datasheet HTML 2Page - List of Unclassifed Manufacturers LM2931M Datasheet HTML 3Page - List of Unclassifed Manufacturers LM2931M Datasheet HTML 4Page - List of Unclassifed Manufacturers LM2931M Datasheet HTML 5Page - List of Unclassifed Manufacturers LM2931M Datasheet HTML 6Page - List of Unclassifed Manufacturers LM2931M Datasheet HTML 7Page - List of Unclassifed Manufacturers LM2931M Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Bay Linear, Inc
2478 Armstrong Street, Livermore, CA 94550 Tel: (925) 989-7144, Fax: (925) 940-9556
www.baylinear.com
LM2931
Absolute Maximum Rating
Parameter
Power Dissipation
Internally Limited
Lead Temperature ( Soldering 5 seconds )
260
°C
Storage Temperature Range
-65
°C to +150 °C
Operating Junction Temperature
-55
°C to +150 °C
Input Supply Voltage
-20 to +35V
Electrical Characteristics
TJ = 25°C , IO = 100µA, VIN = 14V ( for 2931-15 VIN = 16V), CO = 100µF; unless otherwise specified)
Parameter
Conditions
MIN
TYP
MAX
UNIT
Output Voltage
(Fixed Version)
-25
°C ≤ Tj ≤ 85 °C
Full Operating Temperature
0.985 [ Vo ]
0.98 [ Vo ]
Vo
1.015 [ Vo ]
1.02 [ Vo ]
V
Output Voltage (Fixed Version)
100
µA ≤ IL ≤ 100mA, Tj ≤ T jmax
0.975 [Vo ]
Vo
1.025 [ Vo ]
V
Input Supply Voltage
26
V
Output Voltage Temperature
Coefficient
(Note 1)
50
150
ppm /
° C
Line Regulation (Note 2)
13V
≤ V
IN ≤ 26V (Note 3)
0.1
0.4
%
Load Regulation (Note 2)
100
µA ≤ I
L ≤ 100mA
0.1
0.3
%
Dropout Voltage (Note 4)
IL = 100µA
IL = 100mA
60
300
200
600
mV
Ground Current (Note 5)
IL = 100µA
IL = 10mA
IL = 100mA
100
0.9
8
150
1.5
12
µA
mA
mA
Dropout Ground Current
VIN = (VOUT – 0.5V), IL = 100µA
110
170
µA
Current Limit
VOUT = 0
160
200
mA
Thermal Regulation (Note 6)
0.05
0.2
% / W
Output Noise,
10Hz to 100KHz
IL = 10mA
CL = 2.2µF
CL = 3.3µF
CL = 33µF
500
350
120
µVrms
Ripple Rejection Ratio
IO = 10mA, f = 120Hz, C0 = 100µF
VIN = VO + 3V+2Vpp
60
dB
8 pin Versions only (LP2951)
Reference Voltage
Over Temperature (Note 7)
1.21
1.185
1.235
1.26
1.285
V
Feedback Pin Bias Current
20
40
ηA
Reference Voltage Temperature
Coefficient
(Note 1)
50
ppm/
°C
Feedback Pin Bias Current
Temperature Coefficient
0.1
ηA/°C
Shutdown Input
Input Logic Voltage
Low (Regulator ON)
High (Regulator OFF)
2
1.3
0.7
V
Shutdown Pin Input Current
VS = 2.4V
VS = 26V
30
450
50
600
µA
Regulator Output Current
in Shutdown
(Note 8)
5.0V
≤ V
OUT ≤ 15.0V
3.3V
≤ V
OUT ≤ 5.0V
2.0V
≤ V
OUT ≤ 3.3V
10
20
30
µA


Similar Part No. - LM2931M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2931M-5.0 NSC-LM2931M-5.0 Datasheet
363Kb / 18P
   Series Low Dropout Regulators
LM2931M-5.0 NSC-LM2931M-5.0 Datasheet
411Kb / 18P
   Series Low Dropout Regulators
logo
Texas Instruments
LM2931M-5.0 TI1-LM2931M-5.0 Datasheet
447Kb / 19P
[Old version datasheet]   Series Low Dropout Regulators
LM2931M-5.0 TI1-LM2931M-5.0 Datasheet
4Mb / 29P
[Old version datasheet]   LM2931-N Series Low Dropout Regulators
LM2931M-5.0/NOPB TI1-LM2931M-5.0/NOPB Datasheet
4Mb / 29P
[Old version datasheet]   LM2931-N Series Low Dropout Regulators
More results

Similar Description - LM2931M

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LP2950 MICREL-LP2950 Datasheet
135Kb / 14P
   100mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
85Kb / 8P
   100mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2931 ADMOS-AMS2931_08 Datasheet
78Kb / 9P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
LP2950 MICREL-LP2950_08 Datasheet
929Kb / 17P
   100mA Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
LP2950 ADMOS-LP2950 Datasheet
142Kb / 14P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
SHANGHAI BELLING CO., L...
BL2950 BELLING-BL2950_17 Datasheet
659Kb / 10P
   100mA Low -Dropout Voltage Regulator
logo
Linear Dimensions Semic...
LND2931 LINEAR_DIMENSIONS-LND2931 Datasheet
125Kb / 5P
   100mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
LP2950 ADMOS-LP2950_1 Datasheet
137Kb / 14P
   100mA LOW DROPOUT VOLTAGE REGULATOR
AMS116 ADMOS-AMS116 Datasheet
113Kb / 7P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
GTM CORPORATION
GLP2950 GTM-GLP2950 Datasheet
238Kb / 3P
   100mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com