Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN1901 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # RN1901
Description  TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN1901 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  RN1901 Datasheet HTML 1Page - Toshiba Semiconductor RN1901 Datasheet HTML 2Page - Toshiba Semiconductor RN1901 Datasheet HTML 3Page - Toshiba Semiconductor RN1901 Datasheet HTML 4Page - Toshiba Semiconductor RN1901 Datasheet HTML 5Page - Toshiba Semiconductor RN1901 Datasheet HTML 6Page - Toshiba Semiconductor RN1901 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RN1901~RN1906
2001-06-07
2
Electrical Characteristics (Ta = 25
°°°°C) (Q1, Q2 Common)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
ICBO
VCB = 50V, IE = 0
100
Collector cut-off current
RN1901~1906
ICEO
VCE = 50V, IB = 0
500
nA
RN1901
0.82
1.52
RN1902
0.38
0.71
RN1903
0.17
0.33
RN1904
VEB = 10V, IC = 0
0.082
0.15
RN1905
0.078
0.145
Emitter cut-off current
RN1906
IEBO
VEB = 5V, IC = 0
0.074
0.138
mA
RN1901
30
RN1902
50
RN1903
70
RN1904
80
RN1905
80
DC current gain
RN1906
hFE
VCE = 5V, IC = 10mA
80
Collector-emitter
saturation voltage
RN1901~1906
VCE (sat)
IC = 5mA,
IB = 0.25mA
0.1
0.3
V
RN1901
1.1
2.0
RN1902
1.2
2.4
RN1903
1.3
3.0
RN1904
1.5
5.0
RN1905
0.6
1.1
Input voltage (ON)
RN1906
VI (ON)
VCE = 0.2V, IC = 5mA
0.7
1.3
V
RN1901~1904
1.0
1.5
Input voltage (OFF)
RN1905, 1906
VI (OFF)
VCE = 5V, IC = 0.1mA
0.5
0.8
V
Translation frequency
RN1901~1906
fT
VCE = 10V, IC = 5mA
250
MHz
Collector output
capacitance
RN1901~1906
Cob
VCB = 10V, IE = 0,
f = 1MHz
3
6
pF
RN1901
3.29
4.7
6.11
RN1902
7
10
13
RN1903
15.4
22
28.6
RN1904
32.9
47
61.1
RN1905
1.54
2.2
2.86
Input resistor
RN1906
R1
3.29
4.7
6.11
kΩ
RN1901~1904
¾
0.9
1.0
1.1
RN1905
¾
0.0421 0.0468 0.0515
Resistor ratio
RN1906
R1/R2
¾
0.09
0.1
0.11


Similar Part No. - RN1901

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN1901AFS TOSHIBA-RN1901AFS Datasheet
179Kb / 8P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN1901FE TOSHIBA-RN1901FE Datasheet
550Kb / 8P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN1901FS TOSHIBA-RN1901FS Datasheet
140Kb / 8P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
More results

Similar Description - RN1901

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN4605 TOSHIBA-RN4605 Datasheet
163Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4607 TOSHIBA-RN4607 Datasheet
161Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4602 TOSHIBA-RN4602 Datasheet
329Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4603 TOSHIBA-RN4603 Datasheet
166Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4608 TOSHIBA-RN4608 Datasheet
157Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4911 TOSHIBA-RN4911 Datasheet
177Kb / 6P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4905 TOSHIBA-RN4905 Datasheet
162Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN6001 TOSHIBA-RN6001 Datasheet
90Kb / 3P
   TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
2SC1815L-GR TOSHIBA-2SC1815L-GR Datasheet
256Kb / 4P
   TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
2SD2655 TOSHIBA-2SD2655 Datasheet
70Kb / 2P
   TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL TYPE (PCT PROCESS)
TPCP8505 TOSHIBA-TPCP8505 Datasheet
205Kb / 5P
   TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com