Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM497EU9-60 Datasheet(PDF) 3 Page - Texas Instruments

Part # TM497EU9-60
Description  4194304-WORD BY 9-BIT DYNAMIC RAM MODULE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TM497EU9-60 Datasheet(HTML) 3 Page - Texas Instruments

  TM497EU9-60 Datasheet HTML 1Page - Texas Instruments TM497EU9-60 Datasheet HTML 2Page - Texas Instruments TM497EU9-60 Datasheet HTML 3Page - Texas Instruments TM497EU9-60 Datasheet HTML 4Page - Texas Instruments TM497EU9-60 Datasheet HTML 5Page - Texas Instruments TM497EU9-60 Datasheet HTML 6Page - Texas Instruments TM497EU9-60 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TM497EU9
4194304-WORD BY 9-BIT
DYNAMIC RAM MODULE
SMMS499A – FEBRUARY 1994 – REVISED JUNE 1995
3
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC (see Note 1)
– 1 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range on any pin (see Note 1)
– 1 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Short-circuit output current
50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power dissipation
3 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to VSS.
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2.4
6.5
V
VIL
Low-level input voltage (see Note 2)
– 1
0.8
V
TA
Operating free-air temperature
0
70
°C
NOTE 2: The algebraic convention, where the more negative (less positive) limit is designated as minimum, is used for logic-voltage levels only.
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
’497EU9-60
’497EU9-70
’497EU9-80
UNIT
PARAMETER
TEST CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
VOH High-level output voltage
IOH = – 5 mA
2.4
2.4
2.4
V
VOL
Low-level output voltage
IOL = 4.2 mA
0.4
0.4
0.4
V
II
Input current (leakage)
VCC = 5 V,
VI = 0 V to 6.5 V,
All other pins = 0 V to VCC
±10
±10
±10
µA
IO
Output current (leakage)
VCC = 5.5 V,
VO = 0 V to VCC,
CAS high
±10
±10
±10
µA
ICC1
Read- or write-cycle current
(see Note 3)
VCC = 5.5 V,
Minimum cycle
325
290
260
mA
ICC2 Standby current
VIH = 2.4 V (TTL),
After 1 memory cycle,
RAS and CAS high
6
6
6
mA
ICC2 Standby current
VIH = VCC – 0.2 V (CMOS),
After 1 memory cycle,
RAS and CAS high
3
3
3
mA
ICC3
Average refresh current
(RAS-only or CBR)
(see Note 3)
VCC = 5.5 V,
Minimum cycle,
RAS cycling,
CAS high (RAS-only);
RAS low after CAS low (CBR)
325
290
260
mA
ICC4
Average page current
(see Note 4)
VCC = 5.5 V,
tPC = MIN,
RAS low,
CAS cycling
210
180
150
mA
NOTES:
3. Measured with a maximum of one address change while RAS = VIL
4. Measured with a maximum of one address change while CAS = VIH


Similar Part No. - TM497EU9-60

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM497BBK32 TI-TM497BBK32 Datasheet
118Kb / 9P
[Old version datasheet]   4194304 BY 32-BIT DYNAMIC RAM MODULE
TM497BBK32-60 TI-TM497BBK32-60 Datasheet
118Kb / 9P
[Old version datasheet]   4194304 BY 32-BIT DYNAMIC RAM MODULE
TM497BBK32-70 TI-TM497BBK32-70 Datasheet
118Kb / 9P
[Old version datasheet]   4194304 BY 32-BIT DYNAMIC RAM MODULE
TM497BBK32-80 TI-TM497BBK32-80 Datasheet
118Kb / 9P
[Old version datasheet]   4194304 BY 32-BIT DYNAMIC RAM MODULE
TM497BBK32H TI1-TM497BBK32H Datasheet
172Kb / 12P
[Old version datasheet]   DYNAMIC RAM MODULES
More results

Similar Description - TM497EU9-60

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM4100EAD9 TI1-TM4100EAD9 Datasheet
113Kb / 9P
[Old version datasheet]   4194304 BY 9-BIT DYNAMIC RAM MODULE
TM497GU8 TI1-TM497GU8 Datasheet
88Kb / 7P
[Old version datasheet]   4194304-WORD BY 8-BIT DYNAMIC RAM MODULE
TM497MBK36Q TI1-TM497MBK36Q Datasheet
125Kb / 9P
[Old version datasheet]   4194304 BY 36-BIT DYNAMIC RAM MODULE
TM497BBK32 TI-TM497BBK32 Datasheet
118Kb / 9P
[Old version datasheet]   4194304 BY 32-BIT DYNAMIC RAM MODULE
logo
Mitsubishi Electric Sem...
MH4M36CJD-5 MITSUBISHI-MH4M36CJD-5 Datasheet
130Kb / 14P
   FAST PAGE MODE ( 4194304-WORD BY 36-BIT ) DYNAMIC RAM
logo
List of Unclassifed Man...
HM5117400AS7GS ETC1-HM5117400AS7GS Datasheet
34Kb / 2P
   CMOS 4194304 WORD 8-BIT DYNAMIC RAM
logo
Mitsubishi Electric Sem...
M5M54R01J-12 MITSUBISHI-M5M54R01J-12 Datasheet
55Kb / 6P
   4194304-BIT (4194304-WORD BY 1-BIT) CMOS STATIC RAM
M5M54R01AJ-12 MITSUBISHI-M5M54R01AJ-12 Datasheet
43Kb / 6P
   4194304-BIT (4194304-WORD BY 1-BIT) CMOS STATIC RAM
M5M5V4R01J-12 MITSUBISHI-M5M5V4R01J-12 Datasheet
56Kb / 6P
   4194304-BIT (4194304-WORD BY 1-BIT) CMOS STATIC RAM
M5M44400BJ MITSUBISHI-M5M44400BJ Datasheet
1Mb / 24P
   FAST PAGE MODE 4194304-BIT(1048576-WORD BY 4-BIT)DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com