Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-0151101 Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # 5962-0151101
Description  UT9Q512K32 16Megabit SRAM MCM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

5962-0151101 Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  5962-0151101 Datasheet HTML 1Page - Aeroflex Circuit Technology 5962-0151101 Datasheet HTML 2Page - Aeroflex Circuit Technology 5962-0151101 Datasheet HTML 3Page - Aeroflex Circuit Technology 5962-0151101 Datasheet HTML 4Page - Aeroflex Circuit Technology 5962-0151101 Datasheet HTML 5Page - Aeroflex Circuit Technology 5962-0151101 Datasheet HTML 6Page - Aeroflex Circuit Technology 5962-0151101 Datasheet HTML 7Page - Aeroflex Circuit Technology 5962-0151101 Datasheet HTML 8Page - Aeroflex Circuit Technology 5962-0151101 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
DC ELECTRICAL CHARACTERISTICS (Pre/Post-Radiation)*
(-40
°C to +125°C) (V
DD = 5.0V + 10%)
Notes:
* Post-radiation performance guaranteed at 25
°C per MIL-STD-883 Method 1019.
1. Measured only for initial qualification and after process or design changes that could affect input/output capacitance.
2. Supplied as a design limit but not guaranteed or tested.
3. Not more than one output may be shorted at a time for maximum duration of one second.
SYMBOL
PARAMETER
CONDITION
MIN
MAX
UNIT
V
IH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
VOL1
Low-level output voltage
IOL = 8mA, VDD =4.5V
0.4
V
V
OL2
Low-level output voltage
I
OL = 200 µA,VDD =4.5V
0.08
V
VOH1
High-level output voltage
IOH = -4mA,VDD =4.5V
2.4
V
V
OH2
High-level output voltage
I
OH = 200µA,V DD =4.5V
3.0
V
CIN
1
Input capacitance
ƒ = 1MHz @ 0V
32
pF
CIO
1
Bidirectional I/O capacitance
ƒ = 1MHz @ 0V
16
pF
I
IN
Input leakage current
V
IN = V DD and VSS, VDD = V DD (max)
-2
2
µA
IOZ
Three-state output leakage current
VO = VDD and VSS
VDD = VDD (max)
G = VDD (max)
-2
2
µA
IOS
2, 3
Short-circuit output current
VDD = VDD (max), VO = VDD
V
DD = VDD (max), V O = 0V
-90
90
mA
IDD(OP)
Supply current operating
@ 1MHz
(per byte)
Inputs: VIL = 0.8V,
VIH = 2.0V
IOUT = 0mA
VDD = VDD (max)
125
mA
I
DD1(OP)
Supply current operating
@40MHz
(per byte)
Inputs: V
IL = 0.8V,
V
IH = 2.0V
I
OUT = 0mA
VDD = VDD (max)
180
mA
IDD2(SB)
Supply current standby
@0MHz
(per byte)
Inputs: VIL = VSS
IOUT = 0mA
E1 = V
DD - 0.5, VDD = VDD (max)
V
IH = V DD - 0.5V
6
12
mA
mA
-40
°C and
25
°C
125
°C


Similar Part No. - 5962-0151101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-0151201VPA TI1-5962-0151201VPA Datasheet
553Kb / 6P
[Old version datasheet]   DUAL HIGH-SPEED FET DRIVER
More results

Similar Description - 5962-0151101

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
8Q512K32 AEROFLEX-8Q512K32 Datasheet
135Kb / 14P
   16Megabit SRAM MCM
logo
Austin Semiconductor
AS8SLC512K32 AUSTIN-AS8SLC512K32 Datasheet
241Kb / 12P
   512K x 32 SRAM SRAM Memory Array MCM
logo
Aeroflex Circuit Techno...
UT8Q512K32E AEROFLEX-UT8Q512K32E Datasheet
226Kb / 21P
   UT8Q512K32E 16 Megabit RadTolerant SRAM MCM
UT9Q512K32E AEROFLEX-UT9Q512K32E Datasheet
201Kb / 20P
   UT9Q512K32E 16 Megabit RadTolerant SRAM MCM
logo
Maxwell Technologies
89C1632 MAXWELL-89C1632 Datasheet
198Kb / 13P
   16 Megabit (512K x 32-Bit) MCM SRAM
logo
RFHIC
LCL2302-L RFHIC-LCL2302-L Datasheet
187Kb / 3P
   MCM LNA
LCL3212-L RFHIC-LCL3212-L Datasheet
187Kb / 3P
   MCM LNA
LCL1904-L RFHIC-LCL1904-L Datasheet
188Kb / 3P
   MCM LNA
logo
Maxwell Technologies
89LV1632 MAXWELL-89LV1632 Datasheet
198Kb / 12P
   16 Megabit (512K x 32-Bit) Low Voltage MCM SRAM
logo
RFHIC
LCL1903-L RFHIC-LCL1903-L Datasheet
187Kb / 3P
   MCM LNA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com