Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-0151101 Datasheet(PDF) 10 Page - Aeroflex Circuit Technology

Part # 5962-0151101
Description  UT9Q512K32 16Megabit SRAM MCM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

5962-0151101 Datasheet(HTML) 10 Page - Aeroflex Circuit Technology

Back Button 5962-0151101 Datasheet HTML 6Page - Aeroflex Circuit Technology 5962-0151101 Datasheet HTML 7Page - Aeroflex Circuit Technology 5962-0151101 Datasheet HTML 8Page - Aeroflex Circuit Technology 5962-0151101 Datasheet HTML 9Page - Aeroflex Circuit Technology 5962-0151101 Datasheet HTML 10Page - Aeroflex Circuit Technology 5962-0151101 Datasheet HTML 11Page - Aeroflex Circuit Technology 5962-0151101 Datasheet HTML 12Page - Aeroflex Circuit Technology 5962-0151101 Datasheet HTML 13Page - Aeroflex Circuit Technology 5962-0151101 Datasheet HTML 14Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
t
EFDX
Assumptions & Notes:
1. G < V IL (max). If G > V IH (min) then Q n(7:0) will be in three-state for the entire cycle.
2. Either En scenario above can occur.
3 . G high for t AVAV cycle.
A(18:0)
Figure 5b. SRAM Write Cycle 2: Chip Enable - Controlled Access
Wn
En
Dn(7:0)
APPLIED DATA
En
Qn(7:0)
tWLQZ
t
ETEF
tWLEF
tDVEF
t
AVAV3
tAVET
t
AVET
tETEF
tEFAX
tEFAX
or
Notes:
1. 50pF including scope probe and test socket capacitance.
2. Measurement of data output occurs at the low to high or high to low transition mid-point
(i.e., CMOS input = V DD/2).
90%
Figure 6. AC Test Loads and Input Waveforms
Input Pulses
10%
< 5ns
< 5ns
VLOAD = 1.55V
300 ohms
50pF
CMOS
0.5V
VDD-0.05V
10%


Similar Part No. - 5962-0151101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-0151201VPA TI1-5962-0151201VPA Datasheet
553Kb / 6P
[Old version datasheet]   DUAL HIGH-SPEED FET DRIVER
More results

Similar Description - 5962-0151101

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
8Q512K32 AEROFLEX-8Q512K32 Datasheet
135Kb / 14P
   16Megabit SRAM MCM
logo
Austin Semiconductor
AS8SLC512K32 AUSTIN-AS8SLC512K32 Datasheet
241Kb / 12P
   512K x 32 SRAM SRAM Memory Array MCM
logo
Aeroflex Circuit Techno...
UT8Q512K32E AEROFLEX-UT8Q512K32E Datasheet
226Kb / 21P
   UT8Q512K32E 16 Megabit RadTolerant SRAM MCM
UT9Q512K32E AEROFLEX-UT9Q512K32E Datasheet
201Kb / 20P
   UT9Q512K32E 16 Megabit RadTolerant SRAM MCM
logo
Maxwell Technologies
89C1632 MAXWELL-89C1632 Datasheet
198Kb / 13P
   16 Megabit (512K x 32-Bit) MCM SRAM
logo
RFHIC
LCL2302-L RFHIC-LCL2302-L Datasheet
187Kb / 3P
   MCM LNA
LCL3212-L RFHIC-LCL3212-L Datasheet
187Kb / 3P
   MCM LNA
LCL1904-L RFHIC-LCL1904-L Datasheet
188Kb / 3P
   MCM LNA
logo
Maxwell Technologies
89LV1632 MAXWELL-89LV1632 Datasheet
198Kb / 12P
   16 Megabit (512K x 32-Bit) Low Voltage MCM SRAM
logo
RFHIC
LCL1903-L RFHIC-LCL1903-L Datasheet
187Kb / 3P
   MCM LNA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com