Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY27H010-30WC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY27H010-30WC
Description  128K x 8 High-Speed CMOS EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY27H010-30WC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY27H010-30WC Datasheet HTML 1Page - Cypress Semiconductor CY27H010-30WC Datasheet HTML 2Page - Cypress Semiconductor CY27H010-30WC Datasheet HTML 3Page - Cypress Semiconductor CY27H010-30WC Datasheet HTML 4Page - Cypress Semiconductor CY27H010-30WC Datasheet HTML 5Page - Cypress Semiconductor CY27H010-30WC Datasheet HTML 6Page - Cypress Semiconductor CY27H010-30WC Datasheet HTML 7Page - Cypress Semiconductor CY27H010-30WC Datasheet HTML 8Page - Cypress Semiconductor CY27H010-30WC Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CY27H010
3
Electrical Characteristics Over the Operating Range[5, 6]
27H010–25
27H010–30
27H010–35
Parameter
Description
Test Conditions
Min.
Max.
Min.
Max.
Unit
VOH
Output HIGH
Voltage
VCC = Min., IOH = –4.0 mA
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 12.0 mA
0.45
0.45
V
VIH
Input HIGH Level
Guaranteed Input Logical HIGH
Voltage for All Inputs
2.0
VCC+0.5
2.0
VCC+0.5
V
VIL
Input LOW Level
Guaranteed Input Logical LOW
Voltage for All Inputs
0.8
0.8
V
IIX
Input Leakage
Current
GND < VIN < VCC
–10
+10
–10
+10
µA
IOZ
Output Leakage
Current
GND < VOUT < VCC,
Output Disable
–10
+10
–10
+10
µA
ICC
Power Supply Current
VCC=Max.,
IOUT=0 mA,
f=10 MHz
Com’l
75
50
mA
Mil
85
mA
ISB
Stand-By Current
VCC=Max.,
CE = VIH
Com’l
15
15
mA
Mil
25
mA
Capacitance[6]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
10
pF
COUT
Output Capacitance
12
pF
Notes:
5.
See the last page of this specification for Group A subgroup testing information.
6.
See Introduction to CMOS PROMs in this Data Book for general information on testing.
AC Test Loads and Waveforms
H010–5
H010–6
90%
10%
3.0V
GND
90%
10%
ALL INPUT PULSES
5V
OUTPUT
30 pF
INCLUDING
JIG AND
SCOPE
5V
OUTPUT
5 pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
≤ 3ns
≤ 3 ns
OUTPUT
R1 318
R2
197
121
Equivalent to:
THÉVENIN EQUIVALENT
1.91V
R1 318
R2
197
Switching Characteristics Over the Operating Range
27H010–25
27H010–30
27H010–35
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tAA
Address to Output Valid
25
30
35
ns
tOE
OE Active to Output Valid
12
20
20
ns
tHZOE
OE Inactive to High Z
12
20
20
ns


Similar Part No. - CY27H010-30WC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY27H512 CYPRESS-CY27H512 Datasheet
782Kb / 11P
   64K x 8 High-Speed CMOS EPROM
CY27H512-25 CYPRESS-CY27H512-25 Datasheet
782Kb / 11P
   64K x 8 High-Speed CMOS EPROM
CY27H512-25HC CYPRESS-CY27H512-25HC Datasheet
782Kb / 11P
   64K x 8 High-Speed CMOS EPROM
CY27H512-25JC CYPRESS-CY27H512-25JC Datasheet
782Kb / 11P
   64K x 8 High-Speed CMOS EPROM
CY27H512-25ZC CYPRESS-CY27H512-25ZC Datasheet
782Kb / 11P
   64K x 8 High-Speed CMOS EPROM
More results

Similar Description - CY27H010-30WC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
WS27C010L STMICROELECTRONICS-WS27C010L Datasheet
48Kb / 5P
   Military 128K x 8 CMOS EPROM
logo
Microchip Technology
27C128 MICROCHIP-27C128_04 Datasheet
146Kb / 10P
   128K (16K x 8) CMOS EPROM
2004
27C128 MICROCHIP-27C128 Datasheet
62Kb / 12P
   128K (16K x 8) CMOS EPROM
1996
logo
Macronix International
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
logo
Cypress Semiconductor
CY27C128 CYPRESS-CY27C128 Datasheet
521Kb / 9P
   128K (16K x 8-Bit) CMOS EPROM
logo
Holtek Semiconductor In...
HT27LC010 HOLTEK-HT27LC010 Datasheet
172Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
logo
Macronix International
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1001 MCNIX-MX27C1001 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
logo
Fairchild Semiconductor
FM27C010 FAIRCHILD-FM27C010 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com