Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8255PPI Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 8255PPI
Description  PROGRAMMIERBARER PARALLELER INTERFACESCHALTKREIS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

8255PPI Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  8255PPI Datasheet HTML 1Page - List of Unclassifed Manufacturers 8255PPI Datasheet HTML 2Page - List of Unclassifed Manufacturers 8255PPI Datasheet HTML 3Page - List of Unclassifed Manufacturers 8255PPI Datasheet HTML 4Page - List of Unclassifed Manufacturers 8255PPI Datasheet HTML 5Page - List of Unclassifed Manufacturers 8255PPI Datasheet HTML 6Page - List of Unclassifed Manufacturers 8255PPI Datasheet HTML 7Page - List of Unclassifed Manufacturers 8255PPI Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
FH Kiel FB Informatik & Elektrotechnik
Prof.Dr. K. Kißig
klaus.kissig@fh-kiel.de
Bild 4: Mode 1, Port B
4.3. Mode 2 Strobed bidrektional BUS
Die bidirektionale Port-Eing-/Ausgabe im Quittungsbetrieb wird nur über Port A realisiert. Am Port C befinden
sich die Steuersignale für die Ausgabe OBFA und ACKA (beide low aktiv) und für die Eingabe STBA (low aktiv)
und IBFA (high aktiv) und das Interrupt-Anforderungssignal INTRA. Die Interrupt-Freigabe-FF werden wiederum
mit den Bit-Set-Resetfunktionen von Port C beeinflußt.
Ausgabe: Bit Set/Reset PC6 (INTE1)
Eingabe: Bit Set/Reset PC4 (INTE2)
Das Modesteuerbyte für den Mode 2 hat den folgenden Aufbau:
D7 D6 D5 D4 D3 D2 D1 D0
1
1
x
x 1/0 1/0
PC0..2
1: Input
0: Output
Port B E/A-Definition
1: Input
0: Output
Port B Mode-Definition
1: Mode 1


Similar Part No. - 8255PPI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8255 ETC2-8255 Datasheet
101Kb / 3P
   93 Ohm
logo
Wurth Elektronik GmbH &...
82550040 WURTH-82550040 Datasheet
165Kb / 5P
   0805 SMD VARISTOR
82550060 WURTH-82550060 Datasheet
164Kb / 5P
   0805 SMD VARISTOR
82550080 WURTH-82550080 Datasheet
165Kb / 5P
   0805 SMD VARISTOR
82550110 WURTH-82550110 Datasheet
165Kb / 5P
   0805 SMD VARISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com