Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

83CNQ100ASM Datasheet(PDF) 3 Page - International Rectifier

Part # 83CNQ100ASM
Description  SCHOTTKY RECTIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

83CNQ100ASM Datasheet(HTML) 3 Page - International Rectifier

  83CNQ100ASM Datasheet HTML 1Page - International Rectifier 83CNQ100ASM Datasheet HTML 2Page - International Rectifier 83CNQ100ASM Datasheet HTML 3Page - International Rectifier 83CNQ100ASM Datasheet HTML 4Page - International Rectifier 83CNQ100ASM Datasheet HTML 5Page - International Rectifier 83CNQ100ASM Datasheet HTML 6Page - International Rectifier 83CNQ100ASM Datasheet HTML 7Page - International Rectifier 83CNQ100ASM Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
83CNQ...A Series
3
Bulletin PD-20042 rev. C 09/01
www.irf.com
Fig.2-Typical Values Of Reverse Current
Vs. Reverse Voltage (PerLeg)
Fig.3-Typical Junction Capacitance
Vs. Reverse Voltage (PerLeg)
Fig.4-Max. Thermal Impedance Z
thJC Characteristics (Per Leg)
Fig.1- Max. Forward Voltage Drop Characteristics
(Per Leg)
ForwardVoltageDrop-V
FM(V)
ReverseVoltage-V
R(V)
ReverseVoltage-V
R(V)
t
1,RectangularPulseDuration(Seconds)
0.1
1
10
100
1000
0
0.2
0.4
0.6
0.8
1
1.2
1.4
T = 175˚C
T = 125˚C
T = 25˚C
J
J
J
0.001
0.01
0.1
1
10
100
1000
0
204060
80
100
150˚C
125˚C
100˚C
75˚C
50˚C
25˚C
T = 175˚C
J
100
1000
10000
0
20
40
60
80
100
120
T = 25˚C
J
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
100
Single Pulse
(Thermal Resistance)
D = 0.50
D = 0.33
D = 0.25
D = 0.17
D = 0.08
Notes:
1. Duty factor D = t1 / t2
2. Peak Tj = Pdm x ZthJC + Tc
2
t
1
t
P
DM


Similar Part No. - 83CNQ100ASM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
83CNQ100ASM IRF-83CNQ100ASM Datasheet
178Kb / 8P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
logo
Vishay Siliconix
83CNQ100ASM VISHAY-83CNQ100ASM Datasheet
125Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 21-Aug-08
83CNQ100ASM VISHAY-83CNQ100ASM Datasheet
159Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
logo
International Rectifier
83CNQ100ASMPBF IRF-83CNQ100ASMPBF Datasheet
178Kb / 8P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
logo
Vishay Siliconix
83CNQ100ASMPBF VISHAY-83CNQ100ASMPBF Datasheet
159Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
More results

Similar Description - 83CNQ100ASM

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com