Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT1150 Datasheet(PDF) 2 Page - Advanced Analogic Technologies

Part # AAT1150
Description  1MHz 1A Step-Down DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1150 Datasheet(HTML) 2 Page - Advanced Analogic Technologies

  AAT1150 Datasheet HTML 1Page - Advanced Analogic Technologies AAT1150 Datasheet HTML 2Page - Advanced Analogic Technologies AAT1150 Datasheet HTML 3Page - Advanced Analogic Technologies AAT1150 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1150 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1150 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1150 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1150 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1150 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AAT1150
1MHz 1A Step-Down DC/DC Converter
2
1150.2005.03.1.2
Pin Descriptions
Pin Configuration
MSOP-8
(Top View)
LX
PGND
LX
VP
FB
SGND
EN
VCC
1
2
3
4
8
7
6
5
Pin #
Symbol
Function
1
FB
Feedback input pin. This pin must be connected to the converter’s output. It is
used to set the output of the converter to regulate to the desired value.
2
SGND
Signal ground.
3
EN
Enable input pin. When connected high, the AAT1150 is in normal operation.
When connected low, it is powered down. This pin should not be left floating.
4
VCC
Power supply. It supplies power for the internal circuitry.
5
VP
Input supply voltage for converter power stage.
6, 7
LX
Inductor connection pins. These pins should be connected to the output
inductor. Internally, Pins 6 and 7 are connected to the drains of the P-chan-
nel switch and N-channel synchronous rectifier.
8
PGND
Power ground return for the output stage.


Similar Part No. - AAT1150

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1150 ANALOGICTECH-AAT1150 Datasheet
662Kb / 17P
   1MHz 1A Step-Down DC/DC Converter
AAT1150IKS-1.0-T1 ANALOGICTECH-AAT1150IKS-1.0-T1 Datasheet
662Kb / 17P
   1MHz 1A Step-Down DC/DC Converter
AAT1150IKS-1.5-T1 ANALOGICTECH-AAT1150IKS-1.5-T1 Datasheet
662Kb / 17P
   1MHz 1A Step-Down DC/DC Converter
AAT1150IKS-1.8-T1 ANALOGICTECH-AAT1150IKS-1.8-T1 Datasheet
662Kb / 17P
   1MHz 1A Step-Down DC/DC Converter
AAT1150IKS-2.5-T1 ANALOGICTECH-AAT1150IKS-2.5-T1 Datasheet
662Kb / 17P
   1MHz 1A Step-Down DC/DC Converter
More results

Similar Description - AAT1150

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1150 ANALOGICTECH-AAT1150_06 Datasheet
662Kb / 17P
   1MHz 1A Step-Down DC/DC Converter
AAT1154 ANALOGICTECH-AAT1154_07 Datasheet
449Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
AAT1156 ANALOGICTECH-AAT1156 Datasheet
425Kb / 14P
   1MHz 700mA Step-Down DC-DC Converter
AAT1154 ANALOGICTECH-AAT1154_06 Datasheet
562Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
AAT1156 ANALOGICTECH-AAT1156_07 Datasheet
624Kb / 15P
   1MHz 700mA Step-Down DC-DC Converter
AAT1155 ANALOGICTECH-AAT1155_06 Datasheet
536Kb / 17P
   1MHz 2.5A Step-Down DC/DC Converter
AAT1155 ANALOGICTECH-AAT1155 Datasheet
389Kb / 17P
   1MHz 2.5A Step-Down DC/DC Converter
logo
Diodes Incorporated
PAM2309 DIODES-PAM2309 Datasheet
572Kb / 17P
   1A STEP-DOWN DC-DC CONVERTER
PAM2312 DIODES-PAM2312 Datasheet
657Kb / 14P
   1A STEP-DOWN DC-DC CONVERTER
logo
Power Analog Micoelectr...
PAM2309 PAM-PAM2309 Datasheet
424Kb / 16P
   1A Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com