Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT1150 Datasheet(PDF) 7 Page - Advanced Analogic Technologies

Part # AAT1150
Description  1MHz 1A Step-Down DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1150 Datasheet(HTML) 7 Page - Advanced Analogic Technologies

Back Button AAT1150 Datasheet HTML 3Page - Advanced Analogic Technologies AAT1150 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1150 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1150 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1150 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1150 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1150 Datasheet HTML 9Page - Advanced Analogic Technologies AAT1150 Datasheet HTML 10Page - Advanced Analogic Technologies AAT1150 Datasheet HTML 11Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Typical Characteristics
Output Ripple
(VIN = 3.6V; VOUT = 1.5V; IOUT = 1A)
500nsec/div
VOUT
5mV/div
BW = 20MHz
LX
2V/div
Output Ripple
(VIN = 3.6V; VOUT = 1.5V; IOUT = 0A)
500nsec/div
VOUT
5mV/div
BW = 20MHz
LX
2V/div
Transient Response
(VIN = 3.6V; VOUT = 1.5V; ILOAD = 0.25 to 1.2A)
20
µs/div
VOUT
50mV/div
Inductor Current
500mA/div
Switching Waveform
(VIN = 3.6V; VOUT = 1.5V; IOUT = 1.2A)
500nsec/div
V(LX)
2V/div
IL
500mA/div
Non-Switching I
Q vs. Temperature
(FB = 0V; VP = VCC)
100
110
120
130
140
150
160
170
180
190
200
-20
-5
10
25
40
55
70
85
Temperature (
°C)
VCC = 5.0V
VCC = 2.7V
VCC = 3.6V
VCC = 4.2V
VCC = 5.5V
No Load Input Current vs. Temperature
(VCC = VP)
0
2
4
6
8
10
12
-20
-5
10
25
40
55
70
85
Temperature (
°C)
VCC = 5.0V
VCC = 2.7V
VCC = 3.6V
VCC = 4.2V
VCC = 5.5V
AAT1150
1MHz 1A Step-Down DC/DC Converter
1150.2005.03.1.2
7


Similar Part No. - AAT1150

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1150 ANALOGICTECH-AAT1150 Datasheet
662Kb / 17P
   1MHz 1A Step-Down DC/DC Converter
AAT1150IKS-1.0-T1 ANALOGICTECH-AAT1150IKS-1.0-T1 Datasheet
662Kb / 17P
   1MHz 1A Step-Down DC/DC Converter
AAT1150IKS-1.5-T1 ANALOGICTECH-AAT1150IKS-1.5-T1 Datasheet
662Kb / 17P
   1MHz 1A Step-Down DC/DC Converter
AAT1150IKS-1.8-T1 ANALOGICTECH-AAT1150IKS-1.8-T1 Datasheet
662Kb / 17P
   1MHz 1A Step-Down DC/DC Converter
AAT1150IKS-2.5-T1 ANALOGICTECH-AAT1150IKS-2.5-T1 Datasheet
662Kb / 17P
   1MHz 1A Step-Down DC/DC Converter
More results

Similar Description - AAT1150

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1150 ANALOGICTECH-AAT1150_06 Datasheet
662Kb / 17P
   1MHz 1A Step-Down DC/DC Converter
AAT1154 ANALOGICTECH-AAT1154_07 Datasheet
449Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
AAT1156 ANALOGICTECH-AAT1156 Datasheet
425Kb / 14P
   1MHz 700mA Step-Down DC-DC Converter
AAT1154 ANALOGICTECH-AAT1154_06 Datasheet
562Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
AAT1156 ANALOGICTECH-AAT1156_07 Datasheet
624Kb / 15P
   1MHz 700mA Step-Down DC-DC Converter
AAT1155 ANALOGICTECH-AAT1155_06 Datasheet
536Kb / 17P
   1MHz 2.5A Step-Down DC/DC Converter
AAT1155 ANALOGICTECH-AAT1155 Datasheet
389Kb / 17P
   1MHz 2.5A Step-Down DC/DC Converter
logo
Diodes Incorporated
PAM2309 DIODES-PAM2309 Datasheet
572Kb / 17P
   1A STEP-DOWN DC-DC CONVERTER
PAM2312 DIODES-PAM2312 Datasheet
657Kb / 14P
   1A STEP-DOWN DC-DC CONVERTER
logo
Power Analog Micoelectr...
PAM2309 PAM-PAM2309 Datasheet
424Kb / 16P
   1A Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com