Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INTEL386 Datasheet(PDF) 9 Page - Intel Corporation

Part # INTEL386
Description  Intel386 EX Embedded Microprocessor
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

INTEL386 Datasheet(HTML) 9 Page - Intel Corporation

Back Button INTEL386 Datasheet HTML 5Page - Intel Corporation INTEL386 Datasheet HTML 6Page - Intel Corporation INTEL386 Datasheet HTML 7Page - Intel Corporation INTEL386 Datasheet HTML 8Page - Intel Corporation INTEL386 Datasheet HTML 9Page - Intel Corporation INTEL386 Datasheet HTML 10Page - Intel Corporation INTEL386 Datasheet HTML 11Page - Intel Corporation INTEL386 Datasheet HTML 12Page - Intel Corporation INTEL386 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
Intel386™ EX Embedded Microprocessor
Datasheet
9
Table 1.
132-Pin PQFP Pin Assignment
Pin
Symbol
Pin
Symbol
Pin
Symbol
Pin
Symbol
1
UCS#
34
RD#
67
A22
100
V
SS
2
CS6#/REFRESH#
35
WR#
68
A23
101
P1.0/DCD0#
3V
SS
36
V
SS
69
V
SS
102
P1.1/RTS0#
4
LBA#
37
BLE#
70
A24
103
CLKOUT
5D0
38
V
CC
71
V
CC
104
P1.2/DTR0#
6
D1
39BHE#
72A25
105
P1.3/DSR0#
7
D2
40ADS#
73SMI#
106
P1.4/RI0#
8
D3
41
NA#
74
P3.0/TMROUT0/INT9
107
P1.5/LOCK#
9V
CC
42
A1
75
P3.1/TMROUT1/INT8
108
P1.6/HOLD
10
D4
43
A2
76
TCK
109
V
CC
11
D5
44
A3
77
DTR1#/SRXCLK
110
RESET
12
D6
45
A4
78
RI1#/SSIORX
111
P1.7/HLDA
13
D7
46
V
SS
79
RTS1#/SSIOTX
112
DACK1#/TXD1
14
D8
47
V
CC
80
P3.2/INT0
113
EOP#/CTS1#
15
Vcc
48
A5
81
V
CC
114
WDTOUT
16
D9
49
A6
82
P3.3/INT1
115
CLK2
17
Vss
50
A7
83
V
SS
116
V
SS
18
D10
51
A8
84
P3.4/INT2
117
DRQ0/DCD1#
19
D11
52
A9
85
P3.5/INT3
118
DRQ1/RXD1
20
D12
53
A10
86
P3.6/PWRDOWN
119
TRST#
21
D13
54
A11
87
P3.7/COMCLK
120
SMIACT#
22
D14
55
A12
88
V
CC
121
V
CC
23
D15
56
A13
89
PEREQ/TMRCLK2
122
P2.0/CS0#
24
TDO
57
A14
90
NMI
123
P2.1/CS1#
25
TDI
58
A15
91
ERROR#/TMROUT2
124
P2.2/CS2#
26
TMS
59
A16/CAS0
92
BUSY#/TMRGATE2
125
P2.3/CS3#
27
M/IO#
60
V
CC
93
INT4/TMRCLK0
126
P2.4/CS4#
28
V
CC
61
A17/CAS1
94
INT5/TMRGATE0
127
V
CC
29
D/C#
62
A18/CAS2
95
INT6/TMRCLK1
128
DACK0#/CS5#
30
W/R#
63
A19
96
INT7/TMRGATE1
129
P2.5/RXD0
31
V
SS
64
V
SS
97
V
SS
130
V
SS
32
READY#
65
A20
98
DSR1#/STXCLK
131
P2.6/TXD0
33
BS8#
66
A21
99
FLT#
132
P2.7/CTS0#


Similar Part No. - INTEL386

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
INTEL386 INTEL-INTEL386 Datasheet
1Mb / 56P
   Intel386 EX Embedded Microprocessor
INTEL386 INTEL-INTEL386 Datasheet
1Mb / 102P
   MICROPROCESSOR
INTEL386SX INTEL-INTEL386SX Datasheet
1Mb / 102P
   MICROPROCESSOR
More results

Similar Description - INTEL386

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
JA80386EXTC25 INTEL-JA80386EXTC25 Datasheet
591Kb / 56P
   Intel386??EX Embedded Microprocessor
INTEL386 INTEL-INTEL386 Datasheet
1Mb / 56P
   Intel386 EX Embedded Microprocessor
NG80386SXLP33 INTEL-NG80386SXLP33 Datasheet
1Mb / 102P
   Intel386 SX MICROPROCESSOR
logo
M/A-COM Technology Solu...
28945-BRF-001-A MA-COM-28945-BRF-001-A_15 Datasheet
111Kb / 2P
   Embedded Microprocessor
logo
Fujitsu Component Limit...
MB93423 FUJITSU-MB93423 Datasheet
659Kb / 55P
   VLIW Embedded Microprocessor
logo
STMicroelectronics
STPCCLIENT STMICROELECTRONICS-STPCCLIENT Datasheet
762Kb / 48P
   PC Compatible Embedded Microprocessor
February 8, 2000
logo
Intel Corporation
80960JD INTEL-80960JD Datasheet
2Mb / 61P
   EMBEDDED 32-BIT MICROPROCESSOR
logo
STMicroelectronics
STPCINDUSTRIAL STMICROELECTRONICS-STPCINDUSTRIAL Datasheet
787Kb / 55P
   PC Compatible Embedded Microprocessor
5/11/99
logo
Intel Corporation
A80960KA INTEL-A80960KA Datasheet
2Mb / 41P
   EMBEDDED 32-BIT MICROPROCESSOR
80960JA INTEL-80960JA Datasheet
1Mb / 63P
   EMBEDDED 32-BIT MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com