Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT1150IKS-1.0-T1 Datasheet(PDF) 4 Page - Advanced Analogic Technologies

Part # AAT1150IKS-1.0-T1
Description  1MHz 1A Step-Down DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1150IKS-1.0-T1 Datasheet(HTML) 4 Page - Advanced Analogic Technologies

  AAT1150IKS-1.0-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT1150IKS-1.0-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT1150IKS-1.0-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT1150IKS-1.0-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1150IKS-1.0-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1150IKS-1.0-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1150IKS-1.0-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1150IKS-1.0-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1150IKS-1.0-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AAT1150
1MHz 1A Step-Down DC/DC Converter
4
1150.2005.03.1.2
Electrical Characteristics
V
IN = VCC = VP = 5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = 25°C.
Symbol
Description
Conditions
Min
Typ
Max
Units
V
IN
Input Voltage Range
2.7
5.5
V
V
OUT
Output Voltage Tolerance
V
IN = VOUT + 0.3 to 5.5V,
-4.0
4.0
%
I
OUT = 0 to 1A
∆V
OUT (VOUT*∆VIN)
Load Regulation
V
IN = 4.2V, ILOAD = 0 - 1A
3.0
%
∆V
OUT/VOUT
Line Regulation
V
IN = 2.7 to 5.5V
0.2
%/V
V
UVLO
Under-Voltage Lockout
V
IN Rising
2.5
V
V
IN Falling
1.2
V
UVLO(HYS)
Under-Voltage Lockout Hysteresis
250
mV
I
Q
Quiescent Supply Current
No Load, V
FB = 0
160
300
µA
I
SHDN
Shutdown Current
V
EN = 0V, VIN = 5.5V
1.0
µA
I
LIM
Current Limit
T
A = 25°C
1.2
A
R
DS(ON)H
High Side Switch On Resistance
T
A = 25°C
110
150
m
R
DS(ON)L
Low Side Switch On Resistance
T
A = 25°C
100
150
m
η
Efficiency
V
IN = 5V, VOUT = 3.3V,
93
%
I
OUT = 600mA
V
EN(L)
Enable Low Voltage
V
IN = 2.7 to 5.5V
0.6
V
V
EN(H)
Enable High Voltage
V
IN = 2.7 to 5.5V
1.4
V
I
EN
Enable Pin Leakage Current
V
EN = 5.5V
1.0
µA
F
OSC
Oscillator Frequency
T
A = 25°C
700
1000
1200
kHz
T
SD
Over-Temperature Shutdown
140
°C
Threshold
T
HYS
Over-Temperature Shutdown
15
°C
Hysteresis


Similar Part No. - AAT1150IKS-1.0-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1150IKS-1.0-T1 ANALOGICTECH-AAT1150IKS-1.0-T1 Datasheet
662Kb / 17P
   1MHz 1A Step-Down DC/DC Converter
More results

Similar Description - AAT1150IKS-1.0-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1150 ANALOGICTECH-AAT1150_06 Datasheet
662Kb / 17P
   1MHz 1A Step-Down DC/DC Converter
AAT1154 ANALOGICTECH-AAT1154_07 Datasheet
449Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
AAT1156 ANALOGICTECH-AAT1156 Datasheet
425Kb / 14P
   1MHz 700mA Step-Down DC-DC Converter
AAT1154 ANALOGICTECH-AAT1154_06 Datasheet
562Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
AAT1156 ANALOGICTECH-AAT1156_07 Datasheet
624Kb / 15P
   1MHz 700mA Step-Down DC-DC Converter
AAT1155 ANALOGICTECH-AAT1155_06 Datasheet
536Kb / 17P
   1MHz 2.5A Step-Down DC/DC Converter
AAT1155 ANALOGICTECH-AAT1155 Datasheet
389Kb / 17P
   1MHz 2.5A Step-Down DC/DC Converter
logo
Diodes Incorporated
PAM2309 DIODES-PAM2309 Datasheet
572Kb / 17P
   1A STEP-DOWN DC-DC CONVERTER
PAM2312 DIODES-PAM2312 Datasheet
657Kb / 14P
   1A STEP-DOWN DC-DC CONVERTER
logo
Power Analog Micoelectr...
PAM2309 PAM-PAM2309 Datasheet
424Kb / 16P
   1A Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com