Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3112IVN-5.0-T1 Datasheet(PDF) 2 Page - Advanced Analogic Technologies

Part # AAT3112IVN-5.0-T1
Description  500mA High Efficiency Charge Pump for White LED Flash Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3112IVN-5.0-T1 Datasheet(HTML) 2 Page - Advanced Analogic Technologies

  AAT3112IVN-5.0-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3112IVN-5.0-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3112IVN-5.0-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3112IVN-5.0-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3112IVN-5.0-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3112IVN-5.0-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3112IVN-5.0-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3112IVN-5.0-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3112IVN-5.0-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Pin Descriptions
Pin Configuration
QFN33-16
(Top View)
V
OUT1
V
IN
GND
N/C
C2+
C2-
1
2
3
4
12
11
10
9
EN1
N/C
Pin #
Symbol
Function
1
N/C
No connect.
2
C2+
Flying capacitor 2 positive terminal. Connect 1µF capacitor between C2+ and C2-.
3
C2-
Flying capacitor 2 negative terminal.
4
N/C
No connect.
5V
IN
Input voltage. Connect to Pin 11.
6
GND
Ground connection.
7
EN2
Enable pin. When connected high, Charge Pump 2 is enabled. When connected low, it
disables the charge pump.
8
N/C
No connect.
9
EN1
Enable pin. When connected high, Charge Pump 1 is enabled. When connected low, it
disables the charge pump.
10
GND
Ground connection.
11
V
IN
Input voltage. Connect to Pin 5.
12
V
OUT1
Output pin for regulated output voltage. Bypass this pin to ground with a low ESR 10µF
capacitor.
13
N/C
No connect.
14
C1+
Flying capacitor 1 positive terminal. Connect 1µF capacitor between C1+ and C1-.
15
C1-
Flying capacitor 1 negative terminal.
16
V
OUT2
Regulated output voltage 2. Must be connected to V
OUT1 for higher current applications.
If used separately, bypass this pin to ground with a low ESR 10µF capacitor.
EP
Exposed paddle (bottom); connect to GND directly beneath package.
AAT3112
500mA High Efficiency Charge Pump
for White LED Flash Applications
2
3112.2004.12.1.2


Similar Part No. - AAT3112IVN-5.0-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3112IVN-5.0-T1 ANALOGICTECH-AAT3112IVN-5.0-T1 Datasheet
520Kb / 16P
   500mA High Efficiency Charge Pump for White LED Flash Applications
logo
Skyworks Solutions Inc.
AAT3112IVN-5.0-T1 SKYWORKS-AAT3112IVN-5.0-T1 Datasheet
1Mb / 15P
   500mA High Efficiency Charge Pump for White LED Flash Applications
June 25, 2012
More results

Similar Description - AAT3112IVN-5.0-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3112 ANALOGICTECH-AAT3112_07 Datasheet
520Kb / 16P
   500mA High Efficiency Charge Pump for White LED Flash Applications
logo
SiGe Semiconductor, Inc...
AATIAN48 SIGE-AATIAN48 Datasheet
100Kb / 4P
   Dual High Efficiency Charge Pump For White LED and Flash Applications
logo
Advanced Analog Technol...
AAT2806 AAT-AAT2806 Datasheet
582Kb / 16P
   Dual High Efficiency Charge Pump for White LED and Flash Applications
logo
Advanced Analogic Techn...
AAT2806 ANALOGICTECH-AAT2806_07 Datasheet
513Kb / 16P
   Dual High Efficiency Charge Pump for White LED and Flash Applications
AAT2805 ANALOGICTECH-AAT2805 Datasheet
557Kb / 17P
   Dual High Efficiency Charge Pump for White LED and Flash Applications
AAT2806 ANALOGICTECH-AAT2806 Datasheet
478Kb / 16P
   Dual High Efficiency Charge Pump for White LED AND Flash Applications
logo
Advanced Analog Technol...
AAT2805 AAT-AAT2805 Datasheet
662Kb / 16P
   Dual High Efficiency Charge Pump for White LED and Flash Applications
logo
SiGe Semiconductor, Inc...
AATIAN64 SIGE-AATIAN64 Datasheet
85Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Flash Applications
logo
Advanced Analogic Techn...
AAT3175 ANALOGICTECH-AAT3175 Datasheet
247Kb / 12P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Flash Applications
logo
Diodes Incorporated
AL3158 DIODES-AL3158 Datasheet
368Kb / 10P
   HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35047 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com