Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT1150IKS-2.5-T1 Datasheet(PDF) 5 Page - Advanced Analogic Technologies

Part # AAT1150IKS-2.5-T1
Description  1MHz 1A Step-Down DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1150IKS-2.5-T1 Datasheet(HTML) 5 Page - Advanced Analogic Technologies

  AAT1150IKS-2.5-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT1150IKS-2.5-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT1150IKS-2.5-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT1150IKS-2.5-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1150IKS-2.5-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1150IKS-2.5-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1150IKS-2.5-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1150IKS-2.5-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1150IKS-2.5-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Typical Characteristics
Oscillator Frequency Variation vs. Temperature
(VIN = 3.6V)
-10
-6
-2
2
6
10
-20
0
20
40
60
80
100
Temperature (
°C)
Oscillator Frequency Variation vs.
Supply Voltage
-1.5
-0.5
0.5
1.5
2.5
3.5
2.5
3
3.5
4
4.5
5
5.5
Supply Voltage (V)
Enable Threshold vs. Input Voltage
0.7
0.8
0.9
1
1.1
1.2
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
VEN(H)
VEN(L)
R
DS(ON) vs. Input Voltage
80
90
100
110
120
130
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
High Side
Low Side
Low Side R
DS(ON) vs. Temperature
70
90
110
130
150
170
-20
0
20
40
60
80
100
120
Temperature (
°C)
2.7V
3.6V
4.2V
5.5V
High Side R
DS(ON) vs. Temperature
70
90
110
130
150
170
-20
0
20
40
60
80
100
120
Temperature (
°C)
2.7V
3.6V
4.2V
5.5V
AAT1150
1MHz 1A Step-Down DC/DC Converter
1150.2005.03.1.2
5


Similar Part No. - AAT1150IKS-2.5-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1150IKS-2.5-T1 ANALOGICTECH-AAT1150IKS-2.5-T1 Datasheet
662Kb / 17P
   1MHz 1A Step-Down DC/DC Converter
More results

Similar Description - AAT1150IKS-2.5-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1150 ANALOGICTECH-AAT1150_06 Datasheet
662Kb / 17P
   1MHz 1A Step-Down DC/DC Converter
AAT1154 ANALOGICTECH-AAT1154_07 Datasheet
449Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
AAT1156 ANALOGICTECH-AAT1156 Datasheet
425Kb / 14P
   1MHz 700mA Step-Down DC-DC Converter
AAT1154 ANALOGICTECH-AAT1154_06 Datasheet
562Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
AAT1156 ANALOGICTECH-AAT1156_07 Datasheet
624Kb / 15P
   1MHz 700mA Step-Down DC-DC Converter
AAT1155 ANALOGICTECH-AAT1155_06 Datasheet
536Kb / 17P
   1MHz 2.5A Step-Down DC/DC Converter
AAT1155 ANALOGICTECH-AAT1155 Datasheet
389Kb / 17P
   1MHz 2.5A Step-Down DC/DC Converter
logo
Diodes Incorporated
PAM2309 DIODES-PAM2309 Datasheet
572Kb / 17P
   1A STEP-DOWN DC-DC CONVERTER
PAM2312 DIODES-PAM2312 Datasheet
657Kb / 14P
   1A STEP-DOWN DC-DC CONVERTER
logo
Power Analog Micoelectr...
PAM2309 PAM-PAM2309 Datasheet
424Kb / 16P
   1A Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com