Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3190ITP-T1 Datasheet(PDF) 2 Page - Advanced Analogic Technologies

Part # AAT3190ITP-T1
Description  Positive/Negative Charge Pump for Voltage Bias
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3190ITP-T1 Datasheet(HTML) 2 Page - Advanced Analogic Technologies

  AAT3190ITP-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3190ITP-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3190ITP-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3190ITP-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3190ITP-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3190ITP-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3190ITP-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3190ITP-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3190ITP-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Pin Description
Pin Configuration
MSOP-8
TSOPJW-12
(Top View)
(Top View)
1
2
3
4
5
6
12
11
10
9
8
7
VIN
FBN
REF
EN
FBP
N/C
DRVP
GND
GND
GND
GND
DRVN
DRVN
VIN
GND
DRVP
FBP
EN
REF
FBN
1
2
3
4
8
7
6
5
Pin #
MSOP-8
TSOPJW-12
Symbol
Function
1
5
FBP
Positive charge pump feedback input. Regulates to 1.2V
nominal. Connect feedback resistive divider to analog
ground (GND).
2
4
EN
Enable input. When EN is pulled low, the device shuts off
and draws only 1.0µA. When high, it is in normal opera-
tion. Drive EN through an external resistor.
3
3
REF
Internal reference bypass terminal. Connect a 0.1µF capac-
itor from this terminal to analog ground (GND). External
load capability to 50µA. REF is disabled in shutdown.
4
2
FBN
Negative charge pump regulator feedback input. Regulates
to 0V nominal. Connect feedback resistive divider to the
reference (REF).
5
12
DVRP
Positive charge pump driver output. Output high level is V
IN
and low level is PGND.
6
8, 9, 10, 11
GND
Ground.
7
7
DRVN
Negative charge pump driver output. Output high level is
V
IN and low level is PGND.
8
1
VIN
Input voltage: 2.7V to 5.5V.
AAT3190
Positive/Negative Charge Pump for Voltage Bias
2
3190.2005.03.1.0


Similar Part No. - AAT3190ITP-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3190ITP-T1 AAT-AAT3190ITP-T1 Datasheet
425Kb / 16P
   Positive/Negative Charge Pump for Voltage Bias
logo
Advanced Analogic Techn...
AAT3190ITP-T1 ANALOGICTECH-AAT3190ITP-T1 Datasheet
425Kb / 16P
   Positive/Negative Charge Pump for Voltage Bias
More results

Similar Description - AAT3190ITP-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3190 AAT-AAT3190 Datasheet
425Kb / 16P
   Positive/Negative Charge Pump for Voltage Bias
logo
Advanced Analogic Techn...
AAT3190 ANALOGICTECH-AAT3190_06 Datasheet
425Kb / 16P
   Positive/Negative Charge Pump for Voltage Bias
logo
Maxim Integrated Produc...
MAX850 MAXIM-MAX850 Datasheet
118Kb / 8P
   Low-Noise, Regulated, Negative Charge-Pump Power Supplies for GaAsFET Bias
Rev 2; 4/96
logo
RICOH electronics devic...
R1250VXX1A RICOH-R1250VXX1A Datasheet
147Kb / 13P
   Negative Output Charge Pump Regulator
logo
Rohm
BM81004MUV ROHM-BM81004MUV Datasheet
3Mb / 52P
   Positive charge pump controller
logo
RICOH electronics devic...
R1250V301A RICOH-R1250V301A Datasheet
159Kb / 14P
   Negative Output Charge Pump Regulator(100mA)
logo
Microchip Technology
MCP1252 MICROCHIP-MCP1252_14 Datasheet
562Kb / 20P
   Low-Noise, Positive-Regulated Charge Pump
03/25/14
MCP1253 MICROCHIP-MCP1253 Datasheet
440Kb / 18P
   Low Noise, Positive-Regulated Charge Pump
2002
MCP1252 MICROCHIP-MCP1252_13 Datasheet
395Kb / 20P
   Low Noise, Positive-Regulated Charge Pump
11/29/12
logo
HTC Korea TAEJIN Techno...
TJ7660 HTC-TJ7660 Datasheet
788Kb / 11P
   Charge Pump Voltage Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com