Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3242ITP-TI-T1 Datasheet(PDF) 10 Page - Advanced Analogic Technologies

Part # AAT3242ITP-TI-T1
Description  300mA/150mA Dual CMOS LDO Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3242ITP-TI-T1 Datasheet(HTML) 10 Page - Advanced Analogic Technologies

Back Button AAT3242ITP-TI-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3242ITP-TI-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3242ITP-TI-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3242ITP-TI-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3242ITP-TI-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3242ITP-TI-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3242ITP-TI-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3242ITP-TI-T1 Datasheet HTML 13Page - Advanced Analogic Technologies AAT3242ITP-TI-T1 Datasheet HTML 14Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AAT3242
300mA/150mA Dual CMOS LDO Linear Regulator
10
3242.2005.01.1.4
Applications Information
To assure the maximum possible performance is
obtained from the AAT3242, please refer to the fol-
lowing application recommendations.
Input Capacitor
Typically a 1µF or larger capacitor is recommend-
ed for CIN in most applications. A CIN capacitor is
not required for basic LDO regulator operation.
However, if the AAT3242 is physically located more
than three centimeters from an input power source,
a CIN capacitor will be needed for stable operation.
CIN should be located as closely to the device VIN
pin as practically possible. CIN values greater than
1µF will offer superior input line transient response
and will assist in maximizing the highest possible
power supply ripple rejection.
Ceramic, tantalum, or aluminum electrolytic capac-
itors may be selected for CIN. There is no specific
capacitor ESR requirement for CIN. However, for
300mA LDO regulator output operation, ceramic
capacitors are recommended for CIN due to their
inherent capability over tantalum capacitors to with-
stand input current surges from low impedance
sources such as batteries in portable devices.
Output Capacitor
For proper load voltage regulation and operational
stability, a capacitor is required between pins VOUT
and GND. The COUT capacitor connection to the
LDO regulator ground pin should be made as direct
as practically possible for maximum device per-
formance. The AAT3242 has been specifically
designed to function with very low ESR ceramic
capacitors. For best performance, ceramic capaci-
tors are recommended.
Typical output capacitor values for maximum out-
put current conditions range from 1µF to 10µF.
Applications utilizing the exceptionally low output
noise and optimum power supply ripple rejection
characteristics of the AAT3242 should use 2.2µF or
greater for COUT. If desired, COUT may be increased
without limit. In low output current applications
where output load is less than 10mA, the minimum
value for COUT can be as low as 0.47µF.
Capacitor Characteristics
Ceramic composition capacitors are highly recom-
mended over all other types of capacitors for use
with the AAT3242. Ceramic capacitors offer many
advantages over their tantalum and aluminum elec-
trolytic counterparts. A ceramic capacitor typically
has very low ESR, is lower cost, has a smaller PCB
footprint, and is non-polarized. Line and load tran-
sient response of the LDO regulator is improved by
using low ESR ceramic capacitors. Since ceramic
capacitors are non-polarized, they are not prone to
incorrect connection damage.
Equivalent Series Resistance
ESR is a very important characteristic to consider
when selecting a capacitor. ESR is the internal
series resistance associated with a capacitor that
includes lead resistance, internal connections, size
and area, material composition, and ambient tem-
perature. Typically, capacitor ESR is measured in
milliohms for ceramic capacitors and can range to
more than several ohms for tantalum or aluminum
electrolytic capacitors.
Ceramic Capacitor Materials
Ceramic capacitors less than 0.1µF are typically
made from NPO or COG materials. NPO and COG
materials are typically tight tolerance and are very
stable over temperature. Larger capacitor values
are typically composed of X7R, X5R, Z5U, and
Y5V dielectric materials. Large ceramic capaci-
tors, typically greater than 2.2µF, are often avail-
able in the low-cost Y5V and Z5U dielectrics.
These two material types are not recommended for
use with LDO regulators since the capacitor toler-
ance can vary more than ±50% over the operating
temperature range of the device. A 2.2µF Y5V
capacitor could be reduced to 1µF over tempera-


Similar Part No. - AAT3242ITP-TI-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3242ITP-TI-T1 AAT-AAT3242ITP-TI-T1 Datasheet
265Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3242ITP-TI-T1 ANALOGICTECH-AAT3242ITP-TI-T1 Datasheet
1Mb / 15P
   300mA/150mA Dual CMOS LDO Linear Regulator
More results

Similar Description - AAT3242ITP-TI-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3242 AAT-AAT3242 Datasheet
265Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3242 ANALOGICTECH-AAT3242_08 Datasheet
1Mb / 15P
   300mA/150mA Dual CMOS LDO Linear Regulator
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
logo
Advanced Analogic Techn...
AAT3244 ANALOGICTECH-AAT3244 Datasheet
824Kb / 15P
   300mA Adjustable Dual CMOS Low Voltage LDO Linear Regulator
logo
Semtech Corporation
SC563 SEMTECH-SC563 Datasheet
1Mb / 16P
   Dual Output 300mA LDO Linear Regulator
logo
Orister Corporation
RS7206 ORISTER-RS7206 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable
logo
List of Unclassifed Man...
FS8853 ETC-FS8853 Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5168 SEAWARD-SE5168 Datasheet
215Kb / 8P
   150mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217_08 Datasheet
274Kb / 10P
   150mA CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com