Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD150R08PV Datasheet(PDF) 2 Page - International Rectifier

Part # SD150R08PV
Description  STANDARD RECOVERY DIODES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD150R08PV Datasheet(HTML) 2 Page - International Rectifier

  SD150R08PV Datasheet HTML 1Page - International Rectifier SD150R08PV Datasheet HTML 2Page - International Rectifier SD150R08PV Datasheet HTML 3Page - International Rectifier SD150R08PV Datasheet HTML 4Page - International Rectifier SD150R08PV Datasheet HTML 5Page - International Rectifier SD150R08PV Datasheet HTML 6Page - International Rectifier SD150R08PV Datasheet HTML 7Page - International Rectifier SD150R08PV Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SD150N/R Series
2
www.irf.com
Bulletin I2077 rev. B 11/01
SD150N/R
15
E
LECTRICAL SPECIFICATIONS
Voltage Ratings
Voltage
V
RRM , maximum repetitive
V
RSM , maximum non-
I
RRM max.
Type number
Code
peak reverse voltage
repetitive peak rev. voltage
@ T
J = TJ max.
VV
mA
04
400
500
08
800
900
12
1200
1300
16
1600
1700
20
2000
2100
25
2500
2600
I
F(AV)
Max. average forward current
150
A
180° conduction, half sine wave
@ Case temperature
125
°C
I
F(AV)
Max. average forward current
200
A
180° conduction, half sine wave
@ Case temperature
110
°C
I
F(RMS) Max. RMS forward current
235
A
DC @ 113°C case temperature
I
FSM
Max. peak, one-cycle forward,
3600
t = 10ms
No voltage
non-repetitive surge current
3770
t = 8.3ms
reapplied
3000
t = 10ms
100% V
RRM
3170
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
65
t = 10ms
No voltage
Initial T
J = TJ max.
59
t = 8.3ms
reapplied
46
t = 10ms
100% V
RRM
42
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
650
KA2
√s
t = 0.1 to 10ms, no voltage reapplied
V
F(TO)1 Low level value of threshold
voltage
V
F(TO)2 High level value of threshold
voltage
r
f1
Low level value of forward
slope resistance
r
f2
High level value of forward
slope resistance
V
FM
Max. forward voltage drop
1.5
V
Ipk= 470A, TJ = TJ max, tp = 10ms sinusoidal wave
Parameter
SD150N/R
Units Conditions
Forward Conduction
KA2s
A
V
m
1.04
(I >
π x I
F(AV)),TJ = TJ max.
1.27
(16.7% x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ max.
1.06
(I >
π x I
F(AV)),TJ = TJ max.
0.93
(16.7% x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ max.


Similar Part No. - SD150R08PV

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD150R IRF-SD150R Datasheet
211Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
More results

Similar Description - SD150R08PV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com