Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD2706A Datasheet(PDF) 2 Page - Advanced Linear Devices

Part # ALD2706A
Description  DUAL ULTRA MICROPOWER RAIL TO RAIL CMOS OPERATIOAAL AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2706A Datasheet(HTML) 2 Page - Advanced Linear Devices

  ALD2706A Datasheet HTML 1Page - Advanced Linear Devices ALD2706A Datasheet HTML 2Page - Advanced Linear Devices ALD2706A Datasheet HTML 3Page - Advanced Linear Devices ALD2706A Datasheet HTML 4Page - Advanced Linear Devices ALD2706A Datasheet HTML 5Page - Advanced Linear Devices ALD2706A Datasheet HTML 6Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ALD2706A/ALD2706B
Advanced Linear Devices
2
ALD2706
Supply
VS
±1.0
±6.0 ±1.0
±6.0 ±1.0
±6.0
V
Dual Supply
Voltage
V+
2.0
12.0
2.0
12.0
2.0
12.0
V
Single Supply
Input Offset
VOS
2.0
5.0
10.0
mV
RS ≤ 100KΩ
Voltage
2.8
5.8
11.0
mV
0
°C ≤ TA ≤ +70°C
Input Offset
IOS
0.1
20
0.1
20
0.1
20
pA
TA = 25°C
Current
200
200
200
pA
0
°C ≤ TA ≤ +70°C
Input Bias
IB
0.1
20
0.1
20
0.1
20
pA
TA = 25°C
Current
200
200
200
pA
0
°C ≤ TA ≤ +70°C
Input Voltage
VIR
-0.3
5.3
-0.3
5.3
-0.3
5.3
V
V+ = +5
Range
-2.8
2.8
-2.8
2.8
-2.8
2.8
V
VS = ±2.5V
Input
Resistance
RIN
1012
1012
1012
Input Offset
Voltage Drift
TCVOS
77
10
µV/°CRS ≤ 100KΩ
Power Supply
PSRR
65
80
65
80
60
80
dB
RS ≤ 100KΩ
Rejection Ratio
65
80
65
80
60
80
dB
0
°C ≤ TA ≤ +70°C
Common Mode
CMRR
65
83
65
83
60
83
dB
RS ≤ 100KΩ
Rejection Ratio
65
83
65
83
60
83
dB
0
°C ≤ TA ≤ +70°C
Large Signal
AV
10
100
10
100
5
80
V/mV
RL = 100KΩ
Voltage Gain
300
300
300
V/mV
RL ≥ 1MΩ
10
10
5
V/mV
RL = 100KΩ
0
°C ≤ TA ≤ +70°C
Output
VO low
0.001
0.01
0.001
0.01
0.001
0.01
V
RL = 1MΩ V+ = +5V
Voltage
VO high
4.99
4.999
4.99 4.999
4.99 4.999
V
0
°C ≤ TA ≤ +70°C
Range
VO low
-2.40
-2.25
-2.40 -2.25
-2.40
-2.25
V
RL = 100KΩ
VO high
2.25
2.40
2.25
2.40
2.25
2.40
V
0
°C ≤ TA ≤ +70°C
Output Short
Circuit Current
ISC
200
200
200
µA
Supply Current
IS
50
80
50
80
50
80
µAVIN=0V
No Load
Power
Both amplifiers
Dissipation
PD
400
400
400
µWVS = ±2.5V
OPERATING ELECTRICAL CHARACTERISTICS
TA = 25°C VS = ±2.5V unless otherwise specified
2706A
2706B
2706
Test
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Conditions
ABSOLUTE MAXIMUM RATINGS
Supply voltage, V+
13.2V
Differential input voltage range
-0.3V to V+ +0.3V
Power dissipation
600 mW
Operating temperature range
PA,SA package
0
°C to +70°C
DA package
-55
°C to +125°C
Storage temperature range
-65
°C to +150°C
Lead temperature, 10 seconds
+260
°C


Similar Part No. - ALD2706A

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2706A ALD-ALD2706A Datasheet
82Kb / 9P
   DUAL ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2706ADA ALD-ALD2706ADA Datasheet
82Kb / 9P
   DUAL ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2706APAL ALD-ALD2706APAL Datasheet
82Kb / 9P
   DUAL ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2706ASAL ALD-ALD2706ASAL Datasheet
82Kb / 9P
   DUAL ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - ALD2706A

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD4706 ALD-ALD4706_10 Datasheet
86Kb / 9P
   DUAL ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2706 ALD-ALD2706_10 Datasheet
82Kb / 9P
   DUAL ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD1706A ALD-ALD1706A Datasheet
44Kb / 6P
   ULTRA MICROPOWER RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
ALD1706A ALD-ALD1706A_10 Datasheet
82Kb / 9P
   ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1706A ADL-ALD1706A Datasheet
77Kb / 9P
   ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
logo
Advanced Linear Devices
ALD2701 ALD-ALD2701_10 Datasheet
84Kb / 9P
   DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2701 ALD-ALD2701 Datasheet
74Kb / 6P
   DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4706A ALD-ALD4706A Datasheet
66Kb / 6P
   QUAD ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2711 ALD-ALD2711_11 Datasheet
85Kb / 9P
   DUAL MICROPOWER PRECISION RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2711A ALD-ALD2711A Datasheet
48Kb / 6P
   DUAL MICROPOWER PRECISION RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com