Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD150R25MV Datasheet(PDF) 3 Page - International Rectifier

Part # SD150R25MV
Description  STANDARD RECOVERY DIODES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD150R25MV Datasheet(HTML) 3 Page - International Rectifier

  SD150R25MV Datasheet HTML 1Page - International Rectifier SD150R25MV Datasheet HTML 2Page - International Rectifier SD150R25MV Datasheet HTML 3Page - International Rectifier SD150R25MV Datasheet HTML 4Page - International Rectifier SD150R25MV Datasheet HTML 5Page - International Rectifier SD150R25MV Datasheet HTML 6Page - International Rectifier SD150R25MV Datasheet HTML 7Page - International Rectifier SD150R25MV Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SD150N/R Series
3
www.irf.com
Bulletin I2077 rev. B 11/01
400to2000
2500
T
J
Max. junction operating temperature range
-40 to 180
150
°C
Tstg
Max. storage temperature range
-55 to 200
RthJC Max. thermal resistance, junction to case
0.23
K/W
DC operation
RthCS Max. thermal resistance,
0.08
Mounting surface, smooth, flat and
case to heatsink
greased
T
Max. allowed mounting torque ±10%
14
N m
Not lubricated threads
wt
Approximate weight
120
g
Case style
DO-205AC(DO-30)
See Outline Table
SD150N/R
Thermal and Mechanical Specifications
∆R
thJC Conduction
(The following table shows the increment of thermal resistence R
thJC when devices operate at different conduction angles than DC)
180°
0.041
0.030
T
J = TJ max.
120°
0.049
0.051
90°
0.063
0.068
60°
0.093
0.096
30°
0.156
0.157
Conduction angle
Sinusoidal conduction Rectangular conduction Units
Conditions
K/W
Parameter
Units
Conditions
Ordering Information Table
SD 15
0
N
25
P
B
C
1
2
3
4
5
6
7
Device Code
8
1
- Diode
2
- Essential part number
3
- 0 = Standardrecovery
4
- N = Stud Normal Polarity (Cathode to Stud)
R = Stud Reverse Polarity (Anode to Stud)
5
- Voltage code: Code x 100 = V
RRM (See Voltage Ratings table)
6
- P = Stud base DO-205AC (DO-30) 1/2" 20UNF-2A
M = Stud base DO-205AC (DO-30) M12 X 1.75
7
- B = Flag top terminal (for Cathode/ Anode Leads)
S = Isolated lead with silicone sleeve
(Red = Reverse Polarity; Blue = Normal Polarity)
None = Non isolated lead
8
- C = Ceramic Housing (over 1600V)
V = Glass-metal seal (only up to 1600V)


Similar Part No. - SD150R25MV

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD150R IRF-SD150R Datasheet
211Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
More results

Similar Description - SD150R25MV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com