Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8826AEHA475 Datasheet(PDF) 10 Page - Analog Microelectronics

Part # AME8826AEHA475
Description  1.55A CMOS LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8826AEHA475 Datasheet(HTML) 10 Page - Analog Microelectronics

Back Button AME8826AEHA475 Datasheet HTML 6Page - Analog Microelectronics AME8826AEHA475 Datasheet HTML 7Page - Analog Microelectronics AME8826AEHA475 Datasheet HTML 8Page - Analog Microelectronics AME8826AEHA475 Datasheet HTML 9Page - Analog Microelectronics AME8826AEHA475 Datasheet HTML 10Page - Analog Microelectronics AME8826AEHA475 Datasheet HTML 11Page - Analog Microelectronics AME8826AEHA475 Datasheet HTML 12Page - Analog Microelectronics AME8826AEHA475 Datasheet HTML 13Page - Analog Microelectronics AME8826AEHA475 Datasheet HTML 14Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AME, Inc.
10
1.55A CMOS LDO
AME8826
Overtemperature Shutdown
Stability vs. ESR vs. I
Load
Stability vs. ESR vs. I
Load
Stability vs. ESR vs. I
Load
Time 100mS/DIV
0V
0A
VIN = 4V
C
IN = 4.7µF
C
OUT = 4.7µF
ILOAD (mA)
0.01
0.1
1
10
100
1000
10000
0
250
500
750
1000
1250
1500
Stable Region
Untested Region
Unstable Region
C
L=5µF
0.01
0.1
1
10
100
1000
10000
0
250
500
750
1000
1250
1500
Stable Region
Untested Region
Unstable Region
C
L=2µF
ILOAD (mA)
0.001
0.01
0.1
1
10
100
1000
10000
0
250
500
750
1000
1250
1500
Stable Region
Untested Region
Unstable Region
C
L=10µF
ILOAD (mA)


Similar Part No. - AME8826AEHA475

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8826AEHA475Z AME-AME8826AEHA475Z Datasheet
200Kb / 17P
   1.55A CMOS LDO
More results

Similar Description - AME8826AEHA475

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8826 AME-AME8826_08 Datasheet
200Kb / 17P
   1.55A CMOS LDO
logo
GTM CORPORATION
G5U2189 GTM-G5U2189 Datasheet
518Kb / 7P
   1.55A CMOS Low Dropout Voltage Regulator
logo
SeCoS Halbleitertechnol...
SSC2119 SECOS-SSC2119 Datasheet
1Mb / 7P
   1.55A CMOS Low Dropout Voltage Regulator
S5U2189 SECOS-S5U2189 Datasheet
1Mb / 7P
   1.55A CMOS Low Dropout Voltage Regulator
logo
GTM CORPORATION
GSC2119 GTM-GSC2119 Datasheet
515Kb / 7P
   1.55A CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
Bookly Micro electronic
BM9230 BOOKLY-BM9230 Datasheet
277Kb / 8P
   CMOS LDO
BM9168 BOOKLY-BM9168 Datasheet
214Kb / 7P
   CMOS LDO
logo
Analog Microelectronics
AME8816 AME-AME8816 Datasheet
112Kb / 14P
   1.5A CMOS LDO
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Diodes Incorporated
AP7215 DIODES-AP7215 Datasheet
210Kb / 11P
   600mA CMOS LDO
AP7215 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com