Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8844BEQAADJ Datasheet(PDF) 1 Page - Analog Microelectronics

Part # AME8844BEQAADJ
Description  750mA CMOS LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8844BEQAADJ Datasheet(HTML) 1 Page - Analog Microelectronics

  AME8844BEQAADJ Datasheet HTML 1Page - Analog Microelectronics AME8844BEQAADJ Datasheet HTML 2Page - Analog Microelectronics AME8844BEQAADJ Datasheet HTML 3Page - Analog Microelectronics AME8844BEQAADJ Datasheet HTML 4Page - Analog Microelectronics AME8844BEQAADJ Datasheet HTML 5Page - Analog Microelectronics AME8844BEQAADJ Datasheet HTML 6Page - Analog Microelectronics AME8844BEQAADJ Datasheet HTML 7Page - Analog Microelectronics AME8844BEQAADJ Datasheet HTML 8Page - Analog Microelectronics AME8844BEQAADJ Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AME, Inc.
1
AME8844
750mA CMOS LDO
n Functional Block Diagram
(Fixed Versions)
l Very Low Dropout Voltage
l Guaranteed 750mA Output
l Accurate to within 1.5%
l 45µA Quiescent Current Typically
l Over-Temperature Shutdown
l Current Limiting
l Short Circuit Current Fold-back
l Noise Reduction Bypass Capacitor (Fixed
Versions)
l Power-Saving Shutdown Mode
l Space-Saving MSOP-8 Package
l 6 Factory Pre-set Output Voltages
l Low Temperature Coefficient
l Adjustable Version
l Power Good Output Function.
The AME8844 family of positive, linear regulators fea-
ture low quiescent current (45
µA typ.) with low dropout
voltage, making them ideal for battery applications.
Output voltages are set at the factory and trimmed to
1.5% accuracy.
These rugged devices have both Thermal Shutdown,
and Current Fold-back to prevent device failure under the
"Worst" of operating conditions.
An additional feature is a “Power Good” detector, which
pulls low when the output is out of regulation.
The AME8844 is stable with an output capacitance of
4.7
µF or greater.
l Instrumentation
l Portable Electronics
l Wireless Devices
l PC Peripherals
l Battery Powered Widgets
n General Description
n Features
n Applications
n Functional Block Diagram
(Adjustable Version)
(external)
(external)
Overcurrent
Shutdown
Thermal
Shutdown
AMP
IN
1.242V
GND
OUT
R1
R2
EN
ADJ
GND
OUT
IN
PG
Overcurrent
Shutdown
Thermal
Shutdown
EN
Vref
Vref x85%
Vrefx115%
AMP
R2
R1
n Typical Applications
AME8844
OUT
IN
C3
4.7
µµµµF
C1
1
µµµµF
GND
OUT
EN
PG
IN
5V


Similar Part No. - AME8844BEQAADJ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8844BEQAADJ AME-AME8844BEQAADJ Datasheet
174Kb / 15P
   750mA CMOS LDO
AME8844BEQAADJ AME-AME8844BEQAADJ Datasheet
145Kb / 16P
   750mA CMOS LDO
AME8844BEQAADJZ AME-AME8844BEQAADJZ Datasheet
174Kb / 15P
   750mA CMOS LDO
AME8844BEQAADJZ AME-AME8844BEQAADJZ Datasheet
145Kb / 16P
   750mA CMOS LDO
More results

Similar Description - AME8844BEQAADJ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8843 AME-AME8843_08 Datasheet
97Kb / 11P
   750mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8843 AKM-AME8843 Datasheet
96Kb / 9P
   750mA CMOS LDO
logo
Analog Microelectronics
AME8844 AME-AME8844_07 Datasheet
174Kb / 15P
   750mA CMOS LDO
AME8808 AME-AME8808_08 Datasheet
230Kb / 13P
   750mA CMOS LDO
AME8844 AME-AME8844_09 Datasheet
145Kb / 16P
   750mA CMOS LDO
AME8808 AME-AME8808 Datasheet
85Kb / 11P
   750mA CMOS LDO
logo
SeCoS Halbleitertechnol...
S5U2167 SECOS-S5U2167 Datasheet
1Mb / 6P
   750mA CMOS Positive Voltage Regulator
S5J2187 SECOS-S5J2187 Datasheet
1Mb / 7P
   750mA CMOS Positive Voltage Regulator
S5U2187 SECOS-S5U2187 Datasheet
1Mb / 7P
   750mA CMOS Positive Voltage Regulator
logo
GTM CORPORATION
G5U2167 GTM-G5U2167 Datasheet
763Kb / 6P
   750mA CMOS Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com