Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT5659H Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AT5659H
Description  5-CH MOTOR DRIVER FOR DC/VCD PLAYER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AT5659H Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AT5659H Datasheet HTML 1Page - List of Unclassifed Manufacturers AT5659H Datasheet HTML 2Page - List of Unclassifed Manufacturers AT5659H Datasheet HTML 3Page - List of Unclassifed Manufacturers AT5659H Datasheet HTML 4Page - List of Unclassifed Manufacturers AT5659H Datasheet HTML 5Page - List of Unclassifed Manufacturers AT5659H Datasheet HTML 6Page - List of Unclassifed Manufacturers AT5659H Datasheet HTML 7Page - List of Unclassifed Manufacturers AT5659H Datasheet HTML 8Page - List of Unclassifed Manufacturers AT5659H Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AT5659
Preliminary Product Information
5-Ch Motor Driver for CD/VCD Player
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
2
Pin Configuration
Ordering Information
Part number
Package
Marking
AT5659H
28-pin HSOP
AT5659H
Pin Description
Pin No.
Symbol
Descript
Pin No
Symbol
Descript
1
DO1.1 CH1output (-)
15
DO5.1 CH5 output (+)
2
DO1.2 CH1 output (+)
16
DO5.2 CH5 output (-)
3
DI1.1 CH1 input 1
17
DO3.1 CH3 output (-)
4
DI1.2 CH1 input 2 (Adjustable)
18
DO3.2 CH3 output (+)
5
REB
Regulator base
19
DI3
CH3 input
6
REO Regulator output, 5V
20
CTL
CH5 motor speed control
7
MUTE Mute
21
V
CC1
Supply voltage 1
8
GND1 Ground 1
22
V
CC2
Supply Voltage 2
9
DI5.1 CH5 input 1
23
VREF CH bias input
10
DI2
CH2 input
24
DI4.1 CH4 input 1 (Adjustable)
11
DO2.1 CH2 output (+)
25
DI4.2 CH4 input 2
12
DO2.2 CH2 output (-)
26
DO4.1 CH4 output (+)
13
GND2 Ground 2
27
DO4.2 CH4 output (-)
14
DI5.2 CH5 input 2
28
GND3 Ground 3


Similar Part No. - AT5659H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT5654 ETC1-AT5654 Datasheet
564Kb / 12P
   4-CHANNEL BTL MOTOR DRIVER FOR CD-ROM
logo
Aimtron Technology
AT5658 AIMTRON-AT5658 Datasheet
283Kb / 8P
   4-ch Motor Driver for CD/VCD Player
AT5658H AIMTRON-AT5658H Datasheet
283Kb / 8P
   4-ch Motor Driver for CD/VCD Player
More results

Similar Description - AT5659H

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT5658 AIMTRON-AT5658 Datasheet
283Kb / 8P
   4-ch Motor Driver for CD/VCD Player
logo
List of Unclassifed Man...
AT5668 ETC1-AT5668 Datasheet
565Kb / 11P
   5-Channel Motor Driver for DVD/VCD
logo
Aimtron Technology
AT5665 AIMTRON-AT5665 Datasheet
416Kb / 11P
   5-Channel Motor Driver for DVD/VCD
AT5660 AIMTRON-AT5660 Datasheet
452Kb / 12P
   5-Channel Motor Driver for DVD/VCD
logo
Ceramate Technical
CMD4509 CERAMATE-CMD4509 Datasheet
202Kb / 6P
   5-CH BTL Driver for DVD Player
CMD4506 CERAMATE-CMD4506 Datasheet
162Kb / 6P
   5-CH BTL Driver for DVD Player
CMD4508 CERAMATE-CMD4508 Datasheet
205Kb / 6P
   5-CH BTL Driver for DVD Player
CMD4505 CERAMATE-CMD4505 Datasheet
293Kb / 6P
   5-CH BTL Driver for DVD Player
logo
BCD Semiconductor Manuf...
AM5668 BCDSEMI-AM5668 Datasheet
126Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5669 BCDSEMI-AM5669 Datasheet
172Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com