Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89C51RB2-RLTIM Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT89C51RB2-RLTIM
Description  8-bit Microcontroller with 16K/ 32K Bytes Flash
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RB2-RLTIM Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT89C51RB2-RLTIM Datasheet HTML 2Page - ATMEL Corporation AT89C51RB2-RLTIM Datasheet HTML 3Page - ATMEL Corporation AT89C51RB2-RLTIM Datasheet HTML 4Page - ATMEL Corporation AT89C51RB2-RLTIM Datasheet HTML 5Page - ATMEL Corporation AT89C51RB2-RLTIM Datasheet HTML 6Page - ATMEL Corporation AT89C51RB2-RLTIM Datasheet HTML 7Page - ATMEL Corporation AT89C51RB2-RLTIM Datasheet HTML 8Page - ATMEL Corporation AT89C51RB2-RLTIM Datasheet HTML 9Page - ATMEL Corporation AT89C51RB2-RLTIM Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 125 page
background image
6
AT89C51RB2/RC2
4180B–8051–04/03
Table 8. Serial I/O Port SFRs
Mnemonic
Add
Name
76543210
SCON
98h
Serial Control
FE/SM0
SM1
SM2
REN
TB8
RB8
TI
RI
SBUF
99h
Serial Data Buffer
SADEN
B9h
Slave Address Mask
SADDR
A9h
Slave Address
BDRCON
9Bh
Baud Rate Control
BRR
TBCK
RBCK
SPD
SRC
BRL
9Ah
Baud Rate Reload
Table 9. SPI Controller SFRs
Mnemonic
Add
Name
76543210
SPCON
C3h
SPI Control
SPR2
SPEN
SSDIS
MSTR
CPOL
CPHA
SPR1
SPR0
SPSTA
C4h
SPI Status
SPIF
WCOL
SSERR
MODF
----
SPDAT
C5h
SPI Data
SPD7
SPD6
SPD5
SPD4
SPD3
SPD2
SPD1
SPD0
Table 10. Keyboard Interface SFRs
Mnemonic
Add
Name
76543210
KBLS
9Ch
Keyboard Level Selector
KBLS7
KBLS6
KBLS5
KBLS4
KBLS3
KBLS2
KBLS1
KBLS0
KBE
9Dh
Keyboard Input Enable
KBE7
KBE6
KBE5
KBE4
KBE3
KBE2
KBE1
KBE0
KBF
9Eh
Keyboard Flag Register
KBF7
KBF6
KBF5
KBF4
KBF3
KBF2
KBF1
KBF0


Similar Part No. - AT89C51RB2-RLTIM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51RB2-RLTIM ATMEL-AT89C51RB2-RLTIM Datasheet
1Mb / 127P
   Microcontroller with 16K/32K Bytes Flash
AT89C51RB2-RLTIM ATMEL-AT89C51RB2-RLTIM Datasheet
1Mb / 127P
   8-bit Microcontroller with 16K/ 32K Bytes Flash
More results

Similar Description - AT89C51RB2-RLTIM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51RC2-RLRIM ATMEL-AT89C51RC2-RLRIM Datasheet
1Mb / 127P
   8-bit Microcontroller with 16K/ 32K Bytes Flash
T89C51RB2 ATMEL-T89C51RB2_06 Datasheet
1Mb / 117P
   8-bit Microcontroller with 16K/ 32K Bytes Flash
AT89C51RB2 ATMEL-AT89C51RB2_06 Datasheet
1Mb / 127P
   8-bit Microcontroller with 16K/ 32K Bytes Flash
AT89C51RC2_0312 ATMEL-AT89C51RC2_0312 Datasheet
1Mb / 127P
   Microcontroller with 16K/32K Bytes Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_10 Datasheet
462Kb / 21P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB Datasheet
389Kb / 20P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_1 Datasheet
4Mb / 273P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_09 Datasheet
476Kb / 22P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
AT89C51RC ATMEL-AT89C51RC Datasheet
246Kb / 37P
   8-bit Microcontroller with 32K Bytes Flash
AT89C51RC ATMEL-AT89C51RC_05 Datasheet
429Kb / 36P
   8-bit Microcontroller with 32K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com