Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU1924 Datasheet(PDF) 3 Page - Rohm

Part # BU1924
Description  RDS / RBDS decoder
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU1924 Datasheet(HTML) 3 Page - Rohm

  BU1924 Datasheet HTML 1Page - Rohm BU1924 Datasheet HTML 2Page - Rohm BU1924 Datasheet HTML 3Page - Rohm BU1924 Datasheet HTML 4Page - Rohm BU1924 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BU1924 / BU1924F
Audio ICs
!
!
!
!
Pin descriptions
Pin No.
Pin name
Symbol
Functions
Input/Output type
1
QUAL
Demodulator quality
Type C
Good data : High, bad data : Low
Refer to output data timing
6VSS1
7
8
2
RDATA
Demodulator data
9T2
Test input
Type B
Open or connected to ground
10
T1
3
Vref
Reference voltage
4
MUX
Input
Type E
Type D
1/2 VDD1 (refer to input/output circuits)
Composite signal input (refer to input/output circuits)
11
VDD2
Digital power supply
4.5V to 5.5V
12
VSS2
13
XI
Crystal oscillator
Type A
Connects to 4.332MHz oscillator
(refer to input/output circuits)
14
XO
15
(N.C.)
−−
Type C
16
RCLK
Demodulator clock
1187.5Hz clock (refer to the timing diagram)
5VDD1
Analog power supply 4.5V to 5.5V
CMP
Comparator input
Type D
C-junction (refer to input/output circuits )
VSS3
GND
!
!
!
!
Input / Output circuits
Type A
Type B
Type D
10M
Type C
Type E
+
+


Similar Part No. - BU1924

ManufacturerPart #DatasheetDescription
logo
Rohm
BU1920 ROHM-BU1920 Datasheet
96Kb / 7P
   RDS / RBDS decoder
BU1920F ROHM-BU1920F Datasheet
96Kb / 7P
   RDS / RBDS decoder
BU1920FS ROHM-BU1920FS Datasheet
96Kb / 7P
   RDS / RBDS decoder
BU1923 ROHM-BU1923 Datasheet
83Kb / 6P
   RDS / RBDS decoder
BU1923F ROHM-BU1923F Datasheet
83Kb / 6P
   RDS / RBDS decoder
More results

Similar Description - BU1924

ManufacturerPart #DatasheetDescription
logo
Rohm
BU1920 ROHM-BU1920 Datasheet
96Kb / 7P
   RDS / RBDS decoder
BU1923 ROHM-BU1923 Datasheet
83Kb / 6P
   RDS / RBDS decoder
BU2661FV ROHM-BU2661FV Datasheet
83Kb / 6P
   Low-voltage RDS / RBDS decoder
logo
STMicroelectronics
TDA7333 STMICROELECTRONICS-TDA7333 Datasheet
656Kb / 21P
   RDS/RBDS PROCESSOR
January 2005 Rev. 1
TDA7333N STMICROELECTRONICS-TDA7333N Datasheet
415Kb / 36P
   RDS/RBDS processor
logo
NXP Semiconductors
SAA6581T PHILIPS-SAA6581T Datasheet
75Kb / 16P
   RDS/RBDS demodulator
2001 May 07
SAA6581HN NXP-SAA6581HN Datasheet
81Kb / 15P
   RDS/RBDS demodulator
2003 Oct 10
logo
Sanyo Semicon Device
LC72725KMA SANYO-LC72725KMA Datasheet
88Kb / 9P
   RDS(RBDS) Demodulation IC
logo
NXP Semiconductors
SAA6588 PHILIPS-SAA6588 Datasheet
176Kb / 28P
   RDS/RBDS pre-processor
1997 Sep 01
logo
Sanyo Semicon Device
LC72725KM SANYO-LC72725KM_10 Datasheet
93Kb / 9P
   RDS(RBDS) Demodulation IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com