Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD150N08MBV Datasheet(PDF) 1 Page - International Rectifier

Part # SD150N08MBV
Description  STANDARD RECOVERY DIODES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD150N08MBV Datasheet(HTML) 1 Page - International Rectifier

  SD150N08MBV Datasheet HTML 1Page - International Rectifier SD150N08MBV Datasheet HTML 2Page - International Rectifier SD150N08MBV Datasheet HTML 3Page - International Rectifier SD150N08MBV Datasheet HTML 4Page - International Rectifier SD150N08MBV Datasheet HTML 5Page - International Rectifier SD150N08MBV Datasheet HTML 6Page - International Rectifier SD150N08MBV Datasheet HTML 7Page - International Rectifier SD150N08MBV Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
Wide current range
High voltage ratings up to 2500V
High surge current capabilities
Stud cathode and stud anode version
Standard JEDEC types
Typical Applications
Converters
Power supplies
Machine tool controls
High power drives
Medium traction applications
case style
DO-205AC (DO-30)
SD150N/R SERIES
STANDARD RECOVERY DIODES
Stud Version
150A
1
Bulletin I2077 rev. B 11/01
www.irf.com
Major Ratings and Characteristics
400 to 2000
2500
I
F(AV)
150
200
A
@ T
C
125
110
°C
I
F(RMS)
235
314
A
I
FSM
@50Hz
3600
4700
A
@ 60Hz
3770
4920
A
I2t@50Hz
65
110
KA2s
@ 60Hz
59
101
KA2s
V
RRM range
400 to 2000
2500
V
T
J
- 40 to 180
150
°C
Parameters
SD150N/R
Units


Similar Part No. - SD150N08MBV

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD150N IRF-SD150N Datasheet
211Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
More results

Similar Description - SD150N08MBV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com