Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1214-01DF Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # CM1214-01DF
Description  1 and 2 Channel PicoGuardTM AC Signal ESD Protector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM1214-01DF Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button CM1214-01DF Datasheet HTML 2Page - List of Unclassifed Manufacturers CM1214-01DF Datasheet HTML 3Page - List of Unclassifed Manufacturers CM1214-01DF Datasheet HTML 4Page - List of Unclassifed Manufacturers CM1214-01DF Datasheet HTML 5Page - List of Unclassifed Manufacturers CM1214-01DF Datasheet HTML 6Page - List of Unclassifed Manufacturers CM1214-01DF Datasheet HTML 7Page - List of Unclassifed Manufacturers CM1214-01DF Datasheet HTML 8Page - List of Unclassifed Manufacturers CM1214-01DF Datasheet HTML 9Page - List of Unclassifed Manufacturers CM1214-01DF Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
© 2005 California Micro Devices Corp. All rights reserved.
8
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
03/25/05
CM1214
PRELIMINARY
Mechanical Details
The CM1214 is supplied in DFN-03, SOT23-3 and
MSOP-8 packages.Dimensions are presented below.
SOT23-3 Mechanical Specifications
Dimensions for CM1214-01ST/SO supplied in a 3-pin
SOT23 package are presented below.
For complete information on the SOT23-3, see the Cal-
ifornia Micro Devices SOT23 Package Information doc-
ument.
Package Dimensions for SOT23-3.
PACKAGE DIMENSIONS
Package
SOT23-3 (JEDEC name is TO-236)
Pins
3
Dimensions
Millimeters
Inches
Min
Max
Min
Max
A
0.89
1.12
0.0350
0.0441
A1
0.01
0.10
0.0004
0.0039
b
0.30
0.50
0.0118
0.0197
c
0.08
0.20
0.0031
0.0079
D
2.80
3.04
0.1102
0.1197
E
2.10
2.64
0.0827
0.1039
E1
1.20
1.40
0.0472
0.0551
e
0.95 BSC
0.0374 BSC
e1
1.90 BSC
0.0748 BSC
L
0.40
0.60
0.0157
0.0236
L1
0.54 REF
0.0213 REF
# per tape
and reel
3000 pieces
Controlling dimension: millimeters
Mechanical Package Diagrams
TOP VIEW
e
E1 E
A
SIDE VIEW
L1
END VIEW
D
A1
c
12
e1
b
L
3


Similar Part No. - CM1214-01DF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1214-01SO ONSEMI-CM1214-01SO Datasheet
468Kb / 8P
   1 and 2-Channel AC Signal ESD Protector
January, 2014 ??Rev. 2
More results

Similar Description - CM1214-01DF

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1214A CALMIRCO-CM1214A Datasheet
313Kb / 9P
   1 and 2 Channel PicoGuardTM AC Signal ESD Protector
logo
ON Semiconductor
CM1214A ONSEMI-CM1214A_16 Datasheet
362Kb / 9P
   1 and 2-Channel AC Signal ESD Protector
October, 2016 ??Rev. 6
CM1214 ONSEMI-CM1214 Datasheet
468Kb / 8P
   1 and 2-Channel AC Signal ESD Protector
January, 2014 ??Rev. 2
CM1214A ONSEMI-CM1214A Datasheet
437Kb / 14P
   1- and 2-Channel PicoGuard AC Signal ESD Protector
April 2010 ??Rev.2
FCDN614 ONSEMI-FCDN614 Datasheet
220Kb / 4P
   1-Channel ESD Protector
June, 2012 ??Rev. 4
CM1771 ONSEMI-CM1771 Datasheet
87Kb / 3P
   1-Channel ESD Protector
October, 2011 ??Rev. P6
FCDN608 ONSEMI-FCDN608 Datasheet
79Kb / 3P
   1-Channel ESD Protector
May, 2011 ??Rev. 3
HBL1008 ONSEMI-HBL1008 Datasheet
151Kb / 3P
   1-Channel ESD Protector
April, 2015 ??Rev. P2
HBL1010 ONSEMI-HBL1010 Datasheet
207Kb / 3P
   1-Channel ESD Protector
February, 2015 ??Rev. 0
CM1773-5006YL ONSEMI-CM1773-5006YL Datasheet
86Kb / 3P
   1-Channel ESD Protector
November, 2011 ??Rev. P1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com