Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTS9513A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CTS9513A
Description  5 Chan 16 bit 20MHz Counter/Timer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CTS9513A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CTS9513A Datasheet HTML 1Page - List of Unclassifed Manufacturers CTS9513A Datasheet HTML 2Page - List of Unclassifed Manufacturers CTS9513A Datasheet HTML 3Page - List of Unclassifed Manufacturers CTS9513A Datasheet HTML 4Page - List of Unclassifed Manufacturers CTS9513A Datasheet HTML 5Page - List of Unclassifed Manufacturers CTS9513A Datasheet HTML 6Page - List of Unclassifed Manufacturers CTS9513A Datasheet HTML 7Page - List of Unclassifed Manufacturers CTS9513A Datasheet HTML 8Page - List of Unclassifed Manufacturers CTS9513A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Celeritous Technical Services Corp
800.687.6510 / 806.793.0708
3308 34th St
FAX
806.793.0710
Lubbock, Texas 79410
http://www.celeritous.com
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE
Copyright 2000 Celeritous Technical Services Corp
2
Rev E
Tuesday, September 25,
CTS9513-2
5 Chan 16 bit 20MHz Counter/Timer
DEVICE DESCRIPTION
The CTS9513 is a custom, high speed ASIC
implementation of the AMD AM9513 System Timing
Controller. The ‘9513 has long been the most
versatile counter/timer peripheral device, featuring far
more flexibility than competing timing devices such
as the Intel 8253/8254, Motorola 6840 or others. A
large installed base of devices and software drivers
already exists.
The principal limitation of the AM9513 was its
maximum frequency limitation of 7 Mhz imposed by
its late 1970’s NMOS LSI design.
The CTS9513
shatters this barrier with a 20 MHz maximum clock
speed and much lower power consumption due to its
CMOS construction.
The CTS9513 Counter/Timer is capable of a wide
variety of applications including, but not limited to:
Event Counting
Event Sequencing
Programmable pulse generation
Programmable delay generation
Frequency counting
Frequency synthesis
Real Time Clock
Alarm Clock Functions
Watchdog Timing
Retriggerable Pulse Generation
Non-Retriggerable Pulse Generation
Waveform Analysis
Interrupt Generation
Pulse burst generation
The user has control over key features such as:
Output Polarities
Output Impedance
Input Trigger, Edge Polarities
Hardware gating/triggering
Software gating/triggering
Count Up/Down
BCD/Binary Counting
Real time count register read
Internal counter concatenation (up to 80 bits)
Programmable frequency source selection
Programmable internal clock pre-scaling
FEATURES
BACKWARDS COMPATIBLE
The CTS9513 maintains backwards compatibility with
most AM9513 features, allowing continued use of
your
existing
software
drivers.
Data
may
be
transferred in 8 or 16 bit increments. All internal data
paths in the CTS9513 are 16 bit.
All ‘9513
commands registers and modes are supported.
PACKAGING
Figure 2 illustrates the DIP-40 Package pinout of the
device which conforms to the original AM9513
pinouts.
Table 2 summarizes the pinouts of the PLCC-44
package illustrated in Figure 3 which conform to the
original AM9513 PLCC pinouts.
SIGNALS
The following signal names and description conform
to the original AM9513 device.
VCC
+5 Volt Power Supply
VSS
Ground
X1
The
CTS9513 does not provide an internal
crystal oscillator and must be driven from an
external source. X1 should be left open
X2
X2 should be connected to an external TTL
source and pulled up to VCC
FOUT (Frequency Divider Outputs)
The FOUT line is generated by
internally
programmable counters. The clock source for
these counters may be any of the external
GATE or SOURCE inputs as well as any of
the internally prescaled clock outputs.
SOURCE1-5 (Count Source Inputs)
Source inputs 1-5 provide external clock
source lines which may be routed to any of
the internal counters or the FOUT divider. The
active
count
edge
for
the
source
is
programmed at the counter.
Symbol
Description
Min
Max
Units
V DD
DC Supply Voltage
-0.3
7
Volts
V IN
Input Voltage at Any Pin
-0.3
VDD+.3
Volts
T OP
Operating Temperature AxI
-40
85
o C
T ST
Storage Temperature
-55
150
o C
Table 1. Absolute Maximum Ratings


Similar Part No. - CTS9513A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CTS922 ETC2-CTS922 Datasheet
118Kb / 1P
   50 OHM COAXIAL CABLE
More results

Similar Description - CTS9513A

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MG87FE04 MEGAWIN-MG87FE04 Datasheet
1Mb / 61P
   Two 16-bit timer/counter
logo
Advantech Co., Ltd.
PCL-836 ADVANTECH-PCL-836 Datasheet
563Kb / 1P
   6-ch, 16-bit Counter/Timer ISA Card
logo
Aeroflex Circuit Techno...
UT80196 AEROFLEX-UT80196 Datasheet
186Kb / 10P
   20MHz 16-bit Microcontroller
logo
Advantech Co., Ltd.
PCI-1780U ADVANTECH-PCI-1780U Datasheet
536Kb / 1P
   8-ch, 16-bit Counter/Timer Universal PCI Card
PCI-1780U ADVANTECH-PCI-1780U_15 Datasheet
209Kb / 1P
   8-ch, 16-bit Counter/Timer Universal PCI Card
logo
Panasonic Semiconductor
MN102L610B PANASONIC-MN102L610B Datasheet
367Kb / 3P
   RESET Watchdog Timer counter 0 to 5 Timer counter 6 to 7
logo
Mitsubishi Electric Sem...
M51849L MITSUBISHI-M51849L Datasheet
114Kb / 4P
   COUNTER TIMER
logo
Panasonic Semiconductor
MN101C38A PANASONIC-MN101C38A Datasheet
359Kb / 3P
   Timer Counter
logo
Pepperl+Fuchs Inc.
KC-LCD-48-1R-230VAC PF-KC-LCD-48-1R-230VAC Datasheet
1Mb / 3P
   Timer, Counter
logo
Panasonic Semiconductor
MN101C61G PANASONIC-MN101C61G Datasheet
122Kb / 5P
   Timer counter 0 : 8-bit X 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com