Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2153Q Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS2153Q
Description  E1 Single-Chip Transceiver
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2153Q Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS2153Q Datasheet HTML 2Page - Dallas Semiconductor DS2153Q Datasheet HTML 3Page - Dallas Semiconductor DS2153Q Datasheet HTML 4Page - Dallas Semiconductor DS2153Q Datasheet HTML 5Page - Dallas Semiconductor DS2153Q Datasheet HTML 6Page - Dallas Semiconductor DS2153Q Datasheet HTML 7Page - Dallas Semiconductor DS2153Q Datasheet HTML 8Page - Dallas Semiconductor DS2153Q Datasheet HTML 9Page - Dallas Semiconductor DS2153Q Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
DS2153Q
6 of 52
PIN
SYMBOL
TYPE
DESCRIPTION
18
RCHBLK
O
Receive Channel Block. A user-programmable output that can be
forced high or low during any of the 32 E1 channels. Useful for
blocking clocks to a serial UART or LAPD controller in
applications where not all E1 channels are used, such as Fractional
E1, 384 kbps service (H0), 1920 kbps (H12), or ISDN-PRI. Also
useful
for
locating
individual
channels
in
drop-and-insert
applications. See Section 13 for timing details.
19
ACLKI
I
Alternate Clock Input. Upon a receive carrier loss, the clock
applied at this pin (normally 2.048 MHz) will be routed to the
RCLK pin. If no clock is routed to this pin, then it should be tied to
DVSS VIA A 1 k
Ω resistor.
20
BTS
I
Bus Type Select. Strap high to select Motorola bus timing; strap
low to select Intel bus timing. This pin controls the function of the
RD
(DS), ALE(AS), and WR (R/ W ) pins. If BTS=1, then these pins
assume the function listed in parenthesis ().
21
22
RTIP
RRING
-
Receive Tip and Ring. Analog inputs for clock recovery circuitry;
connects to a 1:1 transformer (see Section 12 for details).
23
RVDD
-
Receive Analog Positive Supply. 5.0 volts. Should be tied to
DVDD and TVDD pins.
24
RVSS
-
Receive Signal Ground. 0.0 volts. Should be tied to local ground
plane.
25
26
XTAL1
XTAL2
-
Crystal Connections. A pullable 8.192 MHz crystal must be
applied to these pins. See Section 12 for crystal specifications.
27
INT1
O
Receive Alarm Interrupt 1. Flags host controller during alarm
conditions defined in Status Register 1. Active low, open drain
output.
28
INT2
O
Receive Alarm Interrupt 2. Flags host controller during conditions
defined in Status Register 2. Active low, open drain output.
29
TTIP
-
Transmit Tip. Analog line driver output; connects to a step-up
transformer (see Section 12 for details).
30
TVSS
-
Transmit Signal Ground. 0.0 volts. Should be tied to local ground
plane.
31
TVDD
-
Transmit Analog Positive Supply. 5.0 volts. Should be tied to
DVDD and RVDD pins.
32
TRING
-
Transmit Ring. Analog line driver outputs; connects to a step-up
transformer (see Section 12 for details).


Similar Part No. - DS2153Q

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2153Q MAXIM-DS2153Q Datasheet
892Kb / 60P
   E1 Single-Chip Transceiver
REV: 01106
More results

Similar Description - DS2153Q

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9075B-1 MITEL-MT9075B-1 Datasheet
275Kb / 82P
   E1 Single Chip Transceiver
MT9075B MITEL-MT9075B Datasheet
347Kb / 78P
   E1 Single Chip Transceiver
logo
Maxim Integrated Produc...
DS2153Q MAXIM-DS2153Q Datasheet
892Kb / 60P
   E1 Single-Chip Transceiver
REV: 01106
logo
Mitel Networks Corporat...
MT9075A MITEL-MT9075A Datasheet
1,008Kb / 78P
   E1 Single Chip Transceiver
logo
Zarlink Semiconductor I...
MT9075B ZARLINK-MT9075B Datasheet
866Kb / 102P
   E1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2154 DALLAS-DS2154 Datasheet
1Mb / 87P
   Enhanced E1 Single Chip Transceiver
logo
Mitel Networks Corporat...
MT9074 MITEL-MT9074 Datasheet
372Kb / 122P
   T1/E1/J1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2155 DALLAS-DS2155_06 Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155 Datasheet
1Mb / 240P
   T1/E1/J1 Single-Chip Transceiver
100903
logo
Zarlink Semiconductor I...
MT9074 ZARLINK-MT9074_05 Datasheet
1Mb / 151P
   T1/E1/J1 Single Chip Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com