Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM3015-25MA Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # CM3015-25MA
Description  Micropower, 300mA Low Dropout CMOS Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3015-25MA Datasheet(HTML) 2 Page - California Micro Devices Corp

  CM3015-25MA Datasheet HTML 1Page - California Micro Devices Corp CM3015-25MA Datasheet HTML 2Page - California Micro Devices Corp CM3015-25MA Datasheet HTML 3Page - California Micro Devices Corp CM3015-25MA Datasheet HTML 4Page - California Micro Devices Corp CM3015-25MA Datasheet HTML 5Page - California Micro Devices Corp CM3015-25MA Datasheet HTML 6Page - California Micro Devices Corp CM3015-25MA Datasheet HTML 7Page - California Micro Devices Corp CM3015-25MA Datasheet HTML 8Page - California Micro Devices Corp CM3015-25MA Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
2
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
09/14/04
CM3015
PRELIMINARY
Note 1: Tantalum, electrolytic or low cost ceramic capacitors may be used.
PIN DESCRIPTIONS
SOT23-5
PIN(S)
SOT23-6
PIN(S)
MSOP-8
PIN(S)
NAME
DESCRIPTION
11
2
VIN
VIN is the input power source for the regulator. If this input is within a few
inches of the main supply filter, a capacitor may not be necessary. Other-
wise, an input filter capacitor of about 1-10
µF will ensure adequate filter-
ing.
2
2
5-8
GND
The negative reference for all voltages.
3
3
1
EN
Enable input. When this input is taken low (< 0.4V), the regulator is dis-
abled. In this state, the supply current will drop to near zero.
4
4
4
BYP
Reference Bypass Pin. Connect to an external capacitor for noise reduc-
tion. A 10nF-100nF size ceramic capacitor is recommended.
5
4
VSENSE
This pin sets VOUT with an external divider: VOUT = VSENSE(1+ R1/R2).
R1 is the upper resistor, like the internal divider shown on the block dia-
gram on page 1.
56
3
VOUT
VOUT is the output voltage used to power the load. An output capacitor
may not be required for stability, but its use can improve transient
response, noise performance and power supply ripple rejection for fre-
quencies over ~100kHz (see note 1).
VIN
GND
EN
VOUT
SENSE
BYP
1
2
6
5
3
4
TOP VIEW
PACKAGE / PINOUT DIAGRAM (Note 1)
Notes:
VIN
GND
EN
VOUT
BYP
1
2
5
3
4
TOP VIEW
1
2
3
4
8
7
6
5
EN
VIN
VOUT
BYP
GND
GND
GND
GND
TOP VIEW
5-PIN SOT23
CM3015-12ST,-15ST,
-18ST,-25ST,-30ST,-33ST
6-PIN SOT23
CM3015-00ST
8-PIN MSOP
CM3015-12MA,-15MA,
-18MA,-25MA,-30MA,-33MA
8-PIN MSOP
CM3015-00MA
1
2
3
4
8
7
6
5
EN
VIN
VOUT
VSENSE
GND
GND
GND
GND
TOP VIEW
2) See Ordering Information section for part marking details.
1) These drawings are not to scale.


Similar Part No. - CM3015-25MA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM3010 ETC1-CM3010 Datasheet
253Kb / 12P
   LoRaWAN??ACM
logo
Chicago Miniature Lamp,...
CM3011 CML-CM3011 Datasheet
220Kb / 1P
   S-8 Double Contact Bayonet Base
logo
Visual Communications C...
CM3011 VCC-CM3011 Datasheet
33Kb / 1P
   Contact Bayonet Base
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
CM3014-15ST CALMIRCO-CM3014-15ST Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
More results

Similar Description - CM3015-25MA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3982 NSC-LP3982 Datasheet
361Kb / 12P
   Micropower, Ultra Low-Dropout, Low-Noise, 300mA CMOS Regulator
logo
Texas Instruments
LP3981IMM-2.5 TI-LP3981IMM-2.5 Datasheet
1Mb / 21P
[Old version datasheet]   LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
LP3981ILD-3.3 TI-LP3981ILD-3.3 Datasheet
1Mb / 21P
[Old version datasheet]   LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
LP3981IMM-3.3 TI-LP3981IMM-3.3 Datasheet
1Mb / 21P
[Old version datasheet]   LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
logo
AMETHERM Circuit Protec...
AME8818 AMETHERM-AME8818 Datasheet
224Kb / 14P
   Low Dropout 300mA CMOS Regulator
logo
Analog Microelectronics
AME8818 AME-AME8818_12 Datasheet
326Kb / 25P
   Low Dropout 300mA CMOS Regulator
logo
ADDtek Corp
AMC7635 ADDTEK-AMC7635 Datasheet
154Kb / 9P
   300mA CMOS LOW DROPOUT REGULATOR
SEPTEMBER 2007
logo
National Semiconductor ...
LP3981 NSC-LP3981 Datasheet
339Kb / 11P
   Micropower, 300mA Ultra Low-Dropout CMOS Voltage
logo
Taiwan Semiconductor Co...
TS9000 TSC-TS9000 Datasheet
108Kb / 4P
   300mA CMOS Low Dropout Voltage Regulator
logo
Shenzhen Huazhimei Semi...
HM6205 HMSEMI-HM6205 Datasheet
1Mb / 7P
   300mA low dropout CMOS voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com