Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDE-1144 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # EDE-1144
Description  Keypad Encoder IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EDE-1144 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  EDE-1144 Datasheet HTML 1Page - List of Unclassifed Manufacturers EDE-1144 Datasheet HTML 2Page - List of Unclassifed Manufacturers EDE-1144 Datasheet HTML 3Page - List of Unclassifed Manufacturers EDE-1144 Datasheet HTML 4Page - List of Unclassifed Manufacturers EDE-1144 Datasheet HTML 5Page - List of Unclassifed Manufacturers EDE-1144 Datasheet HTML 6Page - List of Unclassifed Manufacturers EDE-1144 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
EDE1144 Keypad Encoder IC
Page 4/7
OVERVIEW OF OPERATION
Table One of the previous page illustrates the data that is output upon each keypress. The
following sequence is initiated upon each keypress, and is repeated if the key is held:
1. Keypress is detected
2. One scan cycle is performed
3. Parallel Outputs (D3..D0) are latched with the appropriate value
4. Data Valid signal is activated (pulled low)
5. Beeper (1KHz square wave) is activated for 45mS
6. Serial data is transmitted
This entire cycle takes 50mS (regardless of Baud rate selected). If a key is held longer than the
autorepeat delay of 660 mS, the cycle is repeated again at a rate of 5 times per second. The
following timing diagram illustrates the above sequence:
0ms
10ms
20ms
30ms
40ms
50ms
Keypress
Parallel_Outputs
Data_Valid_Output
Serial_Output
Beeper_Output
D3..D0 latched with appropriate value
45mS
50mS
1uS
(Multiple transitions are due to contact bounce)
(Square wave is not to scale)
Once a key is pressed, any additional closures (bounce) of that contact, or of any other contacts
are ignored for 50mS, during which several signals are output by the EDE1144. First, the parallel
outputs D0..D3 (Pins 6-9) are latched with the appropriate keypress value. One microsecond
later, the Data Valid Output (Pin 17) goes low, indicating that there is valid data on the parallel
output pins. Following this, the Beeper Output (Pin 18) pulse stream is generated for 45mS,
providing auditory confirmation to the keypad operator that a key has been pressed. Finally, the
RS-232 Output (Pin 1) transmits the keypress data at the Baud rate selected by the Baud rate input
select (Pin 2). After this, a variable (determined by Baud rate chosen) delay period is waited to
make the entire process to last precisely 50mS.
If a key is held longer that the autorepeat delay of 660mS, the outputs are cleared and this entire
process is repeated every 204mS until the key is released by the operator.


Similar Part No. - EDE-1144

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE1104AASE ELPIDA-EDE1104AASE Datasheet
697Kb / 65P
   1G bits DDR2 SDRAM organized as 33,554,432 words x 8 banks.
EDE1104AASE-4A-E ELPIDA-EDE1104AASE-4A-E Datasheet
697Kb / 65P
   1G bits DDR2 SDRAM organized as 33,554,432 words x 8 banks.
EDE1104AASE-5C-E ELPIDA-EDE1104AASE-5C-E Datasheet
697Kb / 65P
   1G bits DDR2 SDRAM organized as 33,554,432 words x 8 banks.
EDE1104AASE-6E-E ELPIDA-EDE1104AASE-6E-E Datasheet
697Kb / 65P
   1G bits DDR2 SDRAM organized as 33,554,432 words x 8 banks.
EDE1104ABSE ELPIDA-EDE1104ABSE Datasheet
644Kb / 82P
   1G bits DDR2 SDRAM
More results

Similar Description - EDE-1144

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2240B PTC-PT2240B_09 Datasheet
279Kb / 8P
   Encoder IC
PT4203 PTC-PT4203 Datasheet
495Kb / 4P
   Encoder IC
PT2240B PTC-PT2240B Datasheet
73Kb / 3P
   Encoder IC
logo
Texas Instruments
TCA8418 TI1-TCA8418_15 Datasheet
1Mb / 54P
[Old version datasheet]   I2C Controlled Keypad Scan IC
logo
ABCircuits
74C922-SO ABCIRCUITS-74C922-SO Datasheet
122Kb / 5P
   Keyboard / Keypad Encoder for up to 16 switches
December 2012
logo
Princeton Technology Co...
PT2240 PTC-PT2240 Datasheet
47Kb / 4P
   Programmable Encoder IC
PT2241 PTC-PT2241_06 Datasheet
357Kb / 22P
   Programmable Encoder IC
PT2241 PTC-PT2241 Datasheet
48Kb / 3P
   Programmable Encoder IC?
logo
Nippon Precision Circui...
SM3470BB NPC-SM3470BB Datasheet
474Kb / 19P
   Interpolation Encoder IC
logo
Princeton Technology Co...
PT2240 PTC-PT2240_06 Datasheet
301Kb / 15P
   Programmable Encoder IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com