Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM3015-33MA Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # CM3015-33MA
Description  Micropower, 300mA Low Dropout CMOS Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3015-33MA Datasheet(HTML) 1 Page - California Micro Devices Corp

  CM3015-33MA Datasheet HTML 1Page - California Micro Devices Corp CM3015-33MA Datasheet HTML 2Page - California Micro Devices Corp CM3015-33MA Datasheet HTML 3Page - California Micro Devices Corp CM3015-33MA Datasheet HTML 4Page - California Micro Devices Corp CM3015-33MA Datasheet HTML 5Page - California Micro Devices Corp CM3015-33MA Datasheet HTML 6Page - California Micro Devices Corp CM3015-33MA Datasheet HTML 7Page - California Micro Devices Corp CM3015-33MA Datasheet HTML 8Page - California Micro Devices Corp CM3015-33MA Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
09/14/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
1
CM3015
PRELIMINARY
Micropower, 300mA Low Dropout CMOS Regulator
Features
300mA output current capability
•300mA peak in SOT-23 package
•300mA continuous in MSOP package
300mV maximum dropout voltage at full load
Excellent line and load regulation
Stable with any output capacitor
Ultra low noise with optional bypass capacitor
Fast power-up with bypass capacitor
"Zero" current in Shutdown mode
Thermal overload protection
Foldback current limiting protection
Reverse current protection
Applications
Notebook and palmtop computers
Cell phones and battery powered devices
Consumer and personal electronics
•PC Card VCC and VPP regulation and switching
CM3015 Regulator Family
* For other output voltages, please consult factory.
Product Description
The CM3015 is a CMOS linear voltage regulator with
low quiescent current, very low dropout voltage and
better than 1% fixed output voltage accuracy. The
CM3015 ground current is typically 150µA at light loads
and only 165µA at 300mA.
Load regulation of 0.25% is maintained for peak cur-
rents up to 300mA. This is useful for supplying in-rush
currents during power-up and transient conditions. The
continuous output current is determined by power dis-
sipation, package type and board layout.
A dedicated control input (EN, Active High) has been
included for power-up sequencing flexibility. When this
input is taken low, the regulator is disabled and the
supply current will drop to near zero.
The CM3015 also features reverse current protection.
This protects the device by blocking the pass transis-
tor’s parasitic diode when the output voltage is forced
higher than the input. The device also incorporates
overload current limiting and high temperature thermal
shutdown protection.
For low noise performance and increased power sup-
ply ripple rejection, a bypass capacitor can be con-
nected to the BYP pin. Connecting this capacitor will
not significantly delay the speed of power-up.
To reduce board cost and layout size the CM3015 was
designed to be stable with or without any output capac-
itor. This includes tiny, low ESR ceramic capacitors.
The CM3015 is available in a low profile, 8-lead MSOP
package and 5 and 6-lead SOT23 packages making it
ideal for space critical applications.
PRODUCT
OUTPUT VOLTAGE*
CM3015-00
Adjustable
CM3015-12
1.2V
CM3015-15
1.5V
CM3015-18
1.8V
CM3015-25
2.5V
CM3015-28
2.8V
CM3015-30
3.0V
CM3015-33
3.3V
Block Diagram
EN
+
IN
GND
OUT
-
BYP
VREF
AMP
EN
Current
Limit
Reverse
Current
Protection
Fast
Power-Up
Enable
Control
Thermal
Overload
Active
Pulldown
R1
R2
VSENSE*
* Adjustable output version only


Similar Part No. - CM3015-33MA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM3010 ETC1-CM3010 Datasheet
253Kb / 12P
   LoRaWAN??ACM
logo
Chicago Miniature Lamp,...
CM3011 CML-CM3011 Datasheet
220Kb / 1P
   S-8 Double Contact Bayonet Base
logo
Visual Communications C...
CM3011 VCC-CM3011 Datasheet
33Kb / 1P
   Contact Bayonet Base
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
CM3014-15ST CALMIRCO-CM3014-15ST Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
More results

Similar Description - CM3015-33MA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3982 NSC-LP3982 Datasheet
361Kb / 12P
   Micropower, Ultra Low-Dropout, Low-Noise, 300mA CMOS Regulator
logo
Texas Instruments
LP3981IMM-2.5 TI-LP3981IMM-2.5 Datasheet
1Mb / 21P
[Old version datasheet]   LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
LP3981ILD-3.3 TI-LP3981ILD-3.3 Datasheet
1Mb / 21P
[Old version datasheet]   LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
LP3981IMM-3.3 TI-LP3981IMM-3.3 Datasheet
1Mb / 21P
[Old version datasheet]   LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
logo
AMETHERM Circuit Protec...
AME8818 AMETHERM-AME8818 Datasheet
224Kb / 14P
   Low Dropout 300mA CMOS Regulator
logo
Analog Microelectronics
AME8818 AME-AME8818_12 Datasheet
326Kb / 25P
   Low Dropout 300mA CMOS Regulator
logo
ADDtek Corp
AMC7635 ADDTEK-AMC7635 Datasheet
154Kb / 9P
   300mA CMOS LOW DROPOUT REGULATOR
SEPTEMBER 2007
logo
National Semiconductor ...
LP3981 NSC-LP3981 Datasheet
339Kb / 11P
   Micropower, 300mA Ultra Low-Dropout CMOS Voltage
logo
Taiwan Semiconductor Co...
TS9000 TSC-TS9000 Datasheet
108Kb / 4P
   300mA CMOS Low Dropout Voltage Regulator
logo
Shenzhen Huazhimei Semi...
HM6205 HMSEMI-HM6205 Datasheet
1Mb / 7P
   300mA low dropout CMOS voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com