Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDP1A16E Datasheet(PDF) 2 Page - Agere Systems

Part # BDP1A16E
Description  QUAD DIFFERENTIAL DRIVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

BDP1A16E Datasheet(HTML) 2 Page - Agere Systems

  BDP1A16E Datasheet HTML 1Page - Agere Systems BDP1A16E Datasheet HTML 2Page - Agere Systems BDP1A16E Datasheet HTML 3Page - Agere Systems BDP1A16E Datasheet HTML 4Page - Agere Systems BDP1A16E Datasheet HTML 5Page - Agere Systems BDP1A16E Datasheet HTML 6Page - Agere Systems BDP1A16E Datasheet HTML 7Page - Agere Systems BDP1A16E Datasheet HTML 8Page - Agere Systems BDP1A16E Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Agere Systems Inc.
Data Sheet
January 1999
BDG1A, BDP1A, BDGLA, BPNGA, BPNPA, and BPPGA
Quad Differential Drivers
Pin Information
BDG1A
BDGLA
BPNGA
BDP1A
BPNPA
BPPGA
12-2038b (F)
1
2
3
4
5
6
7
8
E1
16
15
14
13
12
11
10
9
AI
AO
AO
BO
BO
BI
GND
DO
VCC
DI
DO
E2
CO
CO
CI
A
B
C
D
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
E1
AI
AO
AO
BO
BO
BI
GND
DO
VCC
DI
DO
E2
CO
CO
CI
A
B
C
D
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
E1
AI
AO
AO
BO
BO
BI
GND
DO
VCC
DI
DO
E2
CO
CO
CI
A
B
C
D
Figure 1. Quad Differential Driver Logic Diagrams
Table 1. Enable Truth Table
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess
of those given in the operational sections of the data sheet. Exposure to absolute maximum ratings for extended
periods can adversely affect device reliability.
E1
E2
Condition
00
Active
10
Active
0
1
Disabled
11
Active
Parameter
Symbol
Min
Max
Unit
Power Supply Voltage
VCC
6.5
V
Ambient Operating Temperature
TA
−40
125
°C
Storage Temperature
Tstg
−55
150
°C


Similar Part No. - BDP1A16E

ManufacturerPart #DatasheetDescription
logo
Agere Systems
BDP1A16E AGERE-BDP1A16E Datasheet
326Kb / 16P
   Quad Differential Drivers BDG1A, BDP1A, BDGLA, BPNGA, BPNPA, and BPPGA
BDP1A16E-TR AGERE-BDP1A16E-TR Datasheet
326Kb / 16P
   Quad Differential Drivers BDG1A, BDP1A, BDGLA, BPNGA, BPNPA, and BPPGA
More results

Similar Description - BDP1A16E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96F172C NSC-DS96F172C Datasheet
328Kb / 12P
   Quad Differential Drivers
logo
Texas Instruments
TB5D2H TI-TB5D2H Datasheet
354Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB5D1M TI1-TB5D1M_17 Datasheet
697Kb / 21P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB5D1M TI1-TB5D1M Datasheet
707Kb / 21P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
logo
National Semiconductor ...
DS26F31M NSC-DS26F31M Datasheet
192Kb / 5P
   Quad High Speed Differential Line Drivers
logo
Motorola, Inc
AM26LS30 MOTOROLA-AM26LS30 Datasheet
167Kb / 14P
   DUAL DIFFERENTIAL/ QUAD SINGLE.ENDED LINE DRIVERS
logo
National Semiconductor ...
DS26F31MQML NSC-DS26F31MQML Datasheet
652Kb / 11P
   Quad High Speed Differential Line Drivers
logo
Intersil Corporation
HS-26CT31RH INTERSIL-HS-26CT31RH_12 Datasheet
317Kb / 4P
   Radiation Hardened Quad Differential Line Drivers
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
logo
Intersil Corporation
HS-26CLV31RH INTERSIL-HS-26CLV31RH_12 Datasheet
299Kb / 3P
   Radiation Hardened 3.3V Quad Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com