Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS370P Datasheet(PDF) 10 Page - Microchip Technology

Part # HCS370P
Description  KEELOQ Code Hopping Encoder
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS370P Datasheet(HTML) 10 Page - Microchip Technology

Back Button HCS370P Datasheet HTML 6Page - Microchip Technology HCS370P Datasheet HTML 7Page - Microchip Technology HCS370P Datasheet HTML 8Page - Microchip Technology HCS370P Datasheet HTML 9Page - Microchip Technology HCS370P Datasheet HTML 10Page - Microchip Technology HCS370P Datasheet HTML 11Page - Microchip Technology HCS370P Datasheet HTML 12Page - Microchip Technology HCS370P Datasheet HTML 13Page - Microchip Technology HCS370P Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
HCS370
DS41111D-page 10
Preliminary
2002 Microchip Technology Inc.
3.1
Dual Encoder Operation
The HCS370 contains two transmitter configurations
with separate serial numbers, encoder keys, discrimi-
nation values, syncronization counters, and seed val-
ues. The code word is calculated using one of two
possible encoder configurations. Most options for code
word and modulation formats can be different from
Encoder 1 and Encoder 2. However, LED and RF
transmitter options have to be the same. The SHIFT
input pin is used to select between the encoder config-
urations. A low on the SHIFT pin will select Encoder 1
and a high will select Encoder 2.
Symbol
Address
16:Bits
Description(1)
Reference
Section
WAKE
3F: ---- --10
Wake-up(1)
Value
2
Value
4.1
00
No Wake-up
01
75 ms 50%
10
50 ms 33.3%
11
100 ms 16.7%
CNTSEL
3F: ---- -2--
Counter Select
16 bits = 0
20 bits = 1
3.2.1
VLOWL
3F: ---- 3---
Low Voltage Latch Enable
Disable = 0
Enable = 1
3.2.3.1
VLOWSEL
3F: ---4 ----
Low Voltage Trip Point Select(2)
2.2 V = 0
3.2V = 1
3.2.3.1
PLLSEL
3F: --5- ----
PLL Interface Select
ASK = 0
FSK = 1
5.2
MTX
3D: ---- --10
Minimum Code Words
Value
2
Value
2.0
00
1
01
2
10
4
11
8
SOEN
3D: ---- 3---
SLEEP Output Enable
Disable = 0
Enable = 1
5.4
WAIT
3D: ---- -2--
Wait for Step-Up Regulator
Disable = 0
Enable = 1
5.2, 5.4
TSEL
3D: --54 ----
Time-out Select(1)
Value
2
Time(s)
2.0
00
0.8
01
3.2
10
12.8
11
25.6
Note 1:
All Timing values vary ±10%.
2: Voltage thresholds are ±150 mV.


Similar Part No. - HCS370P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS370 MICROCHIP-HCS370 Datasheet
956Kb / 42P
   KEELOQ짰 Code Hopping Encoder Four selectable baud rates
2011
HCS370 MICROCHIP-HCS370_11 Datasheet
956Kb / 42P
   KEELOQ짰 Code Hopping Encoder Four selectable baud rates
2011
More results

Similar Description - HCS370P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS361 MICROCHIP-HCS361 Datasheet
343Kb / 24P
   KEELOQ CODE HOPPING ENCODER
1996 - 1997
HCS320 MICROCHIP-HCS320 Datasheet
435Kb / 32P
   KEELOQ Code Hopping Encoder
2001
HCS362-I MICROCHIP-HCS362-I Datasheet
489Kb / 38P
   KEELOQ Code Hopping Encoder
01/18/02
HCS200 MICROCHIP-HCS200 Datasheet
150Kb / 16P
   KEELOQ CODE HOPPING ENCODER
1996
HCS360 MICROCHIP-HCS360 Datasheet
211Kb / 24P
   KEELOQ CODE HOPPING ENCODER
1996-1997
HCS301 MICROCHIP-HCS301 Datasheet
168Kb / 20P
   KEELOQ CODE HOPPING ENCODER
1996
HCS201 MICROCHIP-HCS201 Datasheet
383Kb / 28P
   KEELOQ Code Hopping Encoder
2001
HCS365 MICROCHIP-HCS365 Datasheet
463Kb / 34P
   KEELOQ Code Hopping Encoder
2002
HCS301 MICROCHIP-HCS301_01 Datasheet
423Kb / 30P
   KEELOQ CODE HOPPING ENCODER
2001
HCS500 MICROCHIP-HCS500 Datasheet
356Kb / 24P
   KEELOQ CODE HOPPING ENCODER
1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com