Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA3842 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HFA3842
Description  Wireless LAN Medium Access Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA3842 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HFA3842 Datasheet HTML 2Page - Intersil Corporation HFA3842 Datasheet HTML 3Page - Intersil Corporation HFA3842 Datasheet HTML 4Page - Intersil Corporation HFA3842 Datasheet HTML 5Page - Intersil Corporation HFA3842 Datasheet HTML 6Page - Intersil Corporation HFA3842 Datasheet HTML 7Page - Intersil Corporation HFA3842 Datasheet HTML 8Page - Intersil Corporation HFA3842 Datasheet HTML 9Page - Intersil Corporation HFA3842 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
Absolute Maximum Ratings
Thermal Information
Supply Voltage . .. .. .. ... .. .. .. .. .. .. .. .. .. ... .. .. .. . 3.6V
Input, Output or I/O Voltage . . . . . . . . . . . . GND -0.5V to VCC +0.5V
ESD Classification .. .. ... .. .. .. .. .. .. .. .. .. ... .. .. . Class 2
Operating Conditions
Voltage Range . . . . . . . ... .. .. .. .. .. .. .. .. .. ... .. .. ..+3.3V
Temperature Range . . . ... .. .. .. .. .. .. .. .. .. .. -40oCto 85oC
Thermal Resistance (Typical, Note 3)
θJA (oC/W)
LQFP Package.. .. .. ... .. .. .. .. .. .. .. .. .. ..
50
Maximum Storage Temperature Range .. .. .. .. .. -65oCto 150oC
Maximum Junction Temperature .. .. .. .. .. .. .. .. . . . . . . .100oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationof the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
4.
θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply Current
ICCOP
VCC = 3.6V, CLK Frequency 44MHz
-
33
45
mA
Input Leakage Current
II
VCC = Max, Input = 0V or VCC
-10
1
10
µA
Output Leakage Current
IO
VCC = Max, Input = 0V or VCC
-10
1
10
µA
Logical One Input Voltage
VIH
VCC = Max, Min
0.7VCC
--
V
Logical Zero Input Voltage
VIL
VCC = Min, Max
-
-
0.3VCC
V
Logical One Output Voltage
VOH
IOH =-1mA, VCC =Min
0.9VCC
--
V
Logical Zero Output Voltage
VOL
IOL =2mA,VCC =Min
-
0.2
0.1VCC
V
Input Capacitance
CIN
CLK Frequency 1MHz. All measurements
referenced to GND. TA =25
oC
-5
10
pF
Output Capacitance
COUT
CLK Frequency 1MHz. All measurements
referenced to GND. TA =25
oC
-5
10
pF
NOTE:
5. All values in this table have not been measured and are only estimates of the performance at this time.
AC Electrical Specifications
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
CLOCK SIGNAL TIMING
OSC Clock Period (Typ. 44MHz)
tCYC
20
20.8
200
ns
High Width
tH1
10
10.4
-
ns
Low Width
tL1
10
10.4
-
ns
EXTERNAL MEMORY INTERFACE
MOE_Setup Time From Ramcs
tS1
0-
-
ns
MOE-Setup Time From MA (17.0)
tS2
0-
-
ns
MA(18-1 Address Hold from MOE- Rising Edge
tH1
20
-
-
ns
RAMCS HoldfromMOE_RisingEdge
tH2
20
-
-
ns
MD(15:0) Enable from MOE-Falling
tE1
5-
-
ns
MD(15:0) Disable from MOE-Rising Edge
tD1
--
100
ns
EXTERNAL WRITE MEMORY INTERFACE
MA (18...0) Address Setup Time to MWE Falling Edge
tS3
0-
-
ns
RAMCS-SetuptoMWE_
tS4
0-
-
ns
MA (17.0) Hold From MWE_Rising Edge
tH2
15
-
-
ns
RAMCS_Hold From MWE_Rising Edge
tH3
15
-
-
ns
MD (15.0) Setup to MWE_Rising
tS5
40
-
-
ns
MD (15.0) Hold from MWE_Rising
tH4
15
-
-
ns
SYNTHESIZER
SYNTHCLK (PK1) Period
tCYC
83
-
4,000
ns
SYNTHCLK (PK1) Width Hi
tH1
tCYC/2 - 10
-
tCYC/2 + 10
ns
SYNTHCLK (PK1) Width Lo
tL1
tCYC/2 - 10
-
tCYC/2 + 10
ns
SYNTHDATA (PK2) Hold Time from Falling Edge of SYNTHCLK (PK1)
tD2
0-
-
ns
SYNTHCLK (PK1) Falling Edge to SYNLE Inactive
tD3
35
-
-
ns
HFA3842


Similar Part No. - HFA3842

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3842A INTERSIL-HFA3842A Datasheet
528Kb / 27P
   PCMCIA/USB Wireless LAN Medium Access Controller
HFA3842AIN INTERSIL-HFA3842AIN Datasheet
528Kb / 27P
   PCMCIA/USB Wireless LAN Medium Access Controller
HFA3842AIN-TK INTERSIL-HFA3842AIN-TK Datasheet
528Kb / 27P
   PCMCIA/USB Wireless LAN Medium Access Controller
HFA3842B INTERSIL-HFA3842B Datasheet
519Kb / 26P
   PCMCIA/USB Wireless LAN Medium Access Controller
HFA3842BIN INTERSIL-HFA3842BIN Datasheet
519Kb / 26P
   PCMCIA/USB Wireless LAN Medium Access Controller
More results

Similar Description - HFA3842

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3841 INTERSIL-HFA3841 Datasheet
211Kb / 27P
   Wireless LAN Medium Access Controller
January 2000
HFA3842A INTERSIL-HFA3842A Datasheet
528Kb / 27P
   PCMCIA/USB Wireless LAN Medium Access Controller
HFA3842B INTERSIL-HFA3842B Datasheet
519Kb / 26P
   PCMCIA/USB Wireless LAN Medium Access Controller
ISL3873A INTERSIL-ISL3873A Datasheet
778Kb / 42P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3873 INTERSIL-ISL3873 Datasheet
215Kb / 31P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3871A INTERSIL-ISL3871A Datasheet
37Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3871IK18 INTERSIL-ISL3871IK18 Datasheet
28Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3886 INTERSIL-ISL3886 Datasheet
43Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3880 INTERSIL-ISL3880 Datasheet
113Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
logo
International Rectifier
ISL3893 IRF-ISL3893 Datasheet
108Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com