Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC1052 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # HMC1052
Description  Two-Axis Magnetic Sensors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HMC1052 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  HMC1052 Datasheet HTML 1Page - List of Unclassifed Manufacturers HMC1052 Datasheet HTML 2Page - List of Unclassifed Manufacturers HMC1052 Datasheet HTML 3Page - List of Unclassifed Manufacturers HMC1052 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
E-Mail:
ssec.customer.service@honeywell.com
Web Sites: www.ssec.honeywell.com
www.magneticsensors.com
b
1
e
E
D
A
A1
E1
Symbol
A
A1
b
D
E1
e
E
L1
Min
-
0.05
0.15
2.90
2.90
0.50 BSC
4.75
0.95 BSC
Max
1.10
0.15
0.30
3.10
3.10
5.05
Min
2.0
5.9
114
114
2.0 BSC
187
37.4
Max
43
5.9
11.8
122
122
199
Millimeters
Inches x 10E-3
Arrow indicates direction of applied field that
generates a positive output voltage after an Iset.
GND (B) 1
OUT+ (B) 2
GND2 (A) 3
OUT+ (A) 4
VBRIDGE 5
10 OUT- (A)
9
GND1 (A)
8
S/R-
7
OUT- (B)
6
S/R+
A
B
S/R +
(6)
S/R -
(8)
R set/reset
Iset, -Ireset
OUT-
(10)
OUT+
(4)
VBRIDGE(5)
GND1
(9)
A
R
R
R
R
OUT-
(7)
OUT+
(2)
GND
(1)
B
R
R
R
R
GND2
(3)
HMC1052
SENSOR PRODUCTS
PINOUT DRAWINGS
MR SENSOR CIRCUIT
PACKAGE DRAWING 10-PIN MSOP
900265
1/01
Solid State Electronics Center
12001 State Highway 55
Plymouth, MN 55441
1-800-323-8295
Honeywell reserves the right to make changes to any products or technology herein to improve reliability, function or design. Honeywell does not assume any liability
arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.


Similar Part No. - HMC1052

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMC1052 ETC-HMC1052 Datasheet
330Kb / 8P
   1 AND 2-AXIS MAGNETIC SENSORS
HMC1052 ETC-HMC1052 Datasheet
151Kb / 1P
   2-AXIS MAGNETIC SENSOR
logo
Honeywell Solid State E...
HMC1052 HONEYWELL-HMC1052 Datasheet
687Kb / 12P
   1, 2 and 3 Axis Magnetic Sensors
HMC1052 HONEYWELL-HMC1052 Datasheet
895Kb / 12P
   1, 2 AND 3-AXIS MAGNETIC SENSORS
logo
List of Unclassifed Man...
HMC1052L ETC-HMC1052L Datasheet
151Kb / 1P
   2-AXIS MAGNETIC SENSOR
More results

Similar Description - HMC1052

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
HMC1001-RC HONEYWELL-ACC-HMC1001-RC Datasheet
1Mb / 15P
   1- and 2-Axis Magnetic Sensors
logo
List of Unclassifed Man...
HMC1051 ETC-HMC1051 Datasheet
330Kb / 8P
   1 AND 2-AXIS MAGNETIC SENSORS
logo
Honeywell Solid State E...
HMC1001 HONEYWELL-HMC1001 Datasheet
628Kb / 15P
   1- and 2-Axis Magnetic Sensors
logo
Honeywell Accelerometer...
HMC1021Z-RC HONEYWELL-ACC-HMC1021Z-RC Datasheet
1Mb / 15P
   1- and 2-Axis Magnetic Sensors
HMC1052L-TR HONEYWELL-ACC-HMC1052L-TR Datasheet
662Kb / 11P
   1, 2 and 3 Axis Magnetic Sensors
logo
Honeywell Solid State E...
HMC105X HONEYWELL-HMC105X Datasheet
895Kb / 12P
   1, 2 AND 3-AXIS MAGNETIC SENSORS
HMC1051 HONEYWELL-HMC1051_06 Datasheet
687Kb / 12P
   1, 2 and 3 Axis Magnetic Sensors
HMC1042L HONEYWELL-HMC1042L Datasheet
409Kb / 6P
   2-Axis Magnetic Sensor
HMC1023 HONEYWELL-HMC1023 Datasheet
465Kb / 7P
   3-AXIS MAGNETIC SENSOR
HMC1041Z HONEYWELL-HMC1041Z Datasheet
284Kb / 6P
   One-Axis Magnetic Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com