Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN28F101T-12 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # HN28F101T-12
Description  131072-word x 8-bit CMOS Flash Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HN28F101T-12 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button HN28F101T-12 Datasheet HTML 5Page - List of Unclassifed Manufacturers HN28F101T-12 Datasheet HTML 6Page - List of Unclassifed Manufacturers HN28F101T-12 Datasheet HTML 7Page - List of Unclassifed Manufacturers HN28F101T-12 Datasheet HTML 8Page - List of Unclassifed Manufacturers HN28F101T-12 Datasheet HTML 9Page - List of Unclassifed Manufacturers HN28F101T-12 Datasheet HTML 10Page - List of Unclassifed Manufacturers HN28F101T-12 Datasheet HTML 11Page - List of Unclassifed Manufacturers HN28F101T-12 Datasheet HTML 12Page - List of Unclassifed Manufacturers HN28F101T-12 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
AC Characteristics (VCC = 5 V ± 10%, VPP = VSS to VCC, Ta = 0 to +70°C)
Test Conditions
HN28F101-12
HN28F101-15 HN28F101-20
—————— —————— ——————
Test
Parameter
Symbol Min
Max
Min
Max
Min
Max
Unit
condition
———————————————————————————————————————————————–
Address to output delay
tACC
120
150
200
ns
CE = OE = VIL
———————————————————————————————————————————————–
CE to output delay
tCE
120
150
200
ns
OE = VIL
———————————————————————————————————————————————–
OE to output delay
tOE
60
70
80
ns
CE = VIL
———————————————————————————————————————————————–
OE high to output float*1
tDF
040
0
50
0
60ns
CE = VIL
———————————————————————————————————————————————–
Address to output hold
tOH
5—
5—
5
ns
CE = OE = VIL
———————————————————————————————————————————————–
Note:
1. tDF is defined as the time at which the output achieves the open circuit condition and data is no
longer driven.
Read Timing Waveform
CE
t CE
t OE
t ACC
t OH
t DF
Standby Mode
Active Mode
Standby Mode
High
Address
OE
WE
Data Out
Data Out Valid
• Input pulse levels: 0.45 V/2.4 V
• Input rise and fall times: 10 ns
• Output load: 1TTL Gate + 100 pF (Including
scope and jig.)
• Reference levels
for measuring timing: 0.8 V, 2.0 V
9
HN28F101 Series
HN28F101 Series


Similar Part No. - HN28F101T-12

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
HN28-3-A++ SLPOWER-HN28-3-A+ Datasheet
720Kb / 7P
   Commercial/Medical International Linears
HN28-3-A+G SLPOWER-HN28-3-A+G Datasheet
374Kb / 7P
   DC Power Supplies
logo
Power-One
HN28-3-AG POWER-ONE-HN28-3-AG Datasheet
478Kb / 9P
   Linear Power Supplies Data Sheet
More results

Similar Description - HN28F101T-12

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M28F101AFP MITSUBISHI-M5M28F101AFP Datasheet
96Kb / 10P
   1048576-BIT (131072-WORD BY 8-BIT) CMOS FLASH MEMORY
logo
Hitachi Semiconductor
HN29WT800 HITACHI-HN29WT800 Datasheet
180Kb / 37P
   1048576-word x 8-bit / 524288-word x 16-bit CMOS Flash Memory
HM62V8128 HITACHI-HM62V8128 Datasheet
828Kb / 11P
   131072-Word x 8-Bit Speed CMOS Static RAM
logo
Texas Instruments
SMJ28F010B TI-SMJ28F010B Datasheet
335Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS29F010 TI-TMS29F010 Datasheet
465Kb / 36P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS28F010B TI-TMS28F010B Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
logo
Sony Corporation
CXK5T81000ATM SONY-CXK5T81000ATM Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK5T81000ATN SONY-CXK5T81000ATN Datasheet
235Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
logo
Hitachi Semiconductor
HM628128LP HITACHI-HM628128LP Datasheet
755Kb / 16P
   131072-word x 8-bit High Speed CMOS Static RAM
logo
Sony Corporation
CXK5V81000ATM SONY-CXK5V81000ATM Datasheet
137Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com