Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV4622DJ Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV4622DJ
Description  32 CHANNEL SERIAL TO PARALLEL CONVERTER WITH P CHANNEL OPEN DRAIN OUTPUTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV4622DJ Datasheet(HTML) 3 Page - Supertex, Inc

  HV4622DJ Datasheet HTML 1Page - Supertex, Inc HV4622DJ Datasheet HTML 2Page - Supertex, Inc HV4622DJ Datasheet HTML 3Page - Supertex, Inc HV4622DJ Datasheet HTML 4Page - Supertex, Inc HV4622DJ Datasheet HTML 5Page - Supertex, Inc HV4622DJ Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Latch Enable
Data Valid
50%
50%
Data Input
Clock
50%
50%
50%
tSU
tH
tWH
tWL
50%
50%
tDHL
tDLH
50%
tWLE
tDLE
tSLE
50%
50%
tON
HVOUT
w/ S/R HIGH
10%
VSS
VSS-12
VSS
VSS-12
VSS
VSS-12
VSS
VSS-12
VSS
VSS-12
VSS
VOO
Data Out
VSS
Input
VSS
HVOUT
Logic Inputs
Data Out
Logic Data Output
High Voltage Output
VSS
VDD
VDD
HV4522/HV4622
Input and Output Equivalent Circuits
Switching Waveforms


Similar Part No. - HV4622DJ

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV461 SUTEX-HV461 Datasheet
306Kb / 14P
   HV461FG Ring Generator Controller IC
HV461 SUTEX-HV461 Datasheet
798Kb / 14P
   Ring Generator Controller IC
HV461FG SUTEX-HV461FG Datasheet
306Kb / 14P
   HV461FG Ring Generator Controller IC
HV461FG-G SUTEX-HV461FG-G Datasheet
798Kb / 14P
   Ring Generator Controller IC
HV461FG-G SUTEX-HV461FG-G Datasheet
909Kb / 14P
   Ring Generator Controller IC
More results

Similar Description - HV4622DJ

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV4530 SUTEX-HV4530 Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter with P-Channel Open Drain Outputs
HV4522PJ-G SUTEX-HV4522PJ-G Datasheet
628Kb / 6P
   32-Channel Serial to Parallel Converter with P-Channel Open Drain Outputs
HV5122 SUTEX-HV5122 Datasheet
451Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5522 SUTEX-HV5522_07 Datasheet
951Kb / 8P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5622PJ-G SUTEX-HV5622PJ-G Datasheet
468Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5122PJ-G SUTEX-HV5122PJ-G Datasheet
856Kb / 10P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5530PJ-G SUTEX-HV5530PJ-G Datasheet
690Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5522 SUTEX-HV5522_13 Datasheet
812Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5622 SUTEX-HV5622_13 Datasheet
800Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5522 SUTEX-HV5522 Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com