Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC62C1024L-35W Datasheet(PDF) 8 Page - Integrated Circuit Solution Inc

Part # IC62C1024L-35W
Description  128K X 8 LOW POWER CMOS STATIC RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62C1024L-35W Datasheet(HTML) 8 Page - Integrated Circuit Solution Inc

  IC62C1024L-35W Datasheet HTML 1Page - Integrated Circuit Solution Inc IC62C1024L-35W Datasheet HTML 2Page - Integrated Circuit Solution Inc IC62C1024L-35W Datasheet HTML 3Page - Integrated Circuit Solution Inc IC62C1024L-35W Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62C1024L-35W Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62C1024L-35W Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62C1024L-35W Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62C1024L-35W Datasheet HTML 8Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
Integrated Circuit Solution Inc.
ALSR006-0A
IC62C1024L
ORDERING IN.ORMATION
Commercial Range: 0°C to +70°C
Speed (ns)
Order Part No.
Package
35
IC62C1024L-35W 600mil DIP
35
IC62C1024L-35Q 450mil SOP
35
IC62C1024L-35T
8*20mm TSOP-1
45
IC62C1024L-45W 600mil DIP
45
IC62C1024L-45Q 450mil SOP
45
IC62C1024L-45T
8*20mm TSOP-1
55
IC62C1024L-55W 600mil DIP
55
IC62C1024L-55Q 450mil SOP
55
IC62C1024L-55T
8*20mm TSOP-1
70
IC62C1024L-70W 600mil DIP
70
IC62C1024L-70Q 450mil SOP
70
IC62C1024L-70T
8*20mm TSOP-1
ORDERING IN.ORMATION
Industrial Range: –40°C to +85°C
Speed (ns)
Order Part No.
Package
35
IC62C1024L-35WI 600mil DIP
35
IC62C1024L-35QI 450mil SOP
35
IC62C1024L-35TI 8*20mm TSOP-1
45
IC62C1024L-45WI 600mil DIP
45
IC62C1024L-45QI 450mil SOP
45
IC62C1024L-45TI 8*20mm TSOP-1
55
IC62C1024L-55WI 600mil DIP
55
IC62C1024L-55QI 450mil SOP
55
IC62C1024L-55TI 8*20mm TSOP-1
70
IC62C1024L-70WI 600mil DIP
70
IC62C1024L-70QI 450mil SOP
70
IC62C1024L-70TI 8*20mm TSOP-1
Integrated Circuit Solution Inc.
HEADQUARTER:
NO.2, TECHNOLOGY RD. V, SCIENCE-BASED INDUSTRIAL PARK,
HSIN-CHU, TAIWAN, R.O.C.
TEL: 886-3-5780333
.ax: 886-3-5783000
BRANCH O..ICE:
7., NO. 106, SEC. 1, HSIN-TAI 5TH ROAD,
HSICHIH TAIPEI COUNTY, TAIWAN, R.O.C.
TEL: 886-2-26962140
.AX: 886-2-26962252
http://www.icsi.com.tw
DATA RETENTION WAVE.ORM (CE2 Controlled)
VCC
CE2
≤ 0.2V
tSDR
tRDR
VDR
0.4V
CE2
GND
5.0V
3.0V
Data Retention Mode


Similar Part No. - IC62C1024L-35W

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62C1024 ICSI-IC62C1024 Datasheet
121Kb / 8P
   128K X 8 HIGH SPEED CMOS STATIC RAM
IC62C1024-35Q ICSI-IC62C1024-35Q Datasheet
121Kb / 8P
   128K X 8 HIGH SPEED CMOS STATIC RAM
IC62C1024-35QI ICSI-IC62C1024-35QI Datasheet
121Kb / 8P
   128K X 8 HIGH SPEED CMOS STATIC RAM
IC62C1024-35T ICSI-IC62C1024-35T Datasheet
121Kb / 8P
   128K X 8 HIGH SPEED CMOS STATIC RAM
IC62C1024-35TI ICSI-IC62C1024-35TI Datasheet
121Kb / 8P
   128K X 8 HIGH SPEED CMOS STATIC RAM
More results

Similar Description - IC62C1024L-35W

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A Datasheet
85Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
T15M1024A TMT-T15M1024A_04 Datasheet
87Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024L PYRAMID-P4C1024L Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
logo
List of Unclassifed Man...
IS62C1024AL-35QLI-TR ETC2-IS62C1024AL-35QLI-TR Datasheet
313Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
62C1024L ISSI-62C1024L Datasheet
65Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
IS62C1024AL ISSI-IS62C1024AL Datasheet
75Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62C1024LL ICSI-IS62C1024LL Datasheet
122Kb / 8P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15N1024A TMT-T15N1024A Datasheet
91Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Winbond
W24100 WINBOND-W24100 Datasheet
172Kb / 11P
   128K X 8 CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P3C1024L PYRAMID-P3C1024L Datasheet
114Kb / 10P
   ULTRA LOW POWER 128K x 8 CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com