Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN28F101TD-20 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HN28F101TD-20
Description  131072-word x 8-bit CMOS Flash Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HN28F101TD-20 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HN28F101TD-20 Datasheet HTML 1Page - List of Unclassifed Manufacturers HN28F101TD-20 Datasheet HTML 2Page - List of Unclassifed Manufacturers HN28F101TD-20 Datasheet HTML 3Page - List of Unclassifed Manufacturers HN28F101TD-20 Datasheet HTML 4Page - List of Unclassifed Manufacturers HN28F101TD-20 Datasheet HTML 5Page - List of Unclassifed Manufacturers HN28F101TD-20 Datasheet HTML 6Page - List of Unclassifed Manufacturers HN28F101TD-20 Datasheet HTML 7Page - List of Unclassifed Manufacturers HN28F101TD-20 Datasheet HTML 8Page - List of Unclassifed Manufacturers HN28F101TD-20 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
The Hitachi HN28F101 is a 131072-word x 8-bit
CMOS flash Memory, realizing on-board
programming. It programs or erases data with only
on-board power supply (12 V VPP supply/5 V
VCC supply). It programs data with fast program-
ming algorithm by command inputs. It has two
types of erase algorithm : automatic erase and fast
erase by command inputs. Automatic erase func-
tion can erase data automatically without external
control only by inputting trigger pulse and inform
erase completion to CPU by status polling. The
HN28F101 can control programming erase
algorithm externally.
Features
• On-board power supply (VCC/VPP)
VCC = 5 V ± 10%
VPP = VSS to VCC (Read)
VPP = 12.0 V ± 0.6 V (Erase/Program)
• Fast access time
120 ns/150 ns/200 ns (max)
• Programming function
Byte programming
Programming time: 25 µs typ/byte
Address, data, control latch function
• On-board automatic erase function
Chip erase
Erase time: 1 s typ
Address, data, control latch function
Status polling function
• Low power dissipation
ICC = 10 mA typ (Read)
ICC = 20 µA max (Standby)
IPP = 30 mA typ (Auto erase/Program)
IPP = 20 µA max (Read/Standby)
• Erasing endurance: 10,000 times
• Pin arrangement: 32-pin JEDEC standard
• Package
32-pin DIP
32-pin SOP
32-pin TSOP
32-pin PLCC
Ordering Information
Type No.
Access time Package
——————————————————————–
HN28F101P-12
120 ns
32-pin plastic
———————————————
DIP
HN28F101P-15
150 ns
(DP-32)
———————————————
HN28F101P-20
200 ns
——————————————————————–
HN28F101FP-12
120 ns
32-pin plastic
———————————————
SOP
HN28F101FP-15
150 ns
(FP-32D)
———————————————
HN28F101FP-20
200 ns
——————————————————————–
HN28F101T-12
120 ns
32-pin plastic
———————————————
TSOP
HN28F101T-15
150 ns
(TFP-32DA)
———————————————
HN28F101T-20
200 ns
————————————————–——————
HN28F101R-12
120 ns
32-pin plastic
———————————————
TSOP
HN28F101R-15
150 ns
(TFP-32DAR)
———————————————
HN28F101R-20
200 ns
——————————————————————–
HN28F101CP-12
120 ns
32-pin
———————————————
PLCC
HN28F101CP-15
150 ns
(CP-32)
———————————————
HN28F101CP-20
200 ns
——————————————————————–
HN28F101 Series
131072-word
× 8-bit CMOS Flash Memory


Similar Part No. - HN28F101TD-20

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
HN28-3-A++ SLPOWER-HN28-3-A+ Datasheet
720Kb / 7P
   Commercial/Medical International Linears
HN28-3-A+G SLPOWER-HN28-3-A+G Datasheet
374Kb / 7P
   DC Power Supplies
logo
Power-One
HN28-3-AG POWER-ONE-HN28-3-AG Datasheet
478Kb / 9P
   Linear Power Supplies Data Sheet
More results

Similar Description - HN28F101TD-20

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M28F101AFP MITSUBISHI-M5M28F101AFP Datasheet
96Kb / 10P
   1048576-BIT (131072-WORD BY 8-BIT) CMOS FLASH MEMORY
logo
Hitachi Semiconductor
HN29WT800 HITACHI-HN29WT800 Datasheet
180Kb / 37P
   1048576-word x 8-bit / 524288-word x 16-bit CMOS Flash Memory
HM62V8128 HITACHI-HM62V8128 Datasheet
828Kb / 11P
   131072-Word x 8-Bit Speed CMOS Static RAM
logo
Texas Instruments
SMJ28F010B TI-SMJ28F010B Datasheet
335Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS29F010 TI-TMS29F010 Datasheet
465Kb / 36P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS28F010B TI-TMS28F010B Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
logo
Sony Corporation
CXK5T81000ATM SONY-CXK5T81000ATM Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK5T81000ATN SONY-CXK5T81000ATN Datasheet
235Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
logo
Hitachi Semiconductor
HM628128LP HITACHI-HM628128LP Datasheet
755Kb / 16P
   131072-word x 8-bit High Speed CMOS Static RAM
logo
Sony Corporation
CXK5V81000ATM SONY-CXK5V81000ATM Datasheet
137Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com