Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN28F101RD-15 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # HN28F101RD-15
Description  131072-word x 8-bit CMOS Flash Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HN28F101RD-15 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  HN28F101RD-15 Datasheet HTML 1Page - List of Unclassifed Manufacturers HN28F101RD-15 Datasheet HTML 2Page - List of Unclassifed Manufacturers HN28F101RD-15 Datasheet HTML 3Page - List of Unclassifed Manufacturers HN28F101RD-15 Datasheet HTML 4Page - List of Unclassifed Manufacturers HN28F101RD-15 Datasheet HTML 5Page - List of Unclassifed Manufacturers HN28F101RD-15 Datasheet HTML 6Page - List of Unclassifed Manufacturers HN28F101RD-15 Datasheet HTML 7Page - List of Unclassifed Manufacturers HN28F101RD-15 Datasheet HTML 8Page - List of Unclassifed Manufacturers HN28F101RD-15 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Mode Selection
Pin
————————————————————————————————
VPP
CE
OE
WE
A9
I/O0 – I/O7
DIP, SOP, PLCC
(1)
(22)
(24)
(31)
(26)
(13 – 15, 17 – 21)
Mode
TSOP
(9)
(30)
(32)
(7)
(2)
(21 – 23, 25 – 29)
———————————————————————————————————————————————–
Read
Read
VCC*6
VIL
VIL
VIH
A9
Dout
————————————————————————————————————————––
Output disable
VCC
VIL
VIH
VIH
X
High-Z
————————————————————————————————————————––
Standby
VCC
VIH
X
X
X
High-Z
————————————————————————————————————————––
Identifier*1
VCC
VIL
VIL
VIH
VH*2
ID
———————————————————————————————————————————————–
Command
Read*3,*5
VPP
VIL
VIL
VIH
A9
Dout
program
————————————————————————————————————————––
Output disable
VPP
VIL
VIH
VIH
X
High-Z
————————————————————————————————————————––
Standby
VPP
VIH
X
X
X
High-Z
————————————————————————————————————————––
Write*4
VPP
VIL
VIH
VIL
A9
Din
———————————————————————————————————————————————–
Notes: 1. Device identifier code can be output in command programming mode. Refer to the table of
command address and data input.
2. VH: 11.5 < VH < 12.5V.
3. Data can be read when 12 V is applied to VPP. Device identifier code can be output by
command inputs.
4. Refer to the table of command address and data input. Data is programmed, erased, or verified
after mode setting by command inputs.
5. Status of automatic erase can be verified in this mode. Status outputs on I/O7. I/O0 to I/O6 are
in high impedance state.
6. X : VIH or VIL. VPP = 0 V to VCC
5
HN28F101 Series
HN28F101 Series


Similar Part No. - HN28F101RD-15

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
HN28-3-A++ SLPOWER-HN28-3-A+ Datasheet
720Kb / 7P
   Commercial/Medical International Linears
HN28-3-A+G SLPOWER-HN28-3-A+G Datasheet
374Kb / 7P
   DC Power Supplies
logo
Power-One
HN28-3-AG POWER-ONE-HN28-3-AG Datasheet
478Kb / 9P
   Linear Power Supplies Data Sheet
More results

Similar Description - HN28F101RD-15

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M28F101AFP MITSUBISHI-M5M28F101AFP Datasheet
96Kb / 10P
   1048576-BIT (131072-WORD BY 8-BIT) CMOS FLASH MEMORY
logo
Hitachi Semiconductor
HN29WT800 HITACHI-HN29WT800 Datasheet
180Kb / 37P
   1048576-word x 8-bit / 524288-word x 16-bit CMOS Flash Memory
HM62V8128 HITACHI-HM62V8128 Datasheet
828Kb / 11P
   131072-Word x 8-Bit Speed CMOS Static RAM
logo
Texas Instruments
SMJ28F010B TI-SMJ28F010B Datasheet
335Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS29F010 TI-TMS29F010 Datasheet
465Kb / 36P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS28F010B TI-TMS28F010B Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
logo
Sony Corporation
CXK5T81000ATM SONY-CXK5T81000ATM Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK5T81000ATN SONY-CXK5T81000ATN Datasheet
235Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
logo
Hitachi Semiconductor
HM628128LP HITACHI-HM628128LP Datasheet
755Kb / 16P
   131072-word x 8-bit High Speed CMOS Static RAM
logo
Sony Corporation
CXK5V81000ATM SONY-CXK5V81000ATM Datasheet
137Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com