Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM29U64000T Datasheet(PDF) 2 Page - Samsung semiconductor

Part # KM29U64000T
Description  8M x 8 Bit NAND Flash Memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM29U64000T Datasheet(HTML) 2 Page - Samsung semiconductor

  KM29U64000T Datasheet HTML 1Page - Samsung semiconductor KM29U64000T Datasheet HTML 2Page - Samsung semiconductor KM29U64000T Datasheet HTML 3Page - Samsung semiconductor KM29U64000T Datasheet HTML 4Page - Samsung semiconductor KM29U64000T Datasheet HTML 5Page - Samsung semiconductor KM29U64000T Datasheet HTML 6Page - Samsung semiconductor KM29U64000T Datasheet HTML 7Page - Samsung semiconductor KM29U64000T Datasheet HTML 8Page - Samsung semiconductor KM29U64000T Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
KM29U64000T, KM29U64000IT
FLASH MEMORY
2
8M x 8 Bit NAND Flash Memory
The KM29U64000 is a 8M(8,388,608)x8bit NAND Flash Mem-
ory with a spare 256K(262,144)x8bit. Its NAND cell provides the
most cost-effective solution for the solid state mass storage
market. A program operation programs the 528-byte page in
typically 200
µs and an erase operation can be performed in typ-
ically 2ms on an 8K-byte block. Data in the page can be read
out at 50ns cycle time per byte. The I/O pins serve as the ports
for address and data input/output as well as command inputs.
The on-chip write controller automates all program and erase
functions including pulse repetition, where required, and inter-
nal verify and margining of data. Even the write-intensive sys-
tems can take advantage of the KM29U64000
′s extended
reliability of 1,000,000 program/erase cycles by providing either
ECC(Error Correcting Code) or real time mapping-out algo-
rithm. These algorithms have been implemented in many mass
storage applications and also the spare 16 bytes of a page
combined with the other 512 bytes can be utilized by system-
level ECC.
The KM29U64000 is an optimum solution for large nonvolatile
storage applications such as solid state file storage, digital
voice recorder, digital still camera and other portable applica-
tions requiring non-volatility.
GENERAL DESCRIPTION
FEATURES
• Voltage Supply : 2.7V ~ 3.6V
• Organization
- Memory Cell Array : (8M + 256K)bit x 8bit
- Data Register : (512 + 16)bit x8bit
• Automatic Program and Erase
- Page Program : (512 + 16)Byte
- Block Erase : (8K + 256)Byte
• 528-Byte Page Read Operation
- Random Access : 7
µs(Max.)
- Serial Page Access : 50ns(Min.)
• Fast Write Cycle Time
- Program time : 200
µs(typ.)
- Block Erase time : 2ms(typ.)
• Command/Address/Data Multiplexed I/O port
• Hardware Data Protection
- Program/Erase Lockout During Power Transitions
• Reliable CMOS Floating-Gate Technology
- Endurance : 1M Program/Erase Cycles
- Data Retention : 10 years
• Command Register Operation
• 44(40) - Lead TSOP Type II (400mil / 0.8 mm pitch)
PIN CONFIGURATION
VSS
CLE
ALE
WE
WP
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
I/O0
I/O1
I/O2
I/O3
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
VCCQ
I/O4
I/O5
I/O6
I/O7
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
SE
R/B
RE
CE
VCC
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
44(40) TSOP (II)
STANDARD TYPE
NOTE : Connect all VCC, VCCQ and VSS pins of each device to power supply outputs.
Do not leave VCC or VSS disconnected.
Pin Name
Pin Function
I/O0 ~ I/O7
Data Input/Outputs
CLE
Command Latch Enable
ALE
Address Latch Enable
CE
Chip Enable
RE
Read Enable
WE
Write Enable
WP
Write Protect
SE
Spare area Enable
R/B
Ready/Busy output
VCC
Power(2.7V ~ 3.6V)
VCCQ
Output Buffer Power(2.7V~3.6V or 5.0V)
VSS
Ground
N.C
No Connection
PIN DESCRIPTION


Similar Part No. - KM29U64000T

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM29U128IT SAMSUNG-KM29U128IT Datasheet
481Kb / 26P
   16M x 8 Bit NAND Flash Memory
KM29U128T SAMSUNG-KM29U128T Datasheet
481Kb / 26P
   16M x 8 Bit NAND Flash Memory
More results

Similar Description - KM29U64000T

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F6408U0A-TCB0 SAMSUNG-K9F6408U0A-TCB0 Datasheet
347Kb / 26P
   8M x 8 Bit NAND Flash Memory
K9F6408U0M-TCB0 SAMSUNG-K9F6408U0M-TCB0 Datasheet
480Kb / 26P
   8M x 8 Bit NAND Flash Memory
KM29V64001T SAMSUNG-KM29V64001T Datasheet
1Mb / 24P
   8M X 8 BIT NAND FLASH MEMORY
KM29V64001TS SAMSUNG-KM29V64001TS Datasheet
1Mb / 22P
   8M X 8 BIT NAND FLASH MEMORY
K9F6408U0C SAMSUNG-K9F6408U0C Datasheet
784Kb / 30P
   8M x 8 Bit NAND Flash Memory
K9F6408U0B-TCB0 SAMSUNG-K9F6408U0B-TCB0 Datasheet
416Kb / 27P
   8M x 8 Bit NAND Flash Memory
K9F6408Q0C SAMSUNG-K9F6408Q0C Datasheet
499Kb / 29P
   8M x 8 Bit Bit NAND Flash Memory
K9F2808Q0C SAMSUNG-K9F2808Q0C Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
KM29V64000TS SAMSUNG-KM29V64000TS Datasheet
1Mb / 22P
   8M X 8 BIT NAND FLSH MEMORY
logo
Fujitsu Component Limit...
MB84VB2000 FUJITSU-MB84VB2000 Datasheet
314Kb / 28P
   8M (x 8/x 16) FLASH MEMORY & 8M (x 8/x 16) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com