Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC62C1024-70T Datasheet(PDF) 4 Page - Integrated Circuit Solution Inc

Part # IC62C1024-70T
Description  128K X 8 HIGH SPEED CMOS STATIC RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62C1024-70T Datasheet(HTML) 4 Page - Integrated Circuit Solution Inc

  IC62C1024-70T Datasheet HTML 1Page - Integrated Circuit Solution Inc IC62C1024-70T Datasheet HTML 2Page - Integrated Circuit Solution Inc IC62C1024-70T Datasheet HTML 3Page - Integrated Circuit Solution Inc IC62C1024-70T Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62C1024-70T Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62C1024-70T Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62C1024-70T Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62C1024-70T Datasheet HTML 8Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Integrated Circuit Solution Inc.
ALSR005-0A
1+$ + "
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
-35
-45
-55
-70
Symbol Parameter
Min. Max.
Min. Max.
Min. Max.
Min. Max.
Unit
tRC
Read Cycle Time
35
—
45
—
55
—
70
—
ns
tAA
Address Access Time
—
35
—
45
—
55
—
70
ns
tOHA
Output Hold Time
3
—
3
—
3
—
3
—
ns
tACE
CE1 Access Time
—
35
—
45
—
55
—
70
ns
tACE
CE2 Access Time
—
35
—
45
—
55
—
70
ns
tDOE
OE Access Time
—
10
—
20
—
25
—
35
ns
tLZOE  OE to Low-Z Output
0
—
0
—
0
—
0
—
ns
tHZOE  OE to High-Z Output
0
10
0
15
0
20
0
25
ns
tLZCE  CE1 to Low-Z Output
3
—
5
—
7
—
10
—
ns
tLZCE   CE2 to Low-Z Output
3
—
5
—
7
—
10
—
ns
tHZCE  CE1 or CE2 to High-Z Output
0
10
0
15
0
20
0
25
ns
Notes:
1. Test conditions assume signal transition times of 5 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V
and output loading specified in .igure 1a.
2. Tested with the load in .igure 1b. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
AC TEST CONDITIONS
Parameter
Unit
Input Pulse Level
0V to 3.0V
Input Rise and .all Times
5 ns
Input and Output Timing
1.5V
and Reference Level
Output Load
See .igures 1a and 1b
AC TEST LOADS
.igure 1a.
.igure 1b.
480
5 pF
Including
jig and
scope
255
OUTPUT
5V
480
100 pF
Including
jig and
scope
255
OUTPUT
5V


Similar Part No. - IC62C1024-70T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62C1024AL ICSI-IC62C1024AL Datasheet
142Kb / 9P
   128K x 8 Low Power CMOS SRAM
IC62C1024AL-35Q ICSI-IC62C1024AL-35Q Datasheet
142Kb / 9P
   128K x 8 Low Power CMOS SRAM
IC62C1024AL-35QI ICSI-IC62C1024AL-35QI Datasheet
142Kb / 9P
   128K x 8 Low Power CMOS SRAM
IC62C1024AL-35T ICSI-IC62C1024AL-35T Datasheet
142Kb / 9P
   128K x 8 Low Power CMOS SRAM
IC62C1024AL-35TI ICSI-IC62C1024AL-35TI Datasheet
142Kb / 9P
   128K x 8 Low Power CMOS SRAM
More results

Similar Description - IC62C1024-70T

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L1024A TMT-T14L1024A Datasheet
86Kb / 12P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Winbond
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L11 WINBOND-W24L11 Datasheet
170Kb / 11P
   128K X 8 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS62C1024 ICSI-IS62C1024 Datasheet
423Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C1024 ISSI-IS62C1024 Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12JLI-TR ISSI-IS61C1024AL-12JLI-TR Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL ISSI-IS61C1024AL Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W24L011A WINBOND-W24L011A Datasheet
131Kb / 10P
   128K X 8 High Speed CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com