Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN29F040A-55JIP Datasheet(PDF) 8 Page - Eon Silicon Solution Inc.

Part # EN29F040A-55JIP
Description  4 Megabit (512K x 8-bit) Flash Memory
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29F040A-55JIP Datasheet(HTML) 8 Page - Eon Silicon Solution Inc.

Back Button EN29F040A-55JIP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN29F040A-55JIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN29F040A-55JIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29F040A-55JIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29F040A-55JIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29F040A-55JIP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN29F040A-55JIP Datasheet HTML 10Page - Eon Silicon Solution Inc. EN29F040A-55JIP Datasheet HTML 11Page - Eon Silicon Solution Inc. EN29F040A-55JIP Datasheet HTML 12Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
This Data Sheet may be revised by subsequent versions
©2003 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
8
EN29F040A
Rev. B, Issue Date: 2004/04/01
Table 5. EN29F040A Command Definitions
1
st
Write Cycle
2
nd
Write Cycle
3
rd
Write Cycle
4
th
Write Cycle
5
th
Write Cycle
6
th
Write Cycle
Command
Sequence
Read/Reset
Write
Cycles
Req’d
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Read
1
RA
RD
Reset
1
XXXh
F0h
Read/Reset
4
555h
AAh
2AAh
55h
555h
F0h
RA
RD
AutoSelect
Manufacturer ID
4
555h
AAh
2AAh
55h
555h
90h
000h/
100h
7Fh/
1Ch
AutoSelect Device ID
4
555h
AAh
2AAh
55h
555h
90h
001h/
101h
7Fh/
04h
AutoSelect Sector
Protect Verify
4
555h
AAh
2AAh
55h
555h
90h
BA &
02h
00h/
01h
Byte Program
4
555h
AAh
2AAh
55h
555h
A0h
PA
PD
Chip Erase
6
555h
AAh
2AAh
55h
555h
80h
555h
AAh 2AAh
55h
555h
10h
Sector Erase
6
555h
AAh
2AAh
55h
555h
80h
555h
AAh 2AAh
55h
SA
30h
Sector Erase Suspend
1
xxxh
B0h
Sector Erase Resume
1
xxxh
30h
Notes:
RA = Read Address: address of the memory location to be read. This one is a read cycle.
RD = Read Data: data read from location RA during Read operation. This one is a read cycle.
PA = Program Address: address of the memory location to be programmed
PD = Program Data: data to be programmed at location PA
SA = Sector Address: address of the Sector to be erased. Address bits A18-A16 uniquely select any Sector.
The data is 00h for an unprotected sector and 01h for a protected sector.
Byte Programming Command
Programming the EN29F040A is performed on a byte-by-byte basis using a four bus-cycle operation
(two unlock write cycles followed by the Program Setup command and Program Data Write cycle).
When the program command is executed, no additional CPU controls or timings are necessary. An
internal timer terminates the program operation automatically. Address is latched on the falling edge
of CE or WE , whichever is last; data is latched on the rising edge of CE or WE , whichever is first.
The program operation is completed when EN29F040A returns the equivalent data to the
programmed location.
Programming status may be checked by sampling data on DQ7 (DATA polling) or on DQ6 (toggle
bit).
Changing data from 0 to 1 requires an erase operation.
When programming time limit is
exceeded, DQ5 will produce a logical “1” and a Reset command can return the device to Read
mode.
Chip Erase Command
Chip erase is a six-bus-cycle operation. The chip erase command sequence is initiated by writing two
unlock cycles, followed by a set-up command. Two additional unlock write cycles are then followed by the
chip erase command, which in turn invokes the Embedded Erase algorithm. The device does
not require
the system to preprogram prior to erase. The Embedded Erase algorithm automatically preprograms and
verifies the entire memory for an all zero data pattern prior to electrical erase. The system is not required
to provide any controls or timings during these operations. The Command Definitions table shows the
address and data requirements for the chip erase command sequence.


Similar Part No. - EN29F040A-55JIP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN29F040 ETC-EN29F040 Datasheet
223Kb / 32P
   4 Megabit (512K x 8-bit) Flash Memory
EN29F040-45J ETC-EN29F040-45J Datasheet
223Kb / 32P
   4 Megabit (512K x 8-bit) Flash Memory
EN29F040-45JI ETC-EN29F040-45JI Datasheet
223Kb / 32P
   4 Megabit (512K x 8-bit) Flash Memory
EN29F040-45P ETC-EN29F040-45P Datasheet
223Kb / 32P
   4 Megabit (512K x 8-bit) Flash Memory
EN29F040-45PI ETC-EN29F040-45PI Datasheet
223Kb / 32P
   4 Megabit (512K x 8-bit) Flash Memory
More results

Similar Description - EN29F040A-55JIP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN29F040 ETC-EN29F040 Datasheet
223Kb / 32P
   4 Megabit (512K x 8-bit) Flash Memory
logo
ATMEL Corporation
AT49BV040B ATMEL-AT49BV040B Datasheet
355Kb / 21P
   4-megabit (512K x 8) Flash Memory
logo
Eon Silicon Solution In...
EN29LV800C EON-EN29LV800C Datasheet
1Mb / 40P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory
logo
ATMEL Corporation
AT49F004 ATMEL-AT49F004 Datasheet
243Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49BV8192A-11TI ATMEL-AT49BV8192A-11TI Datasheet
335Kb / 16P
   8-megabit (1M x 8/512K x 6) Flash memory
AT49F8192AT-70TC ATMEL-AT49F8192AT-70TC Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49BV8192 ATMEL-AT49BV8192 Datasheet
148Kb / 13P
   8-Megabit 512K x 16 CMOS Flash Memory
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A ATMEL-AT49F040A Datasheet
248Kb / 16P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49BV004 ATMEL-AT49BV004 Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com