Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN29F512-45SCP Datasheet(PDF) 11 Page - Eon Silicon Solution Inc.

Part # EN29F512-45SCP
Description  512 Kbit (64K x 8-bit) 5V Flash Memory
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29F512-45SCP Datasheet(HTML) 11 Page - Eon Silicon Solution Inc.

Back Button EN29F512-45SCP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29F512-45SCP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29F512-45SCP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN29F512-45SCP Datasheet HTML 10Page - Eon Silicon Solution Inc. EN29F512-45SCP Datasheet HTML 11Page - Eon Silicon Solution Inc. EN29F512-45SCP Datasheet HTML 12Page - Eon Silicon Solution Inc. EN29F512-45SCP Datasheet HTML 13Page - Eon Silicon Solution Inc. EN29F512-45SCP Datasheet HTML 14Page - Eon Silicon Solution Inc. EN29F512-45SCP Datasheet HTML 15Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
This Data Sheet may be revised by subsequent versions
©2003 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
11
EN29F512
Rev. A, Issue Date: 2003/10/20
WRITE OPERATION STATUS
DQ7
DATA Polling
The EN29F512 provides DATA Polling on DQ7 to indicate to the host system the status of the
embedded operations. The DATA Polling feature is active during the Byte Programming, Sector
Erase, Chip Erase, and Erase Suspend. (See Table 6)
When the Byte Programming is in progress, an attempt to read the device will produce the
complement of the data last written to DQ7. Upon the completion of the Byte Programming, an
attempt to read the device will produce the true data last written to DQ7. For the Byte Programming,
DATA polling is valid after the rising edge of the fourth WE or CE pulse in the four-cycle sequence.
When the embedded Erase is in progress, an attempt to read the device will produce a “0” at the
DQ7 output. Upon the completion of the embedded Erase, the device will produce the “1” at the DQ7
output during the read. For Chip Erase, the DATA polling is valid after the rising edge of the sixth
WE or
CE pulse in the six-cycle sequence. For Sector Erase, DATA polling is valid after the last
rising edge of the sector erase WE or CE pulse.
DATA Polling must be performed at any address within a sector that is being programmed or
erased and not a protected sector. Otherwise, DATA polling may give an inaccurate result if the
address used is in a protected sector.
Just prior to the completion of the embedded operations, DQ7 may change asynchronously when
the output enable ( OE ) is low. This means that the device is driving status information on DQ7 at
one instant of time and valid data at the next instant of time. Depending on when the system
samples the DQ7 output, it may read the status of valid data. Even if the device has completed the
embedded operations and DQ7 has a valid data, the data output on DQ0-DQ6 may be still invalid.
The valid data on DQ0-DQ7 will be read on the subsequent read attempts.
The flowchart for DATA Polling (DQ7) is shown on Flowchart 5. The DATA Polling (DQ7) timing
diagram is shown in Figure 8.
DQ6
Toggle Bit I
The EN29F512 provides a “Toggle Bit” on DQ6 to indicate to the host system the status of the
embedded programming and erase operations. (See Table 6)
During an embedded Program or Erase operation, successive attempts to read data from the device
at any address (by toggling OE or CE) will result in DQ6 toggling between “zero” and “one”. Once
the embedded Program or Erase operation is complete, DQ6 will stop toggling and valid data will be
read on the next successive attempts. During Byte Programming, the Toggle Bit is valid after the
rising edge of the fourth WE pulse in the four-cycle sequence. For Chip Erase, the Toggle Bit is
valid after the rising edge of the sixth-cycle sequence. For Sector Erase, the Toggle Bit is valid after
the last rising edge of the Sector Erase WE pulse. The Toggle Bit is also active during the sector
erase time-out window.


Similar Part No. - EN29F512-45SCP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN29F002 ETC-EN29F002 Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
logo
Eon Silicon Solution In...
EN29F002A EON-EN29F002A Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JC EON-EN29F002AB-45JC Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JCP EON-EN29F002AB-45JCP Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JI EON-EN29F002AB-45JI Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
More results

Similar Description - EN29F512-45SCP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV512 EON-EN29LV512 Datasheet
403Kb / 35P
   512 Kbit (64K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
logo
ELAN Microelectronics C...
EM25LV512 EMC-EM25LV512 Datasheet
394Kb / 30P
   512 K (64K x 8) Bits Serial Flash Memory
logo
Winbond
W29EE512 WINBOND-W29EE512 Datasheet
153Kb / 22P
   64K X 8 CMOS FLASH MEMORY
logo
Sharp Corporation
LH28F004SU SHARP-LH28F004SU Datasheet
2Mb / 39P
   4Mbit(512Kbit x 8, 256 Kbit x 16) 5V Single Voltage Flash Memory
logo
Intel Corporation
AN28F512 INTEL-AN28F512 Datasheet
1Mb / 24P
   512K (64K x 8) CMOS FLASH MEMORY
logo
Winbond
W39L040 WINBOND-W39L040 Datasheet
334Kb / 27P
   512 K X 8 CMOS FLASH MEMORY
logo
Eon Silicon Solution In...
EN29F010 EON-EN29F010 Datasheet
429Kb / 35P
   1 Megabit (128K x 8-bit) 5V Flash Memory
logo
Sharp Corporation
LH28F800BG SHARP-LH28F800BG Datasheet
242Kb / 40P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memory
LH28F800SG SHARP-LH28F800SG Datasheet
286Kb / 42P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memory
logo
SPANSION
MBM29F004TC-70 SPANSION-MBM29F004TC-70 Datasheet
474Kb / 53P
   FLASH MEMORY CMOS 4 M (512 K X 8) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com