Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC61LV6416-10KI Datasheet(PDF) 7 Page - Integrated Circuit Solution Inc

Part # IC61LV6416-10KI
Description  64K x 16 Hight Speed SRAM with 3.3V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC61LV6416-10KI Datasheet(HTML) 7 Page - Integrated Circuit Solution Inc

  IC61LV6416-10KI Datasheet HTML 1Page - Integrated Circuit Solution Inc IC61LV6416-10KI Datasheet HTML 2Page - Integrated Circuit Solution Inc IC61LV6416-10KI Datasheet HTML 3Page - Integrated Circuit Solution Inc IC61LV6416-10KI Datasheet HTML 4Page - Integrated Circuit Solution Inc IC61LV6416-10KI Datasheet HTML 5Page - Integrated Circuit Solution Inc IC61LV6416-10KI Datasheet HTML 6Page - Integrated Circuit Solution Inc IC61LV6416-10KI Datasheet HTML 7Page - Integrated Circuit Solution Inc IC61LV6416-10KI Datasheet HTML 8Page - Integrated Circuit Solution Inc IC61LV6416-10KI Datasheet HTML 9Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
IC61LV6416
Integrated Circuit Solution Inc.
7
AHSR026-0A
09/12/2001
1
2
3
4
5
6
7
8
9
10
11
12
WRITE CYCLE SWITCHING CHARACTERISTICS(1,3) (Over Operating Range)
-8
-10
-12
-15
Symbol Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tWC
Write Cycle Time
8
10
12
15
ns
tSCE
CE to Write End
7
8
9
10
ns
tAW
Address Setup Time
7
8
9
10
ns
to Write End
tHA
Address Hold from Write End
0
0
0
0
ns
tSA
Address Setup Time
0
0
0
0
ns
tPWB
LB, UB Valid to End of Write
7
8
9
10
ns
tPWE
WE Pulse Width
7
8
9
10
ns
tSD
Data Setup to Write End
4.5
5
6
7
ns
tHD
Data Hold from Write End
0
0
0
0
ns
tHZWE(2) WE LOW to High-Z Output
4
5
6
7
ns
tLZWE(2) WE HIGH to Low-Z Output
3
3
3
3
ns
Notes:
1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V
and output loading specified in Figure 1a.
2. Tested with the load in Figure 1b. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
3. The internal write time is defined by the overlap of
CE LOW and UB or LB, and WE LOW. All signals must be in valid states to
initiate a Write, but any one can go inactive to terminate the Write. The Data Input Setup and Hold timing are referenced to the
rising or falling edge of the signal that terminates the write.


Similar Part No. - IC61LV6416-10KI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
IC61LV6432 ICST-IC61LV6432 Datasheet
210Kb / 21P
   64K x 32 Pipelined Sync. SRAM
IC61LV6432-117PQ ICST-IC61LV6432-117PQ Datasheet
210Kb / 21P
   64K x 32 Pipelined Sync. SRAM
IC61LV6432-117PQI ICST-IC61LV6432-117PQI Datasheet
210Kb / 21P
   64K x 32 Pipelined Sync. SRAM
IC61LV6432-117TQ ICST-IC61LV6432-117TQ Datasheet
210Kb / 21P
   64K x 32 Pipelined Sync. SRAM
IC61LV6432-117TQI ICST-IC61LV6432-117TQI Datasheet
210Kb / 21P
   64K x 32 Pipelined Sync. SRAM
More results

Similar Description - IC61LV6416-10KI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61LV12816 ICSI-IC61LV12816 Datasheet
150Kb / 13P
   128K x 16 Hight Speed SRAM with 3.3V
IC61LV2568 ICSI-IC61LV2568 Datasheet
252Kb / 9P
   256K x 8 Hight Speed SRAM with 3.3V
IC61LV256 ICSI-IC61LV256 Datasheet
122Kb / 9P
   32K x 8 Hight Speed SRAM with 3.3V
logo
Alliance Semiconductor ...
AS7C1026A ALSC-AS7C1026A Datasheet
151Kb / 9P
   5V/3.3V 64K X 16 CMOS SRAM
logo
Lyontek Inc.
LY61L6416 LYONTEK-LY61L6416_16 Datasheet
814Kb / 16P
   64K X 16 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A61L6316 AMICC-A61L6316 Datasheet
146Kb / 15P
   64K X 16 BIT HIGH SPEED CMOS SRAM
A616316 AMICC-A616316 Datasheet
142Kb / 15P
   64K X 16 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L6416_1008 LYONTEK-LY61L6416_1008 Datasheet
283Kb / 14P
   64K X 16 BIT HIGH SPEED CMOS SRAM
LY61L6416 LYONTEK-LY61L6416 Datasheet
181Kb / 14P
   64K X 16 BIT HIGH SPEED CMOS SRAM
logo
Integrated Device Techn...
IDT70V7288S IDT-IDT70V7288S Datasheet
144Kb / 16P
   HIGH-SPEED 3.3V 64K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com