Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISPGAL22V10C-15LJI Datasheet(PDF) 1 Page - Lattice Semiconductor

Part # ISPGAL22V10C-15LJI
Description  In-System Programmable E2CMOS PLD
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPGAL22V10C-15LJI Datasheet(HTML) 1 Page - Lattice Semiconductor

  ISPGAL22V10C-15LJI Datasheet HTML 1Page - Lattice Semiconductor ISPGAL22V10C-15LJI Datasheet HTML 2Page - Lattice Semiconductor ISPGAL22V10C-15LJI Datasheet HTML 3Page - Lattice Semiconductor ISPGAL22V10C-15LJI Datasheet HTML 4Page - Lattice Semiconductor ISPGAL22V10C-15LJI Datasheet HTML 5Page - Lattice Semiconductor ISPGAL22V10C-15LJI Datasheet HTML 6Page - Lattice Semiconductor ISPGAL22V10C-15LJI Datasheet HTML 7Page - Lattice Semiconductor ISPGAL22V10C-15LJI Datasheet HTML 8Page - Lattice Semiconductor ISPGAL22V10C-15LJI Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Specifications ispGAL22V10
1
• IN-SYSTEM PROGRAMMABLE™ (5-V ONLY)
— 4-Wire Serial Programming Interface
— Minimum 10,000 Program/Erase Cycles
— Built-in Pull-Down on SDI Pin Eliminates Discrete
Resistor on Board (ispGAL22V10C Only)
• HIGH PERFORMANCE E2CMOS® TECHNOLOGY
— 7.5 ns Maximum Propagation Delay
— Fmax = 111 MHz
— 5 ns Maximum from Clock Input to Data Output
— UltraMOS® Advanced CMOS Technology
• ACTIVE PULL-UPS ON ALL LOGIC INPUT AND I/O PINS
• COMPATIBLE WITH STANDARD 22V10 DEVICES
— Fully Function/Fuse-Map/Parametric Compatible
with Bipolar and CMOS 22V10 Devices
•E2 CELL TECHNOLOGY
— In-System Programmable Logic
— 100% Tested/100% Yields
— High Speed Electrical Erasure (<100ms)
— 20 Year Data Retention
• TEN OUTPUT LOGIC MACROCELLS
— Maximum Flexibility for Complex Logic Designs
• APPLICATIONS INCLUDE:
— DMA Control
— State Machine Control
— High Speed Graphics Processing
— Software-Driven Hardware Configuration
• ELECTRONIC SIGNATURE FOR IDENTIFICATION
DESCRIPTION
The ispGAL22V10, at 7.5ns maximum propagation delay time,
combines a high performance CMOS process with Electrically
Erasable (E2) floating gate technology to provide the industry's
first in-system programmable 22V10 device. E2 technology of-
fers high speed (<100ms) erase times, providing the ability to re-
program or reconfigure the device quickly and efficiently.
The generic architecture provides maximum design flexibility by
allowing the Output Logic Macrocell (OLMC) to be configured by
the user. The ispGAL22V10 is fully function/fuse map/parametric
compatible with standard bipolar and CMOS 22V10 devices. The
standard PLCC package provides the same functional pinout as
the standard 22V10 PLCC package with No-Connect pins being
used for the ISP interface signals.
Unique test circuitry and reprogrammable cells allow complete
AC, DC, and functional testing during manufacture. As a result,
Lattice Semiconductor delivers 100% field programmability and
functionality of all GAL products. In addition, 10,000 erase/write
cycles and data retention in excess of 20 years are specified.
FUNCTIONAL BLOCK DIAGRAM
FEATURES
PIN CONFIGURATION
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
SDO
SDI
MODE
SCLK
I/CLK
I
I
I
I
I
I
I
I
I
I
RESET
PRESET
8
10
12
14
16
16
14
12
10
8
OLMC
OLMC
OLMC
OLMC
OLMC
OLMC
OLMC
OLMC
OLMC
OLMC
PROGRAMMING
LOGIC
I
ispGAL22V10
In-System Programmable E2CMOS PLD
Generic Array Logic™
Copyright © 1997 Lattice Semiconductor Corp. All brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject
to change without notice.
LATTICE SEMICONDUCTOR CORP., 5555 Northeast Moore Ct., Hillsboro, Oregon 97124, U.S.A.
July 1997
Tel. (503) 681-0118; 1-888-ISP-PLDS; FAX (503) 681-3037; http://www.latticesemi.com
PLCC
SDO
I/O/Q
I/O/Q
I/O/Q
22 8
I
I
MODE
I
I
I
5
11
14
16
19
25
4
7
9
12
18
21
23
26
I
I/O/Q
I/O/Q
I/O/Q
Vcc
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
SDO
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I
SDI
SCLK
I/CLK
I
I
I
I
I
MODE
I
I
I
I
I
GND
1
7
14
28
22
15
ispGAL
22V10
Top View
SSOP
ispGAL22V10
Top View
isp22v10_02


Similar Part No. - ISPGAL22V10C-15LJI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPGDS14-7J LATTICE-ISPGDS14-7J Datasheet
104Kb / 8P
   in-system programmable Generic Digital SwitchTM
ISPGDS14-7P LATTICE-ISPGDS14-7P Datasheet
104Kb / 8P
   in-system programmable Generic Digital SwitchTM
ISPGDS18-7P LATTICE-ISPGDS18-7P Datasheet
104Kb / 8P
   in-system programmable Generic Digital SwitchTM
ISPGDS22 LATTICE-ISPGDS22 Datasheet
104Kb / 8P
   in-system programmable Generic Digital SwitchTM
ISPGDS22-7J LATTICE-ISPGDS22-7J Datasheet
104Kb / 8P
   in-system programmable Generic Digital SwitchTM
More results

Similar Description - ISPGAL22V10C-15LJI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
1048C LATTICE-1048C Datasheet
185Kb / 12P
   In-System Programmable High Density PLD
1048EA LATTICE-1048EA Datasheet
182Kb / 14P
   In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E_06 Datasheet
269Kb / 13P
   In-System Programmable High Density PLD
1024 LATTICE-1024 Datasheet
147Kb / 12P
   In-System Programmable High Density PLD
1024EA LATTICE-1024EA Datasheet
162Kb / 13P
   In-System Programmable High Density PLD
1032 LATTICE-1032 Datasheet
151Kb / 12P
   In-System Programmable High Density PLD
1032EA LATTICE-1032EA Datasheet
198Kb / 16P
   In-System Programmable High Density PLD
ISPLSI1048E LATTICE-ISPLSI1048E_06 Datasheet
287Kb / 17P
   In-System Programmable High Density PLD
ISPLSI3256E LATTICE-ISPLSI3256E Datasheet
251Kb / 15P
   In-System Programmable High Density PLD
ISPLSI1016EA LATTICE-ISPLSI1016EA_07 Datasheet
207Kb / 13P
   In-System Programmable High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com