Selected language     English  ▼


LA7161V Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part No. LA7161V
Description  VHF Band RF Modulator
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 2 page
background image
LA7161V
No.6081-2/5
Operating Characteristics at Ta=25°C, VCC=5V, US 3ch unless otherwise specified
Parameter
Symbol
Conditions
Ratings
min
typ
max
Unit
Supply current 1
ICC1
No signal, pin 6, high
26
37
48
mA
Supply current 2
ICC2
No signal, pin 6, low
17
25
23
mA
Regulator voltage
Vreg
No signal
3.7
3.9
4.1
V
ANT SW driver
VANT
Pin 6, high, 220
Ω load
3.2
3.5
3.8
V
RF output US
PUS
No signal
*2
84
87
90
dBµ
RF output JP
PJP
No signal, JPN 1ch
*2
83.5
86.5
89.5
dBµ
RF output TWN
PTW
No signal, TWN 13ch
*2
83
86
89
dBµ
P/S ratio
P/S
S : fp+4.5MHz
13.5
16
18.5
dB
4.5MHz 2nd harmonics
P/S2
S2 : fp+2
×4.5MHz
50
65
dB
4.5MHz 3rd harmonics
P/S3
S3 : fp+3
×4.5MHz
50
55
dB
920kHz beat
P/CB
VIN=3.58MHz, 0.6Vp-p
65
72
dB
CB : fp+920kHz
Video harmonics
P/V2
VIN=1MHz, 1Vp-p
45
65
dB
V2 : fp+2MHz
Video modulation
Mp
VIN=Stair step, 1Vp-p
75
80
85
%
White clip level
WCL
VIN=Stair step, 1.5Vp-p
88
93
98
%
Differential gain
DG
VIN=Stair step, 1Vp-p
–5
+5
%
Differential phase
DP
VIN=Stair step, 1Vp-p
–5
+5
Deg
Audio modulation
MS
AIN=1kHz, 1Vp-p
*3
90
100
110
%
Maximum audio modulation
MS max
THD<3%
400
%
Audio THD
THD
AIN=1kHz, 1Vp-p
0.4
2
%
Audio S/N
S/N
AIN=1kHz, 1Vp-p
45
52
dB
VIN=Color bar, 1Vp-p
Specifications
Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
7
V
Allowable power dissipation
Pd max
* 350
mW
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–55 to +150
°C
Note : When mounted on a glass epoxy resin circuit board (114.3mm
× 76.1mm × 1.6mm)
Operating Conditions at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
5V
Operating voltage range
VCC op
4.5 to 5.5
V
Notes
*2 : Measure the pin RF OUT with a spectrum analyzer of 50
Ω input impedance and add 9.5 dB to that value.
*3 : 100%=±25kHz modulation.




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NJM2519ARF Modulator for VHF Band 1 2 3 4 5 MoreNew Japan Radio
NJM2536ARF Modulator for VHF Band 1 2 3 4 5 MoreNew Japan Radio
LA7160MVHF Band RF Modulator 1 2 3 Sanyo Semicon Device
2SC2094NPN EPITAXIAL PLANAR TYPE for RF power amplifiers in VHF band Mobile radio applications 1 2 3 Mitsubishi Electric Semiconductor
1SS268DIODE VHF TUNER BAND SWITCH APPLICATIONS 1 2 Toshiba Semiconductor
1SV307DIODE VHF TUNER BAND SWITCH APPLICATIONS 1 2 Toshiba Semiconductor
2SK161N CHANNEL JUNCTION TYPE FM TUNER VHF BAND AMPLIFIER APPLICATIONS 1 2 3 4 Toshiba Semiconductor
HSC277Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch 1 2 3 4 5 MoreHitachi Semiconductor
KTC3770SEPITAXIAL PLANAR NPN TRANSISTOR VHF/UHF WIDE BAND AMPLIFIER 1 2 3 4 5 KEC(Korea Electronics)
2SC5772Silicon NPN Epitaxial UHF / VHF wide band amplifier 1 2 3 4 5 MoreHitachi Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl