Selected language     English  â–¼


LA7161V Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part No. LA7161V
Description  VHF Band RF Modulator
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 3 page
background image
LA7161V
No.6081-3/5
Test Circuit (US CH)
15
16
14
13
12
11
10
9
12
3
4
5
6
7
8
A11862
RF OUT
+VCC (5V)
AUDIO IN
18pF
10k
Ω
4MHz
VIDEO IN
ANT.SW
DRIVE
LA7161V
RF OFF
(Hi : RF work)
CHANNEL
Citizen
CMR-310
15
16
14
13
12
11
10
9
12
3
4
5
6
7
8
A11861
BIAS
REG
4.0V
RF
OSC
ANT SW
DRIVER
RF
MIXER
PLL
FM
OSC
WHITE
CLIP
CARRIER
OFF SW
REF
OSC
PLL
CHANNEL
CLAMP
BUF
BUF
OFF
OFF
Equivalent Circuit Block Diagram




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NJM2519ARF Modulator for VHF Band 1 2 3 4 5 MoreNew Japan Radio
NJM2536ARF Modulator for VHF Band 1 2 3 4 5 MoreNew Japan Radio
LA7160MVHF Band RF Modulator 1 2 3 Sanyo Semicon Device
2SC2094NPN EPITAXIAL PLANAR TYPE for RF power amplifiers in VHF band Mobile radio applications 1 2 3 Mitsubishi Electric Semiconductor
1SS268DIODE VHF TUNER BAND SWITCH APPLICATIONS 1 2 Toshiba Semiconductor
1SV307DIODE VHF TUNER BAND SWITCH APPLICATIONS 1 2 Toshiba Semiconductor
2SK161N CHANNEL JUNCTION TYPE FM TUNER VHF BAND AMPLIFIER APPLICATIONS 1 2 3 4 Toshiba Semiconductor
HSC277Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch 1 2 3 4 5 MoreHitachi Semiconductor
KTC3770SEPITAXIAL PLANAR NPN TRANSISTOR VHF/UHF WIDE BAND AMPLIFIER 1 2 3 4 5 KEC(Korea Electronics)
2SC5772Silicon NPN Epitaxial UHF / VHF wide band amplifier 1 2 3 4 5 MoreHitachi Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl