Selected language     English  ▼


LA7161V Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part No. LA7161V
Description  VHF Band RF Modulator
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 4 page
background image
LA7161V
No.6081-4/5
Sample Application Circuit (US, JPN CH)
Sample Application Circuit (TWN CH)
15
16
14
13
12
11
10
9
12
3
4
5
6
7
8
A11863
RF OUT
+VCC (5V)
AUDIO IN
XXP
US:18pF
JPN:15pF
4MHz
Citizen
CMR-310
VIDEO IN
ANT.SW
DRIVE
LA7161V
CHANNEL
OPEN:US 3CH
GND:US 4CH
OPEN:JPN 1CH
GND:JPN 2CH
RF OFF
(Low ACTIVE)
8.2k
(JPN:SHORT)
10k
~
15
16
14
13
12
11
10
9
12
3
4
5
6
7
8
A11864
RF OUT
+VCC (5V)
AUDIO IN
18pF
270k
4MHz
(3.58MHz)
Citizen
CMR-310
VIDEO IN
ANT.SW
DRIVE
LA7161V
4MHz:OPEN
fSC=3.58MHz:GND
RF OFF
(Low ACTIVE)
REF




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NJM2519ARF Modulator for VHF Band 1 2 3 4 5 MoreNew Japan Radio
NJM2536ARF Modulator for VHF Band 1 2 3 4 5 MoreNew Japan Radio
LA7160MVHF Band RF Modulator 1 2 3 Sanyo Semicon Device
2SC2094NPN EPITAXIAL PLANAR TYPE for RF power amplifiers in VHF band Mobile radio applications 1 2 3 Mitsubishi Electric Semiconductor
1SS268DIODE VHF TUNER BAND SWITCH APPLICATIONS 1 2 Toshiba Semiconductor
1SV307DIODE VHF TUNER BAND SWITCH APPLICATIONS 1 2 Toshiba Semiconductor
2SK161N CHANNEL JUNCTION TYPE FM TUNER VHF BAND AMPLIFIER APPLICATIONS 1 2 3 4 Toshiba Semiconductor
HSC277Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch 1 2 3 4 5 MoreHitachi Semiconductor
KTC3770SEPITAXIAL PLANAR NPN TRANSISTOR VHF/UHF WIDE BAND AMPLIFIER 1 2 3 4 5 KEC(Korea Electronics)
2SC5772Silicon NPN Epitaxial UHF / VHF wide band amplifier 1 2 3 4 5 MoreHitachi Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl