Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF13509 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LF13509
Description  8-Channel Analog Multiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF13509 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LF13509 Datasheet HTML 1Page - National Semiconductor (TI) LF13509 Datasheet HTML 2Page - National Semiconductor (TI) LF13509 Datasheet HTML 3Page - National Semiconductor (TI) LF13509 Datasheet HTML 4Page - National Semiconductor (TI) LF13509 Datasheet HTML 5Page - National Semiconductor (TI) LF13509 Datasheet HTML 6Page - National Semiconductor (TI) LF13509 Datasheet HTML 7Page - National Semiconductor (TI) LF13509 Datasheet HTML 8Page - National Semiconductor (TI) LF13509 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Positive Supply b Negative Supply (VCCbVEE)
36V
Positive Analog Input Voltage (Note 1)
VCC
Negative Analog Input Voltage (Note 1)
b
VEE
Positive Digital Input Voltage
VCC
Negative Digital Input Voltage
b
5V
Analog Switch Current
lISlk10 mA
Power Dissipation (PD at 25 C)
(Notes27)
Molded DIP (N)
PD
500 mW
Cavity DIP (D)
PD
900 mW
Small Outline (SO) PD
500 mW
Maximum Junction Temperature (TjMAX)
100 C
Operating Temperature Range
0 CsTAs a70 C
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature
D Package (Soldering 10 seconds)
300 C
N Package (Soldering 10 seconds)
260 C
Surface Mount Package (SO)
Vapor Phase (60 seconds)
215 C
Infrared (15 seconds)
220 C
Electrical Characteristics (Note 3)
LF13508
Symbol
Parameter
Conditions
LF13509
Units
Min
Typ
Max
RON
‘‘ON’’ Resistance
VOUTe0V ISe100 mATAe25 C
380
650
X
500
850
X
D
RON
D
RON with Analog Voltage
b
10VsVOUTsa10V ISe100 mATAe25 C
001
1
%
Swing
RON Match
RON Match Between Switches
VOUTe0V ISe100 mATAe25 C
20
150
X
IS(OFF)
Source Current in ‘‘OFF’’
Switch ‘‘OFF’’ VSe11 VDeb11
TAe25 C5
nA
Condition
(Note 4)
009
50
nA
ID(OFF)
Drain Current in ‘‘OFF’’
Switch ‘‘OFF’’ VSe11 VDeb11
TAe25 C20
nA
Condition
(Note 4)
06
500
nA
ID(ON)
Leakage Current in ‘‘ON’’
Switch ‘‘ON’’ VDe11V (Note 4)
TAe25 C20
nA
Condition
1
500
nA
VINH
Digital ‘‘1’’ Input Voltage
20
V
VINL
Digital ‘‘0’’ Input Voltage
07
V
IINL
Digital ‘‘0’’ Input Current
VINe07V
TAe25 C
15
30
m
A
40
m
A
IINL(EN)
Digital ‘‘0’’ Enable Current
VENe07V
TAe25 C
12
30
m
A
40
m
A
tTRAN
Switching Time of Multiplexer
(Figure 1) (Note 5)
TAe25 C
18
m
s
tOPEN
Break-Before-Make
(Figure 3)
TAe25 C
16
m
s
tON(EN)
Enable Delay ‘‘ON’’
(Figure 2)
TAe25 C
16
m
s
tOFF(EN)
Enable Delay ‘‘OFF’’
(Figure 2)
TAe25 C
02
m
s
ISO(OFF)
‘‘OFF’’ Isolation
(Note 6)
TAe25 C
b
66
dB
CT
Crosstalk
LF13509 Series (Note 6)
TAe25 C
b
66
dB
CS(OFF)
Source Capacitance (‘‘OFF’’)
Switch ‘‘OFF’’ VOUTe0V
TAe25 C
22
pF
VSe0V
CD(OFF)
Drain Capacitance (‘‘OFF’’)
Switch ‘‘OFF’’ VOUTe0V
TAe25 C
114
pF
VSe0V
ICC
Positive Supply Current
All Digital Inputs Grounded
TAe25 C
74
12
mA
79
15
mA
IEE
Negative Supply Current
All Digital Inputs Grounded
TAe25 C
27
5
mA
28
6
mA
2


Similar Part No. - LF13509

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
LF13-WBJ-11P HIROSE-LF13-WBJ-11P Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
LF13-WBJ-11S HIROSE-LF13-WBJ-11S Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
LF13-WBJ-12P HIROSE-LF13-WBJ-12P Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
LF13-WBJ-12S HIROSE-LF13-WBJ-12S Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
LF13-WBJ-20P HIROSE-LF13-WBJ-20P Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
More results

Similar Description - LF13509

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC4051MX FAIRCHILD-74VHC4051MX Datasheet
441Kb / 16P
   8-Channel Analog Multiplexer
MM74HC4051 FAIRCHILD-MM74HC4051 Datasheet
120Kb / 11P
   8-Channel Analog Multiplexer . Dual 4-Channel Analog Multiplexer . Triple 2-Channel Analog Multiplexer
74VHC4051 FAIRCHILD-74VHC4051 Datasheet
108Kb / 11P
   8-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer, Triple 2-Channel Analog Multiplexer
logo
Rohm
BU4051BC ROHM-BU4051BC Datasheet
76Kb / 6P
   8-channel analog multiplexer / demultiplexer
logo
Hitachi Semiconductor
HD14051B HITACHI-HD14051B Datasheet
92Kb / 8P
   8-channel Analog Multiplexer/Demultiplexer
logo
Renesas Technology Corp
HD74LV4051A RENESAS-HD74LV4051A_15 Datasheet
145Kb / 14P
   8-channel Analog Multiplexer / Demultiplexer
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051_15 Datasheet
289Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Harris Corporation
IH6208 HARRIS-IH6208 Datasheet
63Kb / 7P
   8-Channel CMOS Analog Multiplexer
logo
NXP Semiconductors
74HC4051D NXP-74HC4051D Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Nexperia B.V. All right...
HEF4051B NEXPERIA-HEF4051B Datasheet
293Kb / 18P
   8-channel analog multiplexer/demultiplexer
Rev. 13 - 29 July 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com